Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D24125 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # D24125
Description  120/240, 480 Vac / AC Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D24125 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  D24125 Datasheet HTML 1Page - List of Unclassifed Manufacturers D24125 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
160
80
40
120
0
30
60
120
0
90
20
40
60
80
Load Current [Arms]
Max Ambient Temp. [ºC]
100
110
120
125A
.5ºC/W
.4ºC/W
90
1ºC/W
.2ºC/W
160
80
40
120
0
30
60
120
0
90
20
40
60
80
Load Current [Arms]
Max Ambient Temp. [ºC]
100
110
120
110A
.5ºC/W
.4ºC/W
90
1ºC/W
.2ºC/W
1.87
(47.5)
.78
(19.8)
2.30
(58.4)
1.70
(43.2)
.90
(22.9)
.45
(11.4)
1.10
(27.9)
8-32 TERMINAL
(2 PLACES )
1.00
(25.4)
6-32 TERMINAL
(2 PLACES)
1.80
(45.7)
SOLID-STATE RELAY
12
OUTPUT
3
4
+
--
INPUT
MOUNTING
HOLE/SLOT
0.17 (4.3) DIA.
BASE PLATE
.125 (3.2)
FastFax Document No. 152
110/125.040898, PAGE 2 OF 2
CURRENT DERATING CURVES
Series 1 - 110/125A
120/240, 480 Vac • AC Output
AVAILABLE OPTIONS
E
24 Vac Input (18-36 Vac)
Example: A24110E
-10
Random Turn-On (AC & DC Control)
Phase Controllable (DC Control)
Example: D24110-10
GENERAL SPECIFICATIONS
Dielectric Strength 50/60Hz Input/Output/Base
4000 Vrms
Insulation Resistance (Min.) @ 500 Vdc
109 Ohm
Max. Capacitance Input/Output
8 pF
Ambient Operating Temperature Range
-40 to 80ºC
Ambient Storage Temperature Range
-40 to 125ºC
MECHANICAL SPECIFICATIONS
Weight: (typical)
3.0 oz. (86.5g)
Encapsulation:
Thermally Conductive Epoxy
Terminals:
Screws and Saddle Clamps Furnished, Unmounted
APPROVALS
UL
E116950
Crydom Heat Sinks offer excellent
thermal management and are per-
fectly matched to the load current
ratings of Crydom panel mount
relays. Request Crydom’s Heat Sink
specification sheet for all the details.
9002
©1998 CRYDOM CORP, Specifications subject to change without notice.
For recommended applications and more information contact:
USA: (800) 8 CRYDOM • (800) 827-9366 • (619) 715-7200 • fax (619) 715-7280
Crydom Corp, 9525 Chesapeake Drive, San Diego, CA 92123 • e-mail: sales@crydom.com
WEB SITE: http://www.crydom.com FASTFAX Product Information: (888) 267-9191
UK: (44)1202 812300 • fax (44)1202 812340 Crydom International Ltd., 85, Condor Close,
Woolsbridge Industrial Estate, Three-Legged Cross. Wimborne, Dorset, England BH21 6SU
GERMANY: (49)871 935405 • fax (49)871 935407, Aussere Parkstr.5, D-84032 Altdorf, Germany
Screw Torque Requirements:
6-32 Screws - 10 in./lbs.,
8-32 and 10-32 Screws - 20in./lbs.
(Screws dry without grease.)
All dimensions are in inches (millimeters)


Similar Part No. - D24125

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
D24125 CRYDOM-D24125 Datasheet
748Kb / 5P
   SCR output for heavy industrial loads
D24125 CRYDOM-D24125 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
D24125 CRYDOM-D24125 Datasheet
822Kb / 6P
   panel mount
D24125 CRYDOM-D24125 Datasheet
759Kb / 8P
   Ratings from 10A to 125A @ 24-280 VAC
D24125 CRYDOM-D24125 Datasheet
1,017Kb / 8P
   Panel Mount
More results

Similar Description - D24125

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EZ240A12 ETC1-EZ240A12 Datasheet
56Kb / 2P
   5-18Amp 120/240, 480 Vac AC Output
H12D4825DE ETC1-H12D4825DE Datasheet
37Kb / 2P
   25-40Amp 120/240, 480 Vac AC OUTPUT
CX240A5 ETC1-CX240A5 Datasheet
33Kb / 2P
   5Amp 120/240, 380, 480 Vac AC Output SIP
PF240A25 ETC1-PF240A25 Datasheet
36Kb / 2P
   Up to 25Amp 120/240, 380, 480 Vac AC Output
TD2420Q ETC1-TD2420Q Datasheet
34Kb / 2P
   20Amp 120/240 Vac AC Output
CSD2410 ETC1-CSD2410 Datasheet
45Kb / 3P
   10-90Amp 120/240 Vac AC OUTPUT
S218 ETC1-S218 Datasheet
23Kb / 1P
   8 Amp 120, 240 Vac AC Output
S312 ETC1-S312 Datasheet
23Kb / 1P
   3 Amp 120, 240 Vac AC Output
D2W202F ETC1-D2W202F Datasheet
23Kb / 1P
   2-3.5 Amps 120/240 Vac AC Output SIP
H12CD4850 ETC1-H12CD4850 Datasheet
81Kb / 3P
   50-90Amp 480 Vac AC Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com