Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RXE300 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RXE300
Description  PolySwitch RXE device
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RXE300 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RXE300 Datasheet HTML 4Page - List of Unclassifed Manufacturers RXE300 Datasheet HTML 5Page - List of Unclassifed Manufacturers RXE300 Datasheet HTML 6Page - List of Unclassifed Manufacturers RXE300 Datasheet HTML 7Page - List of Unclassifed Manufacturers RXE300 Datasheet HTML 8Page - List of Unclassifed Manufacturers RXE300 Datasheet HTML 9Page - List of Unclassifed Manufacturers RXE300 Datasheet HTML 10Page - List of Unclassifed Manufacturers RXE300 Datasheet HTML 11Page - List of Unclassifed Manufacturers RXE300 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
4
Raychem Circuit Protection Devices
RXE Devices
173
Tape and reel specifications (dimensions in millimeters)
Product availability: RXE010–RXE185
Devices taped using EIA468–B/IEC286-2 standards. See table below and Figures 1 and 2 for details.
Dimension
EIA
IEC
Dimensions
description
mark
mark
Dim. (mm)
Tol. (mm)
Carrier tape width
W
W
18
–0.5/+1.0
Hold down tape width
W4
W0
11
min.
Top distance between tape edges
W6
W2
3
max.
Sprocket hole position
W5
W1
9
–0.5/+0.75
Sprocket hole diameter*
D0
D0
4
–0.32/+0.2
Abscissa to plane (straight lead)
H
H
18.5
± 3.0
Abscissa to plane (kinked lead)
H0
H0
16
± 0.5
Abscissa to top: RXE010-RXE090
H1
H1
32.2
max.
Abscissa to top: RXE110-RXE185*
H1
H1
37.6
max.
Overall width w/lead protrusion: RXE10-RXE90
C1
43.2
max.
Overall width w/o lead protrusion: RXE135-RXE185*
C2
46.6
max.
Lead protrusion
L1
I1
1.0
max.
Protrusion of cutout
L
L
11
max.
Protrusion beyond hold-down tape
l2
l2
Not specified
Sprocket hole pitch: RXE010-RXE090
P0
P0
12.7
±0.3
Sprocket hole pitch*
P0
P0
25.5
±0.5
Pitch tolerance
20 consec.
±1
Device pitch: RXE010-RXE090
12.7
Device pitch: RXE110-RXE185
25.4
Tape thickness
t
t
0.9
max.
Tape thickness with splice
t1
2.0
max.
Splice sprocket hole alignment
0
±0.3
Body lateral deviation
h
h
0
±1.0
Body tape plane deviation
p
p
0
±1.3
Ordinate to adjacent component lead*
P1
P1
3.81
±1.0
Lead spacing*
F
F
5.08
±0.8
Reel width: RXE090-RXE135*
w2
w
56
max.
Reel width: RXE160-RXE185*
w2
w
63.5
max.
Reel diameter
a
d
370
max.
Space between flanges less device*
w1
4.75
-3.25/+9.25
Arbor hole diameter
cf
26
±12.0
Core diameter*
n
h
91
max.
Box
56/372/372
max.
Consecutive missing places
None
Empty places per reel
0.1% max.
* Differs from EIA specification.
RXE
Radial Leaded
RXE(7)
1/15/99 11:44 AM
Page 173


Similar Part No. - RXE300

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RXE300 MACOM-RXE300 Datasheet
20Kb / 1P
   PolySwitch PTC Devices
More results

Similar Description - RXE300

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TR600-150-RB MACOM-TR600-150-RB Datasheet
88Kb / 1P
   PolySwitch PTC Devices, Overcurrent Protection Device
NANOSMDC035F-2 MACOM-NANOSMDC035F-2 Datasheet
103Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
TR250-120 MACOM-TR250-120 Datasheet
18Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
MINISMDE190 MACOM-MINISMDE190 Datasheet
16Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
NANOSMDM100 MACOM-NANOSMDM100 Datasheet
28Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
logo
List of Unclassifed Man...
LR4-260 ETC1-LR4-260 Datasheet
15Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
logo
Tyco Electronics
LVR040S MACOM-LVR040S Datasheet
87Kb / 2P
   PolySwitch PTC Devices Overcurrent Protection Device
TR600-160 MACOM-TR600-160 Datasheet
94Kb / 1P
   PolySwitch PTC Devices, Overcurrent Protection Device
TSM600-250-RA MACOM-TSM600-250-RA Datasheet
22Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
NANOSMDM050 MACOM-NANOSMDM050 Datasheet
29Kb / 1P
   PolySwitch PTC Devices Overcurrent Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com