Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58611U Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY58611U
Description  3.2Gbps Precision, LVPECL 2:1 MUX with Internal Termination and Fail Safe Input
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58611U Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY58611U Datasheet HTML 2Page - Micrel Semiconductor SY58611U Datasheet HTML 3Page - Micrel Semiconductor SY58611U Datasheet HTML 4Page - Micrel Semiconductor SY58611U Datasheet HTML 5Page - Micrel Semiconductor SY58611U Datasheet HTML 6Page - Micrel Semiconductor SY58611U Datasheet HTML 7Page - Micrel Semiconductor SY58611U Datasheet HTML 8Page - Micrel Semiconductor SY58611U Datasheet HTML 9Page - Micrel Semiconductor SY58611U Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Micrel, Inc.
SY58610U
November 2006
6
M9999-111406-A
hbwhelp@micrel.com or (408) 955-1690
Functional Description
Fail-Safe Input (FSI)
The input includes a special fail-safe circuit to sense
the amplitude of the input signal and to latch the
outputs when there is no input signal present, or
when the amplitude of the input signal drops
sufficiently below 100mVPK (200mVPP), typically
30mVPK. Maximum frequency of the SY58610U is
limited by the FSI function.
Input Clock Failure Case
If the input clock fails to a floating, static, or extremely
low signal swing, such that the voltage swing across
the input pair is less than 100mV, the FSI function will
eliminate a metastable condition and latch the outputs
to the last valid state. No ringing and no undetermined
state will occur at the output under these conditions.
The output recovers to normal operation once the
input signal returns to a valid state with a swing
greater than 100mV.
Note that the FSI function will not prevent duty cycle
distortion in case of a slowly deteriorating (but still
toggling) input signal. Due to the FSI function, the
propagation delay will depend on rise and fall time of
the input signal and on its amplitude. Refer to “Typical
Operating Characteristics” for detailed information.
Timing Diagrams
Figure 1a. Fail Safe Feature
Figure 1b. Propagation Delay IN-to-Q


Similar Part No. - SY58611U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58611U MICREL-SY58611U Datasheet
606Kb / 13P
   3.2Gbps Precision, LVDS 2:1 MUX with Internal Termination and Fail Safe Input
SY58611UMG MICREL-SY58611UMG Datasheet
606Kb / 13P
   3.2Gbps Precision, LVDS 2:1 MUX with Internal Termination and Fail Safe Input
SY58611UMGTR MICREL-SY58611UMGTR Datasheet
606Kb / 13P
   3.2Gbps Precision, LVDS 2:1 MUX with Internal Termination and Fail Safe Input
More results

Similar Description - SY58611U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58611U MICREL-SY58611U Datasheet
606Kb / 13P
   3.2Gbps Precision, LVDS 2:1 MUX with Internal Termination and Fail Safe Input
SY58604U MICREL-SY58604U_08 Datasheet
585Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58604U MICREL-SY58604U Datasheet
660Kb / 13P
   3.2Gbps Precision, LVPECL Buffer with Internal Termination and Fail Safe Input
SY58607U MICREL-SY58607U Datasheet
667Kb / 13P
   3.2Gbps Precision, 1:2 LVPECL Fanout Buffer with Internal Termination and Fail Safe Input
SY89467U MICREL-SY89467U Datasheet
564Kb / 15P
   Precision LVPECL 1:20 Fanout with 2:1 MUX and Internal Termination with Fail-Safe Input
SY89846U MICREL-SY89846U Datasheet
702Kb / 15P
   1.5GHz Precision, LVPECL 1:5 Fanout with 2:1 MUX and Fail Safe Input with Internal Termination
SY58608U MICREL-SY58608U Datasheet
282Kb / 12P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58609U MICREL-SY58609U Datasheet
823Kb / 14P
   4.25Gbps Precision, CML 2:1 MUX with Internal Termination and Fail Safe Input
SY58608U MICREL-SY58608U_14 Datasheet
918Kb / 14P
   3.2Gbps Precision, 1:2 LVDS Fanout Buffer with Internal Termination and Fail Safe Input
SY58605U MICREL-SY58605U Datasheet
633Kb / 12P
   3.2Gbps Precision, LVDS Buffer with Internal Termination and Fail Safe Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com