Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCF85116-3 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF85116-3
Description  2048 x 8-bit CMOS EEPROM with I2C-bus interface
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF85116-3 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF85116-3 Datasheet HTML 2Page - NXP Semiconductors PCF85116-3 Datasheet HTML 3Page - NXP Semiconductors PCF85116-3 Datasheet HTML 4Page - NXP Semiconductors PCF85116-3 Datasheet HTML 5Page - NXP Semiconductors PCF85116-3 Datasheet HTML 6Page - NXP Semiconductors PCF85116-3 Datasheet HTML 7Page - NXP Semiconductors PCF85116-3 Datasheet HTML 8Page - NXP Semiconductors PCF85116-3 Datasheet HTML 9Page - NXP Semiconductors PCF85116-3 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Philips Semiconductors
PCF85116-3
2048
× 8-bit CMOS EEPROM with I2C-bus interface
Product data
Rev. 04 — 25 October 2004
6 of 21
9397 750 14217
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
The master receiver must generate an acknowledge after the reception of each byte
that has been clocked out of the slave transmitter.
The device that acknowledges has to pull down the SDA line during the acknowledge
clock pulse in such a way that the SDA line is stable LOW during the HIGH period of
the acknowledge related clock pulse.
Set-up and hold times must be taken into account. A master receiver must signal an
end of data to the slave transmitter by not generating an acknowledge on the last byte
that has been clocked out of the slave. In this event, the transmitter must leave the
data line HIGH to enable the master generation of the STOP condition.
8.1.3
Device addressing
Following a START condition, the bus master must output the address of the slave it
is accessing. The four MSBs of the slave address are the device type identifier (see
Figure 3). For the PCF85116-3 this is fixed to ‘1010’.
The next three significant bits of the slave address field (B3, B2, B1) are the block
selection bits. It is used by the host to select one out of eight blocks
(1 block = 256 bytes of memory). These are, in effect, the three most significant bits
of the word address.
The last bit of the slave address (R/W) defines the operation to be performed. When
R/W is set to logic 1, a read operation is selected.
8.1.4
Write operations
Byte/word write: For a write operation, the PCF85116-3 requires a second address
field. This address field is a word address providing access to any one of the eight
blocks of memory. Upon receipt of the word address, the PCF85116-3 responds with
an acknowledge and awaits the next eight bits of data, again responding with an
acknowledge. Word address is automatically incremented. The master can now
terminate the transfer by generating a STOP condition.
After this STOP condition, the E/W cycle starts and the bus is free for another
transmission. Its duration is a maximum of 10 ms.
During the E/W cycle the slave receiver does not send an acknowledge bit if
addressed via the I2C-bus.
Page write: The PCF85116-3 is capable of a 32-byte page write operation. It is
initiated in the same manner as the byte write operation. The master can transmit up
to 32 data bytes within one transmission. After receipt of each byte, the PCF85116-3
will respond with an acknowledge. The master terminates the transfer by generating a
STOP condition. The maximum total E/W time in this mode is 10 ms.
Fig 3.
Slave address.
 === &%
101
0
B3 B2 B1 R/W
FIXED
SOFTWARE
SELECTABLE


Similar Part No. - PCF85116-3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF85116-3P PHILIPS-PCF85116-3P Datasheet
149Kb / 20P
   Low power CMOS: maximum operating current 1.0 mA
1997 Apr 02
PCF85116-3T PHILIPS-PCF85116-3T Datasheet
149Kb / 20P
   Low power CMOS: maximum operating current 1.0 mA
1997 Apr 02
PCF85116-3TD PHILIPS-PCF85116-3TD Datasheet
268Kb / 12P
   I2C Demonstration Board 2005-1 Quick Start Guide
Rev. 01-13 June 2006
More results

Similar Description - PCF85116-3

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
INF85116 INTEGRAL-INF85116 Datasheet
158Kb / 4P
   2048 X 8 -Bit CMOS EEPROM with I2鬼-bus interface
logo
NXP Semiconductors
PCF85103C-2 PHILIPS-PCF85103C-2 Datasheet
346Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 02-09 May 2002
PCF8582C-2 PHILIPS-PCF8582C-2_04 Datasheet
127Kb / 21P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-25 October 2004
PCF85103C-2 PHILIPS-PCF85103C-2_04 Datasheet
120Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
logo
Integral Corp.
INF8594E INTEGRAL-INF8594E Datasheet
98Kb / 2P
   512 x 8-Bit CMOS EEPROM with I2C-Bus Interface
logo
NXP Semiconductors
PCF8594C-2 PHILIPS-PCF8594C-2 Datasheet
394Kb / 21P
   512 X 8-bit CMOS EEPROM with I2C-bus interface
Rev. 05-25 October 2004
PCF85102C-2 PHILIPS-PCF85102C-2_04 Datasheet
120Kb / 20P
   256 x 8-bit CMOS EEPROM with I2C-bus interface
Rev. 04-22 October 2004
PCA8581 PHILIPS-PCA8581 Datasheet
131Kb / 20P
   128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCA8581C PHILIPS-PCA8581C Datasheet
107Kb / 20P
   128 x 8-bit EEPROM with I2C-bus interface
1997 Apr 02
PCF8598C-2 PHILIPS-PCF8598C-2 Datasheet
395Kb / 21P
   1024 쨈 8-bit CMOS EEPROM with I2C-bus interface
Rev. 06-22 October 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com