Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAN301A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PAN301A
Description  CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PAN301A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PAN301A Datasheet HTML 1Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 2Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 3Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 4Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 5Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 6Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 7Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 8Page - List of Unclassifed Manufacturers PAN301A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
PixArt Imaging Inc.
PAN301A
CMOS Optical Mouse Sensor
3. Registers and Operation
The PAN301A can be programmed through registers, via the serial port, and DSP configuration and
motion data can be read from these registers. All registers not listed are reserved, and should never be
written by firmware.
3.1 Registers
Address
Name
R/W
Default
Data Type
0x00
Product_ID
R
0x30
Eight bits [11:4] number with the product identifier
0x01
Product_ID
R
0x1N
Four bits [3:0] number with the product identifier
0x02
Motion_Status
R
-
Bit field
0x03
Delta_X
R
-
Eight bits 2’s complement number
0x04
Delta_Y
R
-
Eight bits 2’s complement number
0x05
Operation_Mode
R/W
-
Bit field
0x06
Configuration
R/W
-
Bit field
3.2 Register Descriptions
0x00
Product_ID
Bit
7
6
5
4
3
2
1
0
Field
PID[11:4]
Usage
The value in this register can’t change. It can be used to verify that the serial communications link is
OK.
0x01
Product_ID
Bit
7
6
5
4
3
2
1
0
Field
PID[3:0]
Reserved [3:0]
Usage
The value in this register can’t change. It can be used to verify that the serial communications link is
OK.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
4
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.3, MAY. 2004


Similar Part No. - PAN301A

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAN301A PIXART-PAN301A Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
PAN301ASI-204 PIXART-PAN301ASI-204 Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
PAN301ASI-208 PIXART-PAN301ASI-208 Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
More results

Similar Description - PAN301A

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAN301BSI-208 PIXART-PAN301BSI-208 Datasheet
464Kb / 27P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
PAN301A PIXART-PAN301A Datasheet
886Kb / 24P
   CMOS HIGH PERFORMANCE OPTICAL MOUSE SENSOR
logo
Agilent(Hewlett-Packard...
ADNS-3060 HP-ADNS-3060 Datasheet
520Kb / 38P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090 Datasheet
756Kb / 38P
   High-Performance Optical Mouse Sensor
logo
Agilent(Hewlett-Packard...
ADNS-3080 HP-ADNS-3080 Datasheet
512Kb / 40P
   High-performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3090 PIXART-ADNS-3090_17 Datasheet
676Kb / 8P
   High-Performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3090 AVAGO-ADNS-3090 Datasheet
449Kb / 38P
   High-Performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
ADNS-3080 PIXART-ADNS-3080 Datasheet
637Kb / 38P
   High-Performance Optical Mouse Sensor
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3080 AVAGO-ADNS-3080 Datasheet
841Kb / 39P
   High-Performance Optical Mouse Sensor
logo
Pixart Imaging Inc.
PAW3101DB PIXART-PAW3101DB Datasheet
448Kb / 22P
   CMOS OPTICAL MOUSE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com