Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA875 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA875
Description  Single 2:1 High-Speed Video Multiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA875 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA875 Datasheet HTML 4Page - Texas Instruments OPA875 Datasheet HTML 5Page - Texas Instruments OPA875 Datasheet HTML 6Page - Texas Instruments OPA875 Datasheet HTML 7Page - Texas Instruments OPA875 Datasheet HTML 8Page - Texas Instruments OPA875 Datasheet HTML 9Page - Texas Instruments OPA875 Datasheet HTML 10Page - Texas Instruments OPA875 Datasheet HTML 11Page - Texas Instruments OPA875 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
www.ti.com
10k
1k
100
10
1
0.1
Frequency(Hz)
100k
1M
10M
100M
1G
Disabled
Enabled
10M
1M
100k
10k
1k
100
Frequency(Hz)
100k
1M
10M
100M
1G
60
50
40
30
20
10
0
Frequency(Hz)
100
1k
10k
100k
1M
10M
100M
1G
-PSRR
+PSRR
AmbientTemperature( C)
°
18
16
14
12
2
-50
-25
0
25
50
75
100
125
10
8
6
4
100
10
1
Frequency(Hz)
10
100
1k
10k
100k
1M
10M
100M
VoltageNoise(6.7nV/
)
ÖHz
InputCurrentNoise(3.8pA/
)
ÖHz
AmbientTemperature( C)
°
3.0
2.5
2.0
1.5
1.0
8
6
4
2
0
-
50
-
25
0
25
50
75
100
125
V
OS
I
B
OPA875
SBOS340 – DECEMBER 2006
TYPICAL CHARACTERISTICS: V
S = ±5V (continued)
At G = +2 and R
L = 150Ω, unless otherwise noted.
CLOSED-LOOP OUTPUT IMPEDANCE vs FREQUENCY
INPUT IMPEDANCE vs FREQUENCY
Figure 19.
Figure 20.
PSRR vs FREQUENCY
SUPPLY CURRENT vs TEMPERATURE
Figure 21.
Figure 22.
TYPICAL DC DRIFT OVER TEMPERATURE
INPUT VOLTAGE AND CURRENT NOISE
Figure 23.
Figure 24.
8
Submit Documentation Feedback


Similar Part No. - OPA875

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA875 BURR-BROWN-OPA875 Datasheet
614Kb / 22P
   Triple 2:1 High-Speed Video Multiplexer
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
   Single 2:1 High-Speed Video Multiplexer
logo
KODENSHI_AUK CORP.
OPA8750T KODENSHI-OPA8750T Datasheet
99Kb / 1P
   Infrared LED Chip
logo
Burr-Brown (TI)
OPA875ID BURR-BROWN-OPA875ID Datasheet
688Kb / 21P
   Single 2:1 High-Speed Video Multiplexer
OPA875IDG4 BURR-BROWN-OPA875IDG4 Datasheet
688Kb / 21P
   Single 2:1 High-Speed Video Multiplexer
More results

Similar Description - OPA875

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA875 BURR-BROWN-OPA875 Datasheet
688Kb / 21P
   Single 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6570 NSC-LMH6570 Datasheet
831Kb / 14P
   2:1 High Speed Video Multiplexer
logo
Burr-Brown (TI)
OPA3875 BURR-BROWN-OPA3875 Datasheet
614Kb / 22P
   Triple 2:1 High-Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572_05 Datasheet
792Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6570 TI1-LMH6570 Datasheet
1Mb / 26P
[Old version datasheet]   LMH6570 2:1 High Speed Video Multiplexer
logo
National Semiconductor ...
LMH6572 NSC-LMH6572 Datasheet
409Kb / 12P
   Triple 2:1 High Speed Video Multiplexer
logo
Texas Instruments
LMH6572 TI1-LMH6572 Datasheet
1Mb / 20P
[Old version datasheet]   LMH6572 Triple 2:1 High Speed Video Multiplexer
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
logo
Fairchild Semiconductor
FHP3392 FAIRCHILD-FHP3392 Datasheet
462Kb / 7P
   Fixed-Gain, 짹5V, Triple 2:1, High-Speed Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com