Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OCM22-JTDKV-DB Datasheet(PDF) 4 Page - Agere Systems

Part # OCM22-JTDKV-DB
Description  One-Chip Modem for Embedded Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OCM22-JTDKV-DB Datasheet(HTML) 4 Page - Agere Systems

  OCM22-JTDKV-DB Datasheet HTML 1Page - Agere Systems OCM22-JTDKV-DB Datasheet HTML 2Page - Agere Systems OCM22-JTDKV-DB Datasheet HTML 3Page - Agere Systems OCM22-JTDKV-DB Datasheet HTML 4Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Agere Systems Inc. reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application.
Agere, Agere Systems, and the Agere logo are registered trademarks of Agere Systems Inc.
Copyright © 2005 Agere Systems Inc.
All Rights Reserved
April 2005
PB03-202DMOD-1 (Replaces PB03-202DMOD)
For additional information, contact your Agere Systems Account Manager or the following:
INTERNET:
Home: http://www.agere.com Sales: http://www.agere.com/sales
E-MAIL:
docmaster@agere.com
N. AMERICA: Agere Systems Inc., Lehigh Valley Central Campus, Room 10A-301C, 1110 American Parkway NE, Allentown, PA 18109-9138
1-800-372-2447, FAX 610-712-4106 (In CANADA: 1-800-553-2448, FAX 610-712-4106)
ASIA:
CHINA: (86) 21-54614688 (Shanghai), (86) 755-25881122 (Shenzhen)
JAPAN: (81) 3-5421-1600 (Tokyo), KOREA: (82) 2-767-1850 (Seoul), SINGAPORE: (65) 6741-9855, TAIWAN: (886) 2-2725-5858 (Taipei)
EUROPE:
Tel. (44) 1344 296 400
Package Information
Figure 5. OCM-22 Data Pump Chip Set
Ordering Information
Table 1. Chip Set Names and Part Numbers
MNP is a registered trademark of Microcom, Inc.
IEEE is a registered trademark of the Institute of Electrical and Electronics Engineers, Inc.
Device
Description
Package
Part Number
Comcode
OCM-22
Modem
48-pin TQFP
OCM22-JTDKV-DB
700054307
3.3 V Codec
CSP1034C
48-pin TQFP
CSP1034C-T11
108159542
Silicon DAA
CSP1035A
48-pin TQFP
CSP1035A-T11
108877077
TOP VIEW
SIDE VIEW
DIME
DIME
(U.S.A.)
CSP1034C/1035A
CSP
1034C/
48-PIN
TQFP
1035A
OCM-22
OCM22
48-PIN
TQFP
Product Brief Rev 1.0
April 2005
One-Chip Modem for Embedded Applications
OCM-22


Similar Part No. - OCM22-JTDKV-DB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OCM14000-OCP ETC2-OCM14000-OCP Datasheet
691Kb / 4P
   Data acceleration with RoCE support
OCM14102-U2-D ETC2-OCM14102-U2-D Datasheet
1Mb / 4P
   PCIe 3.0 compliant
OCM14102-U4-D ETC2-OCM14102-U4-D Datasheet
421Kb / 4P
   SMB Direct RoCE support
OCM14102-UX-OCP ETC2-OCM14102-UX-OCP Datasheet
464Kb / 4P
   Accelerates applications and storage performance
More results

Similar Description - OCM22-JTDKV-DB

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
CX06833 CONEXANT-CX06833 Datasheet
211Kb / 2P
   Controller-Based Modem for Embedded Applications
logo
List of Unclassifed Man...
XE5614L ETC1-XE5614L Datasheet
67Kb / 17P
   Compact 56 KBPS Modem Module for Embedded Applications
XE3314L ETC2-XE3314L Datasheet
58Kb / 16P
   Compact 33.6 KBPS Modem Module for Embedded Applications
XE1414C ETC-XE1414C Datasheet
77Kb / 18P
   Worldwide 14.4 KBPS Modem Module for Embedded Applications
logo
Clare, Inc.
CPC2400E CLARE-CPC2400E Datasheet
117Kb / 18P
   Embedded Modem Module
logo
Advantech Co., Ltd.
GPRS-100 ADVANTECH-GPRS-100 Datasheet
231Kb / 1P
   Embedded GPRS Modem
HSPA-100 ADVANTECH-HSPA-100 Datasheet
215Kb / 1P
   Embedded HSDPA Modem
logo
List of Unclassifed Man...
SC56H0 ETC2-SC56H0 Datasheet
62Kb / 3P
   MultiTech SocketModem Embedded Modem
logo
CML Microcircuits
CMX7011 CMLMICRO-CMX7011 Datasheet
1Mb / 33P
   Embedded audio-band modem
logo
Texas Instruments
TMS320C54V90 TI-TMS320C54V90 Datasheet
1Mb / 87P
[Old version datasheet]   EMBEDDED V.90 MODEM DSP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com