Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MOC3021M Datasheet(PDF) 6 Page - Lite-On Technology Corporation

Part # MOC3021M
Description  6pin DIP photocoupler, triac driver output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

MOC3021M Datasheet(HTML) 6 Page - Lite-On Technology Corporation

  MOC3021M Datasheet HTML 1Page - Lite-On Technology Corporation MOC3021M Datasheet HTML 2Page - Lite-On Technology Corporation MOC3021M Datasheet HTML 3Page - Lite-On Technology Corporation MOC3021M Datasheet HTML 4Page - Lite-On Technology Corporation MOC3021M Datasheet HTML 5Page - Lite-On Technology Corporation MOC3021M Datasheet HTML 6Page - Lite-On Technology Corporation MOC3021M Datasheet HTML 7Page - Lite-On Technology Corporation MOC3021M Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-on Only
ELECTRICAL - OPTICAL CHARACTERISTICS
( Ta = 25
°C )
PARAMETER
SYMBOL MIN. TYP. MAX. UNIT
CONDITIONS
Forward Voltage
VF
1.15
1.5
V
IF=20mA
INPUT
Reverse Current
IR
10
µA
VR=6V
*1 Peak Blocking Current, Either
Direction
IDRM
10
100
nA
VDRM = 400V
Peak On-State Voltage, Either
Direction
VTM
1.7
3
V
ITM=100 mA Peak
OUTPUT
*2 Critical rate of Rise of
Off-State Voltage
dv/dt
100
V/
µs
MOC3020
15
30
MOC3021
8
15
MOC3022
10
*3 Led Trigger
Current, Current
Required to
Latch Output,
Either Direction
MOC3023
IFT
5
mA
Main Terminal
Voltage = 3V
Holding Current, Either
Direction
IH
100
µA
COUPLED
Turn-On time
ton
8
20
µs
VD=9V, IF=20mA
RL=100Ω
*1 Test voltage must be applied within dv/dt rating.
*2 This is static dv/dt. Commutating dv/dt is a function of the load-driving thyristor(s) only.
*3 All devices are guaranteed to trigger at an IF value less than or equal to max IFT. Therefore,
recommended operating IF lies between max IFT 30 mA and absolute max IF (50mA)
Part No. : MOC3020 thru MOC3023 SERIES
Page :
6of8
BNS-OD-C131/A4


Similar Part No. - MOC3021M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MOC3021M FAIRCHILD-MOC3021M Datasheet
111Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3021M FAIRCHILD-MOC3021M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3021M FAIRCHILD-MOC3021M Datasheet
526Kb / 10P
   6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK)
MOC3021M FAIRCHILD-MOC3021M Datasheet
275Kb / 11P
   6-Pin DIP Random-Phase Optoisolators Triac Driver Output (250/400 Volt Peak)
logo
Shenzhen Tenand Technol...
MOC3021M TENAND-MOC3021M Datasheet
193Kb / 9P
   Property of Lite-on Only
More results

Similar Description - MOC3021M

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL301X EVERLIGHT-EL301X Datasheet
312Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X Datasheet
340Kb / 13P
   6 PIN DIP ZERO CROSS TRIAC DRIVER PHOTOCOUPLER
ELT302X EVERLIGHT-ELT302X_14 Datasheet
769Kb / 13P
   4 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_15 Datasheet
631Kb / 13P
   6 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
EL301X EVERLIGHT-EL301X_17 Datasheet
901Kb / 14P
   5 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
ELT304X EVERLIGHT-ELT304X_14 Datasheet
863Kb / 14P
   4 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
EL301X EVERLIGHT-EL301X_15 Datasheet
509Kb / 12P
   6 PIN DIP RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
EL303X EVERLIGHT-EL303X_17 Datasheet
945Kb / 14P
   5 PIN DIP ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
logo
CT Micro International ...
CT303X CTMICRO-CT303X Datasheet
1Mb / 11P
   6Pin Zero Cross TRIAC Driver Coupler
logo
COSMO Electronics Corp...
KPC4N33 COSMO-KPC4N33_15 Datasheet
286Kb / 11P
   6PIN PHOTODARLINGTON PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com