Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LSE655 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LSE655
Description  Power TOPLED with Lens Hyper-Bright LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSE655 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LSE655 Datasheet HTML 2Page - OSRAM GmbH LSE655 Datasheet HTML 3Page - OSRAM GmbH LSE655 Datasheet HTML 4Page - OSRAM GmbH LSE655 Datasheet HTML 5Page - OSRAM GmbH LSE655 Datasheet HTML 6Page - OSRAM GmbH LSE655 Datasheet HTML 7Page - OSRAM GmbH LSE655 Datasheet HTML 8Page - OSRAM GmbH LSE655 Datasheet HTML 9Page - OSRAM GmbH LSE655 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
2001-03-05
6
LS E655
Relative spektrale Emission
I
rel = f (λ), TA = 25 °C, IF = 50 mA
Relative Spectral Emission
V(
λ) = spektrale Augenempfindlichkeit
Standard eye response curve
Abstrahlcharakteristik
I
rel = f (ϕ)
Radiation Characteristic
OHL01486
400
0
20
40
60
80
100
450
500
550
600
650
700
nm
%
I
rel
λ
Vλ
super-red
OHL00732
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ


Similar Part No. - LSE655

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LSE65540-L41-PF LIGITEK-LSE65540-L41-PF Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
LSE65540-PF LIGITEK-LSE65540-PF Datasheet
110Kb / 6P
   RECTANGLE TYPE LED LAMPS
LSE65540/L41-PF LIGITEK-LSE65540/L41-PF Datasheet
112Kb / 6P
   RECTANGLE TYPE LED LAMPS
More results

Similar Description - LSE655

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWE67C OSRAM-LWE67C Datasheet
177Kb / 15P
   Power TOPLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
   Hyper TOPLED Hyper-Bright LED
LAE675 SIEMENS-LAE675 Datasheet
76Kb / 7P
   Power TOPLED Hyper-Bright LED
LYE676 SIEMENS-LYE676 Datasheet
77Kb / 7P
   Power TOPLED Hyper-Bright LED
logo
List of Unclassifed Man...
LSE675-S1T1-11 ETC-LSE675-S1T1-11 Datasheet
141Kb / 13P
   Power TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LAE67B OSRAM-LAE67B Datasheet
173Kb / 14P
   Power TOPLED Hyper-Bright LED
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
   HYPER TOPLED, HYPER BRIGHT LED
logo
Siemens Semiconductor G...
LST776 SIEMENS-LST776 Datasheet
346Kb / 7P
   Hyper TOPLED RG Hyper-Bright LED
logo
OSRAM GmbH
LATBT686 OSRAM-LATBT686 Datasheet
239Kb / 17P
   Hyper Multi TOPLED Hyper-Bright LED
LWT673 OSRAM-LWT673 Datasheet
123Kb / 14P
   Hyper TOPLED White Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com