Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KS8721BI Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # KS8721BI
Description  2.5V 10/100BasTX/FX MII Physical Layer Transceiver
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8721BI Datasheet(HTML) 2 Page - Micrel Semiconductor

  KS8721BI Datasheet HTML 1Page - Micrel Semiconductor KS8721BI Datasheet HTML 2Page - Micrel Semiconductor KS8721BI Datasheet HTML 3Page - Micrel Semiconductor KS8721BI Datasheet HTML 4Page - Micrel Semiconductor KS8721BI Datasheet HTML 5Page - Micrel Semiconductor KS8721BI Datasheet HTML 6Page - Micrel Semiconductor KS8721BI Datasheet HTML 7Page - Micrel Semiconductor KS8721BI Datasheet HTML 8Page - Micrel Semiconductor KS8721BI Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
KS8721B/BT
Micrel
KS8721B/BT
2
August 2003
Features (continued)
• LED outputs for link, activity, full/half duplex, collision
and speed
• Supports back to back, FX to TX for media converter
applications
• Supports MDI/MDI-X auto crossover
• 2.5V/3.3V tolerance on I/O
• Commercial temperature range: 0
°C to +70°C
• Industrial temperature range: –40
°C to +85°C
• Available in 48-pin SSOP and TQFP
Ordering Information
Part Number
Temperature Range
Package
KS8721B
0
°C to +70°C
48-Pin SSOP
KS8721BI
–40
°C to +85°C
48-Pin SSOP
KSZ8721B
0
°C to +70°C
48-Pin SSOP Lead Free
KS8721BT
0
°C to +70°C
48-Pin TQFP
KSZ8721BT
0
°C to +70°C
48-Pin TQFP Lead Free


Similar Part No. - KS8721BI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8721B MICREL-KS8721B Datasheet
2Mb / 32P
   2.5V 10/100BasTX/FX MII Physical Layer Transceiver
KS8721BL MICREL-KS8721BL Datasheet
61Kb / 2P
   3.3V 10/100 BASE-TX/FX PHYSICAL LAYER TRANSCEIVER
KS8721BL MICREL-KS8721BL Datasheet
317Kb / 35P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KS8721BL MICREL-KS8721BL Datasheet
218Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KS8721BLI MICREL-KS8721BLI Datasheet
317Kb / 35P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
More results

Similar Description - KS8721BI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8721B MICREL-KS8721B_11 Datasheet
2Mb / 32P
   2.5V 10/100BasTX/FX MII Physical Layer Transceiver
KS8721BL MICREL-KS8721BL_11 Datasheet
317Kb / 35P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KS8721CL MICREL-KS8721CL_11 Datasheet
280Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
KSZ8721SL-TR MICREL-KSZ8721SL-TR Datasheet
218Kb / 33P
   3.3V Single Power Supply 10/100BASE-TX/FX MII Physical Layer Transceiver
logo
Microchip Technology
KSZ8721BL MICROCHIP-KSZ8721BL Datasheet
572Kb / 44P
   3.3V Single Power Supply 10/100 Base-TX/FX MII Physical Layer Transceiver
08/15/18
logo
Micrel Semiconductor
KSZ8041FTLI MICREL-KSZ8041FTLI Datasheet
82Kb / 2P
   Physical Layer Transceiver 10/100BASE-T/TX/FX
KS8001 MICREL-KS8001 Datasheet
623Kb / 44P
   1.8V, 3.3V 10/100BASETX/FX Physical Layer Transceiver
KS8721BL MICREL-KS8721BL Datasheet
61Kb / 2P
   3.3V 10/100 BASE-TX/FX PHYSICAL LAYER TRANSCEIVER
logo
Microchip Technology
KSZ8001L MICROCHIP-KSZ8001L Datasheet
542Kb / 51P
   1.8V, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
05/14/19
logo
Micrel Semiconductor
KSZ8001L MICREL-KSZ8001L Datasheet
561Kb / 46P
   1.8C, 3.3V 10/100BASE-T/TX/FX Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com