Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHF597230 Datasheet(PDF) 8 Page - International Rectifier

Part # IRHF597230
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHF597230 Datasheet(HTML) 8 Page - International Rectifier

  IRHF597230 Datasheet HTML 1Page - International Rectifier IRHF597230 Datasheet HTML 2Page - International Rectifier IRHF597230 Datasheet HTML 3Page - International Rectifier IRHF597230 Datasheet HTML 4Page - International Rectifier IRHF597230 Datasheet HTML 5Page - International Rectifier IRHF597230 Datasheet HTML 6Page - International Rectifier IRHF597230 Datasheet HTML 7Page - International Rectifier IRHF597230 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRHF597230
Pre-Irradiation
8
www.irf.com
Pulse width
≤ 300 µs; Duty Cycle ≤ 2%
Total Dose Irradiation with VGS Bias.
-12 volt VGS applied and VDS = 0 during
irradiation per MIL-STD-750, method 1019, condition A.
Total Dose Irradiation with VDS Bias.
-160 volt VDS applied and VGS = 0 during
irradiation per MlL-STD-750, method 1019, condition A.
Repetitive Rating; Pulse width limited by
maximum junction temperature.
VDD = - 50V, starting TJ = 25°C, L=15.5 mH
Peak IL = -4.5A, VGS = -12V
ISD ≤ - 4.5A, di/dt ≤ - 360A/µs,
VDD ≤ - 200V, TJ ≤ 150°C
Footnotes:
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 06/02
Case Outline and Dimensions — TO-205AF (Modified TO-39)
LEGEND
1- SOURCE
2- GATE
3- DRAIN


Similar Part No. - IRHF597230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHF597230 IRF-IRHF597230 Datasheet
130Kb / 8P
   Simple Drive Requirements
IRHF597230 IRF-IRHF597230_15 Datasheet
130Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHF597230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHF57230SE IRF-IRHF57230SE Datasheet
137Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE ( TO-39)
IRHF57234SE IRF-IRHF57234SE Datasheet
186Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF7430SE IRF-IRHF7430SE Datasheet
189Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57214SE IRF-IRHF57214SE Datasheet
213Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF597130 IRF-IRHF597130 Datasheet
203Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57Z30 IRF-IRHF57Z30 Datasheet
138Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57133SE IRF-IRHF57133SE Datasheet
181Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57130 IRF-IRHF57130 Datasheet
113Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF57034 IRF-IRHF57034 Datasheet
136Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
IRHF67230 IRF-IRHF67230 Datasheet
209Kb / 9P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-39)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com