Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA17008RP Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HA17008RP
Description  8-Bit Multiplying Digital to Analog Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA17008RP Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HA17008RP Datasheet HTML 3Page - Hitachi Semiconductor HA17008RP Datasheet HTML 4Page - Hitachi Semiconductor HA17008RP Datasheet HTML 5Page - Hitachi Semiconductor HA17008RP Datasheet HTML 6Page - Hitachi Semiconductor HA17008RP Datasheet HTML 7Page - Hitachi Semiconductor HA17008RP Datasheet HTML 8Page - Hitachi Semiconductor HA17008RP Datasheet HTML 9Page - Hitachi Semiconductor HA17008RP Datasheet HTML 10Page - Hitachi Semiconductor HA17008RP Datasheet HTML 11Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
HA17008RP/RFP
10
Package Dimensions
Hitachi Code
JEDEC
EIAJ
Mass (reference value)
DP-16
Conforms
Conforms
1.07 g
Unit: mm
19.20
16
9
8
1
1.3
20.00 Max
7.62
0.25
+ 0.13
– 0.05
2.54
± 0.25
0.48
± 0.10
0
° – 15°
1.11 Max
Hitachi Code
JEDEC
EIAJ
Mass (reference value)
FP-16DA
Conforms
0.24 g
Unit: mm
*Dimension including the plating thickness
Base material dimension
*0.42
± 0.08
0.12
0.15
M
10.06
0.80 Max
16
9
1
8
10.5 Max
+ 0.20
– 0.30
7.80
0.70
± 0.20
0
° – 8°
1.15
1.27
0.40
± 0.06


Similar Part No. - HA17008RP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17012 HITACHI-HA17012 Datasheet
70Kb / 2P
   12-BIT MULTIPLAYING DIGITA-TO-ANALOG CONVERTER
HA17012B HITACHI-HA17012B Datasheet
70Kb / 2P
   12-BIT MULTIPLAYING DIGITA-TO-ANALOG CONVERTER
HA17012C HITACHI-HA17012C Datasheet
70Kb / 2P
   12-BIT MULTIPLAYING DIGITA-TO-ANALOG CONVERTER
HA17080 HITACHI-HA17080 Datasheet
54Kb / 10P
   J-FET Input Operational Amplifiers
HA17082 HITACHI-HA17082 Datasheet
54Kb / 10P
   J-FET Input Operational Amplifiers
More results

Similar Description - HA17008RP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17408P HITACHI-HA17408P Datasheet
22Kb / 4P
   8-Bit Multiplying Digital-to-Analog Converter
logo
Texas Instruments
TLC7628C TI-TLC7628C_15 Datasheet
856Kb / 17P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC7628C TI1-TLC7628C_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
logo
Exar Corporation
MP7524A EXAR-MP7524A Datasheet
670Kb / 10P
   CMOS BUFERED MULTIPLYING 8 BIT DIGITAL TO ANALOG CONVERTER
logo
NTE Electronics
NTE2056 NTE-NTE2056 Datasheet
23Kb / 3P
   Integrated Circuit 8-Bit Multiplying Digital-to-Analog Converter
logo
Texas Instruments
AD7524M TI-AD7524M Datasheet
253Kb / 12P
[Old version datasheet]   Advanced LinCMOSE 8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTER
TLC7524C TI-TLC7524C_08 Datasheet
633Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C Datasheet
146Kb / 10P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
TLC7524C TI-TLC7524C_15 Datasheet
800Kb / 23P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVVERTERS
TLC7524IDR TI1-TLC7524IDR Datasheet
714Kb / 21P
[Old version datasheet]   8-BIT MULTIPLYING DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com