Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SED1278FOC Datasheet(PDF) 1 Page - Epson Company

Part # SED1278FOC
Description  Dot Matrix LCD Controller Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SED1278FOC Datasheet(HTML) 1 Page - Epson Company

  SED1278FOC Datasheet HTML 1Page - Epson Company SED1278FOC Datasheet HTML 2Page - Epson Company SED1278FOC Datasheet HTML 3Page - Epson Company SED1278FOC Datasheet HTML 4Page - Epson Company SED1278FOC Datasheet HTML 5Page - Epson Company SED1278FOC Datasheet HTML 6Page - Epson Company SED1278FOC Datasheet HTML 7Page - Epson Company SED1278FOC Datasheet HTML 8Page - Epson Company SED1278FOC Datasheet HTML 9Page - Epson Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Dot Matrix LCD Controller Driver
PF282-07
q 1/8, 1/11 or 1/16 Duty Dot Matrix Drive
q Built-in Character Generator ROM and RAM (
)
q Maximum Simultaneous Display of 80 Characters
(With extension LCD driver)
SED1278F/D
s DESCRIPTION
The SED1278F/D is a dot matrix LCD controller/driver which is dedicated to character display. It is capable of
displaying up to 80 characters under 4-bit/8-bit MPU control.
The built-in character generator ROM has an extended capacity of 240 different characters, each being generated
in a 5
×10 dots font compatible with a 1/11 duty. In addition, the SED1278F/D contains 64 bytes of character
generator RAM in which the user can store 8 different characters, each consisting of 558 dots. These memory
features offer high flexibility in character display.
The guaranteed minimum LCD driving voltage is 3V, and this makes the SED1278F/D suitable for driving low
voltage LCDs.
s FEATURES
q Display RAM .............................. 80 bytes (80 characters)
q Character generator ROM .......... 240 characters (Able to 256 characters)
q Character generator RAM .......... 8 characters
q Built-in CR oscillator, Built-in power-on reset circuit
q Maximim display dimension ....... 40 characters52 lines, 80 characters51 line
(When accompanied with SED1181FLA/DLA, SED1681FOA/DOA)
q 1/8, 1/11 or 1/16 duty matirx drive (fixed by command)
q 2 flame AC wave-form drive
q High-speed bus interface with 4-bit/8-bit MPU
q Powerful display control instructions
q Character ................................... 5!7 dots+Cursor line (5!8 dots also possible)
5!10 dots+Cursor line
q 6 Kinds of character font
q Single power supply ................... 5V
±10% (Logic)
q Low LCD driving voltage ............ VDD—V5≥.0V
q Package ..................................... SED1278F: QFP5-80pin (plastic)
SED1278D: Die form (Al pad)
s BLOCK DIAGRAM
ROM 240 characters
RAM
8 characters
Instruction Decoder
MPX
MPX
MPX
Display Data RAM
DD RAM
80 Bytes
Character
Generator
RAM
(CG•RAM)
64 Bytes
Character
Generator
RAM
(CG•RAM)
5!10!!240 Byts
Instruction Register
Refresh Address Counter
Address
Counter ACC
Parallel/Serial
Data Converter
Shift Register
40 Bits
Latch Circuit
40 Bits
Segment Driving
Output Circuit
Common Driving
Output Circuit
Shift Register 16 Bits
Timing Generator
Oscillation
Circuit
DB0
DB7
8
8
8
55
8
5
7
7
Cursor/
Brink Control
Data Register
E
R/W
RS
V
DD
V
SS
V1
V2
V3
V4
V5
OSC1 OSC2
XSCL
LP
FR
COM1
COM16
SEG1
SEG40
D0


Similar Part No. - SED1278FOC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SED1278F ETC-SED1278F Datasheet
164Kb / 16P
   CMOS DOT MATRIX LCD CONTROLLER DRIVER
SED1278F0A ETC-SED1278F0A Datasheet
164Kb / 16P
   CMOS DOT MATRIX LCD CONTROLLER DRIVER
SED1278F0B ETC-SED1278F0B Datasheet
164Kb / 16P
   CMOS DOT MATRIX LCD CONTROLLER DRIVER
SED1278F0C ETC-SED1278F0C Datasheet
164Kb / 16P
   CMOS DOT MATRIX LCD CONTROLLER DRIVER
SED1278F0D ETC-SED1278F0D Datasheet
164Kb / 16P
   CMOS DOT MATRIX LCD CONTROLLER DRIVER
More results

Similar Description - SED1278FOC

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
   Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
   DOT MATRIX LCD CONTROLLER/DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
   Dot Matrix LCD Controller/Driver
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
   Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
   Dot Matrix LCD Controller Driver
SED1526 EPSON-SED1526 Datasheet
105Kb / 12P
   Dot Matrix LCD Controller Driver
logo
Neotec Semiconductor Lt...
NT7070B NEOTEC-NT7070B Datasheet
323Kb / 33P
   Dot Matrix LCD Driver & Controller
Rev1.4 20130225
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com