Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTWV Datasheet(PDF) 9 Page - Linear Technology

Part # LTWV
Description  24-Bit No Latency ADC with Differential Input and Reference in MSOP
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTWV Datasheet(HTML) 9 Page - Linear Technology

Back Button LTWV Datasheet HTML 5Page - Linear Technology LTWV Datasheet HTML 6Page - Linear Technology LTWV Datasheet HTML 7Page - Linear Technology LTWV Datasheet HTML 8Page - Linear Technology LTWV Datasheet HTML 9Page - Linear Technology LTWV Datasheet HTML 10Page - Linear Technology LTWV Datasheet HTML 11Page - Linear Technology LTWV Datasheet HTML 12Page - Linear Technology LTWV Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
LTC2411/LTC2411-1
9
TYPICAL PERFOR A CE CHARACTERISTICS
Offset Error vs Output Data Rate
Resolution (NOISERMS ≤ 1LSB)
vs Output Data Rate
OUTPUT DATA RATE (READINGS/SEC)
–120
–60
–20
40
–80
–100
–40
20
0
20
40
60
80
2411 G28
100
10
030
50
70
90
VCC = 5V
REF= GND
VINCM = 2.5V
VIN = 0V
FO = EXT OSC
TA = 25°C
VREF = 2.5V
VREF = 5V
OUTPUT DATA RATE (READINGS/SEC)
0
20
21
80
2411 G29
19
18
20
40 50
100
22
60
10
30
90
70
VCC = 5V
REF= GND
VINCM = 2.5V
VIN = 0V
FO = EXT OSC
RES = LOG2(VREF/NOISERMS)
TA = 25°C
VREF = 2.5V
VREF = 5V
Resolution (INLMAX ≤ 1LSB)
vs Output Data Rate
OUTPUT DATA RATE (READINGS/SEC)
10
14
18
22
12
16
20
20
40
60
80
2411 G30
100
10
030
50
70
90
VCC = 5V
REF= GND
VINCM = 2.5V
VIN = 0V
FO = EXT OSC
RES = LOG2(VREF/INLMAX)
TA = 25°C
VREF = 2.5V
VREF = 5V
VCC (Pin 1): Positive Supply Voltage. Bypass to GND
(Pin 6) with a 10
µF tantalum capacitor in parallel with
0.1
µF ceramic capacitor as close to the part as possible.
REF+ (Pin 2), REF(Pin 3): Differential Reference Input.
The voltage on these pins can have any value between GND
and VCC as long as the reference positive input, REF+, is
more positive than the reference negative input, REF , by
at least 0.1V.
IN+ (Pin 4), IN(Pin 5): Differential Analog Input. The
voltage on these pins can have any value between
GND – 0.3V and VCC + 0.3V. Within these limits, the
converter bipolar input range (VIN = IN+ – IN) extends
from – 0.5 • (VREF) to 0.5 • (VREF). Outside this input
range, the converter produces unique overrange and
underrange output codes.
GND (Pin 6): Ground. Connect this pin to a ground plane
through a low impedance connection.
CS (Pin 7): Active LOW Digital Input. A LOW on this pin
enables the SDO digital output and wakes up the ADC.
Following each conversion the ADC automatically enters
PI FU CTIO S
Conversion Current
vs Temperature
Sleep Mode Current
vs Temperature
TEMPERATURE (
°C)
–45
200
210
220
75
2411 G25
190
180
160
–15
15
45
–30
90
0
30
60
170
240
230
FO = GND
CS = GND
SCK = NC
SDO = NC
VCC = 5.5V
VCC = 2.7V
VCC = 5V
VCC = 3V
Conversion Current
vs Output Data Rate
OUTPUT DATA RATE (READINGS/SEC)
0
450
550
650
80
2411 G26
350
250
400
500
600
300
200
150
20
10
40
30
60 70
90
50
100
REF+ = VCC
REF= GND
IN+ = GND
IN= GND
TA = 25°C
SCK = NC
SDO = NC
CS = GND
FO = EXT OSC
VCC = 3V
VCC = 5V
TEMPERATURE (
°C)
–45
1
2
3
75
2411 G27
0
–15
15
45
–30
90
0
30
60
5
4
FO = GND
CS = VCC
SCK = NC
SDO = NC
VCC = 5.5V
VCC = 2.7V
VCC = 5V
VCC = 3V


Similar Part No. - LTWV

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LTW WALL-LTW Datasheet
121Kb / 4P
   15W DC/DC Power Converters
LTW WALL-LTW Datasheet
294Kb / 4P
   Triple Outputs
logo
Lite-On Technology Corp...
LTW-006DCG-100 LITEON-LTW-006DCG-100 Datasheet
437Kb / 11P
   Package in 12mm tape on 7 diameter reels Compatible with automatic placement equipment
LTW-006DCG-120 LITEON-LTW-006DCG-120 Datasheet
437Kb / 11P
   Package in 12mm tape on 7 diameter reels Compatible with automatic placement equipment
LTW-006DCG-30 LITEON-LTW-006DCG-30 Datasheet
437Kb / 11P
   Package in 12mm tape on 7 diameter reels Compatible with automatic placement equipment
More results

Similar Description - LTWV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2411 LINER-LTC2411_15 Datasheet
1Mb / 40P
   24-Bit No Latency ADC with Differential Input and Reference in MSOP
LTC2411-1 LINER-LTC2411-1_15 Datasheet
1Mb / 40P
   24-Bit No Latency ADC with Differential Input and Reference in MSOP
LTC2410 LINER-LTC2410 Datasheet
778Kb / 44P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_15 Datasheet
673Kb / 48P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_09 Datasheet
667Kb / 48P
   24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
LTC2415 LINER-LTC2415_15 Datasheet
601Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2415 LINER-LTC2415 Datasheet
591Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2415-1 LINER-LTC2415-1_15 Datasheet
601Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2412 LINER-LTC2412_15 Datasheet
422Kb / 36P
   2-Channel Differential Input 24-Bit No Latency ADC
LTC2431 LINER-LTC2431_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com