Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3822D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3822D
Description  3.3V, 2.5Gbps Quad Limiting Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3822D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3822D Datasheet HTML 5Page - Maxim Integrated Products MAX3822D Datasheet HTML 6Page - Maxim Integrated Products MAX3822D Datasheet HTML 7Page - Maxim Integrated Products MAX3822D Datasheet HTML 8Page - Maxim Integrated Products MAX3822D Datasheet HTML 9Page - Maxim Integrated Products MAX3822D Datasheet HTML 10Page - Maxim Integrated Products MAX3822D Datasheet HTML 11Page - Maxim Integrated Products MAX3822D Datasheet HTML 12Page - Maxim Integrated Products MAX3822D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Loss-Of-Power Logic (
LOP)
The loss-of-power logic circuitry is asserted anytime the
input power of one of the limiting amplifiers is observed
below the threshold set by RTH. The logic of this is
comprised of two comparators and an S-R flip-flop to
compare the outputs of the threshold-control and
power-detect circuitry for each of the limiting amplifiers
on the MAX3822. The LOP_ output corresponding to a
given input is asserted if the input power is too low. A
general LOP output is also given for the whole part; if
any LOP_ signal is low, the LOP output will also go low.
Once a LOP_ signal has been asserted, the input
power must rise above the threshold before resetting.
This prevents the LOP_ output from turning on and off
when the input signal is near the programmed thresh-
old level, an effect called chatter. The LOP_ indicator
will return to its unasserted state when the input power
level is increased (4dB typ). Figure 5 shows the output
structure.
Channel Select
The channel-select circuitry controls the operating mode
of the MAX3822 by shutting down unused amplifiers.
Single-, dual-, and quad-mode operation is programmed
by the channel-select (CS) pin. When CS is left open, the
device is placed into single-mode operation with channel
1 enabled, and channels 2, 3, and 4 disabled. Dual-
mode operation is programmed by connecting CS
directly to VCC. In dual-mode operation, channels 1 and
2 are enabled and channels 3 and 4 are disabled. Quad-
mode operation is programmed by connecting CS
directly to GND. In quad-mode operation, all four chan-
nels are enabled. Figure 6 shows the input circuitry of
the CS pin.
Applications Information
Set Up the DC Cancellation Loop
The value of the offset-correction capacitor (CZ_)
affects the maximum speed at which the DC cancella-
tion loop can adjust to changes in DC offset at the
input. PWD and pattern-dependent jitter (PDJ) are both
error sources that can be minimized by the proper
selection of CZ_. Therefore, the loop should be as slow
as possible to reduce PDJ while performing its DC can-
cellation function. Select the CZ_ capacitor to set the
bandwidth of the DC cancellation loop. The input
impedance between CZ+ and CZ- is approximately
10k
Ω. This impedance is in series with CZ_. Therefore,
the low-frequency cutoff (foc) associated with the DC
offset-correction loop is computed as follows:
+3.3V, 2.5Gbps Quad Limiting Amplifier
_______________________________________________________________________________________
9
VTH
RTH
ICTAL
VREF
VCC
GND
GND
ESD
DIODES
Figure 4. Threshold Set Structure
ESD
DIODES
LOP
18k
4k
2k
GND
VCC
Figure 5. TTL Output Structure


Similar Part No. - MAX3822D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3822 MAXIM-MAX3822 Datasheet
624Kb / 10P
   3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
MAX3822U/D MAXIM-MAX3822U/D Datasheet
624Kb / 10P
   3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
MAX3822UCM MAXIM-MAX3822UCM Datasheet
624Kb / 10P
   3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
MAX3822UCM++ MAXIM-MAX3822UCM+ Datasheet
624Kb / 10P
   3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
MAX3822 MAXIM-MAX3822_V01 Datasheet
624Kb / 10P
   3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
More results

Similar Description - MAX3822D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3822 MAXIM-MAX3822_V01 Datasheet
624Kb / 10P
   3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
MAX3272 MAXIM-MAX3272 Datasheet
549Kb / 12P
   3.3V, 2.5Gbps Low-Power Limiting Amplifier
MAX3866 MAXIM-MAX3866 Datasheet
200Kb / 12P
   2.5Gbps, 3.3V Combined Transimpedance/Limiting Amplifier
19-1433; Rev 1; 3/99
logo
Micrel Semiconductor
SY88943V MICREL-SY88943V Datasheet
71Kb / 8P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
SY88943V MICREL-SY88943V_05 Datasheet
53Kb / 6P
   5V/3.3V 2.5Gbps LIMITING POST AMPLIFIER WITH SIGNAL DETECT
logo
Maxim Integrated Produc...
MAX3272 MAXIM-MAX3272 Datasheet
625Kb / 14P
   3.3V, 2.5Gbps Low-Power Limiting Amplifiers
Rev 3; 11/04
logo
Micrel Semiconductor
SY88349NDL MICREL-SY88349NDL Datasheet
433Kb / 13P
   2.5Gbps Burst-Mode Limiting Amplifier
logo
Maxim Integrated Produc...
MAX3825 MAXIM-MAX3825 Datasheet
616Kb / 8P
   3.3V, 2.5Gbps Quad Transimpedance Amplifier for System Interconnects
Rev 0; 11/00
logo
Micrel Semiconductor
SY88923 MICREL-SY88923_07 Datasheet
100Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
SY88923V MICREL-SY88923V Datasheet
55Kb / 6P
   2.5Gbps HIGH-SPEED LIMITING POST AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com