Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2411 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2411
Description  24-Bit No Latency ADC with Differential Input and Reference in MSOP
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2411 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2411 Datasheet HTML 3Page - Linear Technology LTC2411 Datasheet HTML 4Page - Linear Technology LTC2411 Datasheet HTML 5Page - Linear Technology LTC2411 Datasheet HTML 6Page - Linear Technology LTC2411 Datasheet HTML 7Page - Linear Technology LTC2411 Datasheet HTML 8Page - Linear Technology LTC2411 Datasheet HTML 9Page - Linear Technology LTC2411 Datasheet HTML 10Page - Linear Technology LTC2411 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
LTC2411/LTC2411-1
7
TYPICAL PERFOR A CE CHARACTERISTICS
RMS Noise vs VINCM
RMS Noise vs Temperature
RMS Noise vs VCC
Offset Error vs VCC
Offset Error vs VREF
+ Full-Scale Error vs Temperature
VINCM (V)
–1
1.50
1.55
1.60
24
2411 G10
1.45
1.40
01
35
6
1.35
1.30
VCC = 5V
REF+ = 5V
REF= GND
VIN = 0V
FO = GND
TA = 25°C
TEMPERATURE (
°C)
–45
1.30
1.35
1.45
1.50
1.55
–15
15
30
90
2411 G11
1.40
–30
0
45
60
75
1.60
VCC = 5V
VREF = 5V
VIN = 0V
VINCM = GND
FO = GND
VCC (V)
2.7
1.50
1.55
1.60
3.9
4.7
2411 G12
1.45
1.40
3.1
3.5
4.3
5.1
5.5
1.35
1.30
REF+ = 2.5V
REF= GND
VIN = 0V
FO = GND
TA = 25°C
RMS Noise vs VREF
Offset Error vs VINCM
Offset Error vs Temperature
VREF (V)
0
1.30
1.35
1.40
1.45
1.50
1.55
1.60
123
4
2411 G13
5
VCC = 5V
REF= GND
VIN = 0V
FO = GND
TA = 25°C
VINCM (V)
–1
0
1
3
46
2411 G14
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1.0
02
5
VCC = 5V
REF+ = 5V
REF= GND
VIN = 0V
FO = GND
TA = 25°C
TEMPERATURE (
°C)
–45
0
–15
15
30
90
2411 G15
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–0.8
–0.9
–1.0
–30
0
45
60
75
VCC = 5V
VREF = 5V
VIN = 0V
VINCM = GND
FO = GND
VCC (V)
2.7
0
3.5
4.3
4.7
5.5
2411 G16
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
3.1
3.9
5.1
REF+ = 2.5V
REF= GND
VIN = 0V
VINCM = GND
FO = GND
TA = 25°C
VREF (V)
0
0
1
2
5
2411 G17
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
34
VCC = 5V
REF– = GND
VIN = 0V
VINCM = GND
FO = GND
TA = 25°C
TEMPERATURE (
°C)
–45
–3
–2
0
1
2
–15
15
30
90
2411 G18
–1
–30
0
45
60
75
3
VCC = 5V
REF + = 5V
REF = GND
IN+ = 2.5V
IN= GND
FO = GND


Similar Part No. - LTC2411

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2411-1 LINER-LTC2411-1_15 Datasheet
1Mb / 40P
   24-Bit No Latency ADC with Differential Input and Reference in MSOP
LTC2411 LINER-LTC2411_15 Datasheet
1Mb / 40P
   24-Bit No Latency ADC with Differential Input and Reference in MSOP
More results

Similar Description - LTC2411

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2411 LINER-LTC2411_15 Datasheet
1Mb / 40P
   24-Bit No Latency ADC with Differential Input and Reference in MSOP
LTC2411-1 LINER-LTC2411-1_15 Datasheet
1Mb / 40P
   24-Bit No Latency ADC with Differential Input and Reference in MSOP
LTC2410 LINER-LTC2410 Datasheet
778Kb / 44P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_15 Datasheet
673Kb / 48P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_09 Datasheet
667Kb / 48P
   24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
LTC2415 LINER-LTC2415_15 Datasheet
601Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2415 LINER-LTC2415 Datasheet
591Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2415-1 LINER-LTC2415-1_15 Datasheet
601Kb / 40P
   24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2412 LINER-LTC2412_15 Datasheet
422Kb / 36P
   2-Channel Differential Input 24-Bit No Latency ADC
LTC2431 LINER-LTC2431_15 Datasheet
460Kb / 40P
   20-Bit No Latency ADCs with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com