Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE72118-T1 Datasheet(PDF) 1 Page - NEC

Part # NE72118-T1
Description  C TO X BAND AMPLIFIER C TO X BAND OSC N-CHANNEL GaAs MESFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE72118-T1 Datasheet(HTML) 1 Page - NEC

  NE72118-T1 Datasheet HTML 1Page - NEC NE72118-T1 Datasheet HTML 2Page - NEC NE72118-T1 Datasheet HTML 3Page - NEC NE72118-T1 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PART NUMBER
NE72118
PACKAGE OUTLINE
18
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
IGSO
Gate to Source Leak Current at VGS = -5 V
µA
1.0
10
IDSS
Saturated Drain Current at VDS = 3 V, VGS = 0 V
µA
30
60
100
VGS (OFF)
Gate to Source Cut off Voltage at VDS = 3 V, ID = 100
µA
V
-0.5
-2.0
-4.0
gm
Transconductance at VDS = 3 V, ID = 30 mA
mS
20
40
PN
Phase Noise at VDS=3 V, ID=30mA, f=11GHz,100KHz offset dBc/Hz
-110
Phase Noise at VDS=3 V, ID=30mA, f=11GHz, 10KHz offset dBc/Hz
-85
Gs
Power Gain at VDS = 3 V, ID = 30 mA, f = 12 GHz
dB
5.5
Po (1dB)
Output Power at 1 dB Gain Compression Point at
dBm
13.5
VCE = 3 V, ID = 30 mA, f = 12 GHz
NE72118
C TO X BAND AMPLIFIER
C TO X BAND OSC
N-CHANNEL GaAs MESFET
HIGH POWER GAIN:
Gs = 5.5 dB TYP at f = 12 GHz
GATE LENGTH: Lg = 0.8
µm (recessed gate)
GATE WIDTH: Wg = 330
µm
4 PINS SUPER MINI MOLD
TAPE & REEL PACKAGING
FEATURES
PACKAGE DIMENSIONS (Units in mm)
PACKAGE OUTLINE 18
PRELIMINARY DATA SHEET
ELECTRICAL CHARACTERISTICS (TA = 25°C)
PIN CONNECTIONS
1. Source
2. Gate
3. Source
4. Drain
California Eastern Laboratories
2.1
± 0.2
1.25
± 0.1
DESCRIPTION
The NE72118 is a high performance gallium arsenide metal
semiconductor field effect transistor (MESFET), housed in a
low cost plastic surface mount package (SOT 23 style). This
device's low phase noise and high fT make it an excellent
choice for oscillator applications on a digital LNB (Low Noise
Block).
NEC's stringent quality assurance and test procedures ensure
the highest reliability performance.


Similar Part No. - NE72118-T1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE72118-T1 RENESAS-NE72118-T1 Datasheet
201Kb / 18P
   GaAs MES FET
1997
More results

Similar Description - NE72118-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NE72218 NEC-NE72218 Datasheet
60Kb / 8P
   C to X BAND AMPLIFIER C to X BAND OSC N-CHANNEL GaAs MES FET
logo
California Eastern Labs
NE72218 CEL-NE72218 Datasheet
37Kb / 5P
   C TO X BAND N-CHANNEL GaAs MESFET
NE722S01 CEL-NE722S01 Datasheet
130Kb / 6P
   NECs C TO X BAND N-CHANNEL GaAs MES FET
logo
NEC
NE722S01 NEC-NE722S01 Datasheet
128Kb / 6P
   NECs C TO X BAND N-CHANNEL GaAs MES FET
NEZ4450-15BD NEC-NEZ4450-15BD Datasheet
240Kb / 6P
   C-BAND POWER GAAS MESFET
NE76184AS NEC-NE76184AS Datasheet
52Kb / 4P
   GENERAL PURPOSE L TO X-BAND GaAs MESFET
NE721S01 NEC-NE721S01 Datasheet
32Kb / 5P
   GENERAL PURPOSE L TO X-BAND GaAs MESFET
logo
California Eastern Labs
NE850R59 CEL-NE850R59 Datasheet
22Kb / 2P
   C-BAND MEDIUM POWER GaAs MESFET
NE8500100 CEL-NE8500100 Datasheet
64Kb / 4P
   C-BAND MEDIUM POWER GaAs MESFET
logo
Infineon Technologies A...
CLY32 INFINEON-CLY32 Datasheet
574Kb / 9P
   HiRel C-Band GaAs Power-MESFET
September 99
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com