Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BMT1417B26 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BMT1417B26
Description  SILICON MICROWAVE POWER TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMT1417B26 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BMT1417B26 Datasheet HTML 1Page - List of Unclassifed Manufacturers BMT1417B26 Datasheet HTML 2Page - List of Unclassifed Manufacturers BMT1417B26 Datasheet HTML 3Page - List of Unclassifed Manufacturers BMT1417B26 Datasheet HTML 4Page - List of Unclassifed Manufacturers BMT1417B26 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SYMBOL
PARAMETERS
RATING
UNITS
Absolute Maximum Ratings:
V
CEO
Collector-Emitter Voltage
28
V
V
EBO
Emitter-Base Voltage
3.5
V
I
C
Collector Current (instantaneous)
4.16
A
T
J
Junction Temperature
200
oC
T
STG
Storage Temperature
-65 to 200
oC
V
CBO
Collector-Base Voltage
50
V
SYMBOL
PARAMETERS & CONDITIONS
UNIT
MIN.
TYP.
MAX.
V
CE
=28V, I
C
=4.16 A, Class C
η
C
OB
Output Capacitance:
f = 1 MHz, I
E
= 0
pF
24
BIPOLARICS, INC
Part Number BMT1417B26
SILICON MICROWAVE POWER TRANSISTOR
PRODUCT DATA SHEET
θJC
Thermal Resistance
6.5
C/W
FEATURES:
Common Base, Class C Package Configuration
High Output Power
26 W @ 1.4 to 1.7 GHz
High Gain Bandwidth Product
f
t
= 6.0 GHz @ I
C
= 4.16 A
High Gain
GPE = 7.0 dB to 8.2 dB
High Reliability
Gold Metallization
Nitride Passivation
Diffused Ballast Resistors
BeO Packaging
PERFORMANCE DATA:
Electrical Characteristics (T
A
= 25
oC)
P
1dB
Power output at 1 dB compression:
f = 1.4 GHz
W
26
Collector Efficiency
Class C
%
50
h
FE
Forward Current Transfer Ratio: V
CB
= 5V, I
C
= 800 mA
10
---
100
P
T
Total Power Dissipation
W
52
Built-In Matching Network
for Broadband Operation


Similar Part No. - BMT1417B26

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BMT12-1P DBLECTRO-BMT12-1P Datasheet
88Kb / 1P
   BMT12-1P
BMT12-2P DBLECTRO-BMT12-2P Datasheet
88Kb / 1P
   BMT12-1P
BMT12-3P DBLECTRO-BMT12-3P Datasheet
88Kb / 1P
   BMT12-1P
logo
List of Unclassifed Man...
BMT1720B20 ETC-BMT1720B20 Datasheet
189Kb / 5P
   SILICON MICROWAVE POWER TRANSISTOR
More results

Similar Description - BMT1417B26

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
List of Unclassifed Man...
B20V140 ETC2-B20V140 Datasheet
31Kb / 2P
   SILICON MICROWAVE POWER TRANSISTOR
BMT1720B20 ETC-BMT1720B20 Datasheet
189Kb / 5P
   SILICON MICROWAVE POWER TRANSISTOR
logo
Tyco Electronics
MRF10350 MACOM-MRF10350 Datasheet
147Kb / 4P
   MICROWAVE POWER TRANSISTOR NPN SILICON
MRF1090MA MACOM-MRF1090MA Datasheet
127Kb / 4P
   MICROWAVE POWER TRANSISTOR NPN SILICON
logo
M/A-COM Technology Solu...
MRF10005 MA-COM-MRF10005_15 Datasheet
198Kb / 5P
   Microwave Power Silicon Bipolar Transistor
MRF10005 MA-COM-MRF10005_17 Datasheet
603Kb / 6P
   Microwave Power Silicon Bipolar Transistor
MRF10031 MA-COM-MRF10031_17 Datasheet
642Kb / 6P
   Microwave Power Silicon NPN Transistor
logo
List of Unclassifed Man...
B15V140 ETC1-B15V140 Datasheet
53Kb / 7P
   MEDIUM POWER SILICON MICROWAVE TRANSISTOR
logo
Tyco Electronics
MRF10150 MACOM-MRF10150 Datasheet
139Kb / 4P
   MICROWAVE POWER TRANSISTOR NPN SILICON
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com