Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD53519 Datasheet(PDF) 2 Page - Analog Devices

Part # AD53519
Description  Preliminary Technical Data
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD53519 Datasheet(HTML) 2 Page - Analog Devices

  AD53519 Datasheet HTML 1Page - Analog Devices AD53519 Datasheet HTML 2Page - Analog Devices AD53519 Datasheet HTML 3Page - Analog Devices AD53519 Datasheet HTML 4Page - Analog Devices AD53519 Datasheet HTML 5Page - Analog Devices AD53519 Datasheet HTML 6Page - Analog Devices AD53519 Datasheet HTML 7Page - Analog Devices AD53519 Datasheet HTML 8Page - Analog Devices AD53519 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PRELIMINARY TECHNICAL DATA
AD53519
AD53519 ELECTRICAL CHARACTERISTICS (VCC= +5.0V, VEE = -5.2V, TA = +25°C unless otherwise noted)
PARAMETER
SYMBOL
CONDITION
Min
Typ
Max
UNITS
INPUT
CHARACTERISTICS
Input Offset Voltage
VOS
-10.0
±3.0
10.0
mV
Input Offset Voltage
Channel Matching
mV
Offset Voltage Tempco
DVOS/dT
10.0
µV/°C
Input Bias Current
IBC
±16
±25.0
µA
Input Bias Current Tempco
nA/°C
Input Offset Current
±1.0
±3.0
µA
Input Voltage Range
-2.0
3.0
V
Input Capacitance
CIN
pF
Input Resistance
Rins
k
Input Resistance,
Differential Mode
40
k
Input Resistance, Common
Mode
k
Input Common Mode Range
VCM
-2.0
3.0
V
Open Loop Gain
60
dB
Common Mode Rejection
Ratio
CMRR
VCM = -1.0 V to +3.0 V
70
dB
Input Differential Voltage
V
Hysteresis Skew
mV
ENABLE INPUT
CHARACTERISTICS
Latch Enable Common
Mode Range
VLCM
-2.0
0
V
Latch Enable Differential
Input Voltage
VLD
0.4
2.0
V
Input HIGH Voltage
VIH
V
Input LOW Voltage
VIL
V
Input HIGH Current
@ 0.0 Volts
µA
Input LOW Current
@ -2.0 Volts
µA
Latch Set-up Time
tS
250 mV Over Drive
150
ps
Latch to Output Rise Delay
tPLOH
250 mV Over Drive
375
ps
Latch to Output Fall Delay
tPLOL
250 mV Over Drive
375
ps
Latch Pulse Width
tPL
250 mV Over Drive
150
ps
Latch Hold Time
tH
250 mV Over Drive
0
ps
OUTPUT
CHARACTERISTICS
Output Voltage - High Level VOH
ECL 50 Ohms to –2.0 V
-1.00
-0.81
V
Output Voltage - Low Level
VOL
ECL 50 Ohms to –2.0 V
-1.95
-1.54
V
SWITCHING
PERFORMANCE
Propagation Delay – Input
to Output – Rise
tPDR
300
ps
Propagation Delay – Input
to Output – Fall
tPDF
300
ps
REV. Pr J July 22, 2002
- 2 -


Similar Part No. - AD53519

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53513 AD-AD53513 Datasheet
92Kb / 4P
   Quad Ultrahigh-Speed Pin Driver with High-Z and VTERM Modes
REV. 0
AD53513JSQ AD-AD53513JSQ Datasheet
92Kb / 4P
   Quad Ultrahigh-Speed Pin Driver with High-Z and VTERM Modes
REV. 0
AD53513 AD-AD53513_15 Datasheet
95Kb / 4P
   Quad Ultrahigh-Speed Pin Driver
REV. 0
More results

Similar Description - AD53519

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21267 AD-ADSP-21267 Datasheet
496Kb / 44P
   Preliminary Technical Data
Rev. PrA
AD5263 AD-AD5263 Datasheet
84Kb / 6P
   Preliminary Technical Data
08 AUG ??2, REV PrD
ADSP-21368 AD-ADSP-21368 Datasheet
1Mb / 48P
   Preliminary Technical Data
Rev. PrA
logo
Everlight Electronics C...
67-B21SURC-S400-E13-TR8 EVERLIGHT-67-B21SURC-S400-E13-TR8 Datasheet
128Kb / 9P
   Technical Data Sheet TOP View LEDs(Preliminary)
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
   Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
   Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
   Preliminary Technical Information
IXYH40N90C3D1 IXYS-IXYH40N90C3D1 Datasheet
190Kb / 7P
   Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
   Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
   Preliminary Technical Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com