Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC17510MTB Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC17510MTB
Description  1.2 A 15 V H-Bridge Motor Driver IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17510MTB Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC17510MTB Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC17510MTB Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC17510MTB Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17510MTB Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17510MTB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17510MTB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17510MTB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17510MTB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17510MTB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
17510
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
Motor Supply Voltage
VM
-0.5 – -16
V
Charge Pump Output Voltage (1)
VCRES
-0.5 to 13
V
Logic Supply Voltage
VDD
-0.5 to 16
V
Signal Input Voltage (EN, IN1, IN2, GIN)
VIN
-0.5 to VDD+0.5
V
Driver Output Current
Continuous
Peak (2)
IO
IOPK
1.2
3.8
A
ESD Voltage (3)
Human Body Model
Machine Model
VESD1
VESD2
±1900
±130
V
Storage Temperature
TSTG
-65 to 150
°C
Operating Junction Temperature
TJ
-30 to 150
°C
Operating Ambient Temperature
TA
-30 to 65
°C
Power Dissipation (4)
PD
1.0
W
Thermal Resistance
R
θ
JA
120
°C/W
Soldering Temperature (5)
TSOLDER
260
°C
Notes
1.
When supplied externally, connect via 3.0 k
Ω resistor.
2.
TA = 25°C, 10 ms pulse at 200 ms interval.
3.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω), ESD2 testing is performed in
accordance with the Machine Model (CZAP = 200 pF, RZAP = 0 Ω).
4.
TA = 25°C, RθJA = 120°C/W, 37 mm x 50 mm Cu area (1.6 mm FR-4 PCB).
5.
Soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.


Similar Part No. - MPC17510MTB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17510MTBEL FREESCALE-MPC17510MTBEL Datasheet
407Kb / 14P
   1.2 A 15 V H-Bridge Motor Driver IC
More results

Similar Description - MPC17510MTB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC17510 FREESCALE-MPC17510 Datasheet
407Kb / 14P
   1.2 A 15 V H-Bridge Motor Driver IC
logo
Motorola, Inc
MPC17510EJ MOTOROLA-MPC17510EJ Datasheet
490Kb / 12P
   1.2 A 15 V H-Bridge Motor Driver IC
logo
Renesas Technology Corp
HD74LV2GT04A RENESAS-HD74LV2GT04A Datasheet
83Kb / 8P
   1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Freescale Semiconductor...
17511A FREESCALE-17511A Datasheet
222Kb / 16P
   1.0 A 6.8 V H-Bridge Motor Driver IC
MPC17511A FREESCALE-MPC17511A Datasheet
852Kb / 17P
   1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Renesas Technology Corp
HD74HC670 RENESAS-HD74HC670 Datasheet
106Kb / 9P
   1.0 A 6.8 V H-Bridge Motor Driver IC
logo
Texas Instruments
DRV8829 TI1-DRV8829 Datasheet
712Kb / 17P
[Old version datasheet]   H-BRIDGE MOTOR DRIVER IC
logo
Freescale Semiconductor...
MPC17C724 FREESCALE-MPC17C724 Datasheet
839Kb / 13P
   0.4 A Dual H-Bridge Motor Driver IC
MPC17C724EPR2 FREESCALE-MPC17C724EPR2 Datasheet
842Kb / 13P
   0.4 A Dual H-Bridge Motor Driver IC
logo
HuaXinAn Electronics CO...
AP1016AEN HUAXINAN-AP1016AEN Datasheet
547Kb / 16P
   Dual H-Bridge Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com