Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


RA60H4047M1 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part No. RA60H4047M1
Description  400-470MHz 60W 12.5V, 2 Stage Amp. For MOBILE RADIO
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

   
 5 page
background image
MITSUBISHI RF POWER MODULE
RoHS COMPLIANCE
RA60H4047M1
RA60H4047M1
MITSUBISHI ELECTRIC
25
th Oct 2006
5/9
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
44±1
56±1
49.8±1
67±1
60±1
2-R2±0.5
17±1
12.5±1
0.6±0.2
③④
OUTLINE DRAWING
(mm)
1 RF Input (Pin )
2 Gate Voltage(VGG)
3 Drain Voltage (VDD)
4 RF Output (Pout)
5 RF Ground (Case)




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RA13H8891MA889-915MHz 13W 12.5V 2 Stage Amp. For MOBILE RADIO 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
RA07M3843MRoHS Compliance 378-430MHz 7W 7.2V 2Stage Amp. For PORTABLE RADIO 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
MCB7702M-Pixel CMOS Camera Module with Autofocus Function for Mobile Equipment 1 2 Sony Corporation
LA41802-CHANNEL AF POWER AMP FOR TAPE RECORDER RADIO 1 Sanyo Semicon Device
TCA705IC for inductive Proximity Switches with 0.5 A Output Stage 1 2 3 4 5 MoreSiemens Semiconductor Group
LA41902-CHANNEL AF POWER AMP FOR TAPE RECORDER RADIO 1 Sanyo Semicon Device
B9014SAW Components Low-Loss Filter for Mobile Communication 1 2 3 4 5 MoreEPCOS
TEA5767HNLow-power FM stereo radio for handheld applications 1 2 3 4 5 MoreNXP Semiconductors
TEA5767HLLow-power FM stereo radio for handheld applications 1 2 3 4 5 MoreNXP Semiconductors
PJLC1V5LOW CAPACITANCE ESD / TRANSIENT DATA LINE PROTECTOR FOR 1.5V SYSTEMS 1 2 3 4 Pan Jit International Inc.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl