Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA8504 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KA8504
Description  SPEECH NETWORK WITH DIALER INTERFACE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KA8504 Datasheet(HTML) 3 Page - Samsung semiconductor

  KA8504 Datasheet HTML 1Page - Samsung semiconductor KA8504 Datasheet HTML 2Page - Samsung semiconductor KA8504 Datasheet HTML 3Page - Samsung semiconductor KA8504 Datasheet HTML 4Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KA8504
SPEECH NETWORK WITH DIALER INTERFACE
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Ta = 25
°C, f = 1KHz, unless otherwise noted)
Characteristic
Symbol
Value
Unit
Line Voltage
Line Current
Surge Line Current (2 sec)
Power Dissipation
Operating Temperature
Storage Temperature
VL
IL
IL (SURGE)
PD
TOPR
TSTG
15
150
200
1.0
- 40 ~ 85
- 55 ~ 150
V
mA
mA
W
°C
°C
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Unit
IL = 20mA
3.1
3.5
3.9
Line Voltage
VL
IL = 50mA
5.4
6.0
6.4
V
IL = 120mA
10.5
11.5
12.5
IL = 20mA
1.7
2.0
2.3
Internal Operating Voltage
VCC
IL = 50mA
3.3
3.7
4.1
V
IL = 120mA
7.2
7.6
8.0
IL = 20mA
35.0
37.0
39.0
IL = 120mA
32.0
34.0
36.0
IL = 20mA
THD = 4.0%
2.5
-
-
IL = 120mA
THD = 4.0%
4.0
-
-
IL = 20mA
-7.5
-4.5
-1.5
IL = 120mA
-13.5
-1.5
-7.5
IL = 20mA
THD = 10%
250
-
-
IL = 120mA
THD = 10%
300
-
-
RX Output Current
IO (RX)
IL = 20 ~ 120mA
4.0
-
-
mA
IL = 20mA
20.5
22.5
24.5
IL = 120mA
17.5
19.5
21.5
DTMF Input Impedance
ZI (MF)
IL = 50mA
24
-
-
K
Mute Pin High Voltage
VIH (MUTE)
IL = 20 ~ 120mA
1.5
-
VCC
V
TX Gain
TX Dynamic Output Voltage
RX Gain
RX Dynamic Output Voltage
DTMF Gain
GV (TX)
VO (TX)
GV (RX)
VO (RX)
GV (MF)
dB
mVp-p
dB
Vp-p
dB


Similar Part No. - KA8504

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA8501 SAMSUNG-KA8501 Datasheet
60Kb / 4P
   SPEECH NETWORK WITH DIALER INTERFACE
KA8501A SAMSUNG-KA8501A Datasheet
60Kb / 4P
   SPEECH NETWORK WITH DIALER INTERFACE
KA8507B SAMSUNG-KA8507B Datasheet
82Kb / 6P
   COMPANDER
KA8507BD SAMSUNG-KA8507BD Datasheet
82Kb / 6P
   COMPANDER
KA8509 SAMSUNG-KA8509 Datasheet
120Kb / 4P
   FM RECEIVER
More results

Similar Description - KA8504

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA8501A SAMSUNG-KA8501A Datasheet
60Kb / 4P
   SPEECH NETWORK WITH DIALER INTERFACE
S1T8501 SAMSUNG-S1T8501 Datasheet
61Kb / 6P
   SPEECH NETWORK WITH DIALER INTERFACE
S1T2425A SAMSUNG-S1T2425A Datasheet
77Kb / 7P
   SPEECH NETWORK WITH DIALER INTERFACE
KA2425A SAMSUNG-KA2425A Datasheet
91Kb / 6P
   SPEECH NETWORK WITH DIALER INTERFACE
logo
Hynix Semiconductor
GL6965 HYNIX-GL6965 Datasheet
340Kb / 23P
   Telephone Speech Network with Dialer Interface
logo
Integral Corp.
ILA1062 INTEGRAL-ILA1062 Datasheet
189Kb / 9P
   TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
KODENSHI_AUK CORP.
KKA1062 KODENSHI-KKA1062 Datasheet
366Kb / 9P
   TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
Motorola, Inc
MC34014 MOTOROLA-MC34014 Datasheet
828Kb / 17P
   TELEPHONE SPEECH NETWORK WITH DIALER INTERFACE
logo
KODENSHI_AUK CORP.
KK6965 KODENSHI-KK6965 Datasheet
2Mb / 24P
   Telephone Speech Network with Dialer Interface
logo
Integral Corp.
IL6965 INTEGRAL-IL6965 Datasheet
2Mb / 24P
   Telephone Speech Network with Dialer Interface
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com