Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W77E516 Datasheet(PDF) 9 Page - Winbond

Part # W77E516
Description  8-BIT MICROCONTROLLER
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77E516 Datasheet(HTML) 9 Page - Winbond

Back Button W77E516 Datasheet HTML 5Page - Winbond W77E516 Datasheet HTML 6Page - Winbond W77E516 Datasheet HTML 7Page - Winbond W77E516 Datasheet HTML 8Page - Winbond W77E516 Datasheet HTML 9Page - Winbond W77E516 Datasheet HTML 10Page - Winbond W77E516 Datasheet HTML 11Page - Winbond W77E516 Datasheet HTML 12Page - Winbond W77E516 Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
Preliminary W77E516
Publication Release Date: August 16, 2002
- 9 -
Revision A1
Data Memory
The W77E516 can access up to 64Kbytes of external Data Memory. This memory region is accessed
by the MOVX instructions. Unlike the 8051 derivatives, the W77E516 contains on-chip 1K bytes MOVX
SRAM of Data Memory, which can only be accessed by MOVX instructions.
These 1K bytes of SRAM are between address 0000H and 03FFH. Access to the on-chip MOVX
SRAM is optional under software control. When enabled by software, any MOVX instruction that uses
this area will go to the on-chip RAM. MOVX addresses greater than 03FFH automatically go to external
memory through Port 0 and 2. When disabled, the 1KB memory area is transparent to the system
memory map. Any MOVX directed to the space between 0000H and FFFFH goes to the expanded bus
on Port 0 and 2. This is the default condition. In addition, the W77E516 has the standard 256 bytes of
on-chip Scratchpad RAM. This can be accessed either by direct addressing or by indirect addressing.
There are also some Special Function Registers (SFRs), which can only be accessed by direct
addressing. Since the Scratchpad RAM is only 256 bytes, it can be used only when data contents are
small. In the event that larger data contents are present, two selections can be used. One is on-chip
MOVX SRAM, the other is the external Data Memory. The on-chip MOVX SRAM can only be accessed
by a MOVX instruction, the same as that for external Data Memory. However, the on-chip RAM has the
fastest access times.
0000h
FFFFh
80h
7Fh
00h
Indirect
Addressing
RAM
Direct &
Indirect
Addressing
RAM
SFRs
Direct
Addressing
FFh
64 K
Bytes
External
Data
Memory
1K Bytes
On-chip SRAM
0000h
03FFh
64K Bytes
On-chip
Program
Memory
APROM
0FFFh
4K Bytes
LDROM
Figure 1.
Memory Map


Similar Part No. - W77E516

ManufacturerPart #DatasheetDescription
logo
Winbond
W77E516A WINBOND-W77E516A Datasheet
766Kb / 90P
   8-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W77E516A NUVOTON-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results

Similar Description - W77E516

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com