Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TOTX178A Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TOTX178A
Description  FIBER OPTIC TRANSMITTING MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TOTX178A Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TOTX178A Datasheet HTML 1Page - Toshiba Semiconductor TOTX178A Datasheet HTML 2Page - Toshiba Semiconductor TOTX178A Datasheet HTML 3Page - Toshiba Semiconductor TOTX178A Datasheet HTML 4Page - Toshiba Semiconductor TOTX178A Datasheet HTML 5Page - Toshiba Semiconductor TOTX178A Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TOTX178A
2001-04-13
5
(6)
Panel attachment
TOTX178A has hole for panel attachment. Please be sure to attach it to panel with self−tapping
screw.
(7)
Solvent
When using solvent for flux removal, do not use a high acid or high alkali solvent. Be careful not to
pour solvent in to the optical connector ports. If solvent is inadvertently poured in to them, clean it off
using cotton tips.
(8)
Protective cap
When the TOTX178A is not in use, attach the protective cap.
(9)
Supply voltage
Use the supply voltage within the recommended operating condition (VCC = 5 ± 0.25 V). Make sure
that supply voltage does not exceed the maximum rating value of 7 V, even for an instant.
(10) Input voltage
If a voltage exceeding the maximum rating value (VCC + 0.5 V) is applied to the transmitters' input,
the internal IC may suffer damage. If there is a possibility that excessive voltage due to surges may
be added to the input terminal, insert a protective circuit.
(11) Soldering condition
Solder at 260°C or less for no more than ten seconds.
(12) Precautions when disposing of devices and packing materials.
When disposing devices and packing materials, follow the procedures stipulated by local regulations
in order to protect the environment against contamination.
Compound semiconductors such, as GaAs are used as LED materials in this module. When devices
are disposed of, worker safety and protection of the environment must be taken into account.
(13) Precautions during use
Toshiba is continually working to improve the quality and reliability of their products. Nevertheless,
semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity
and their vulnerability to physical stress. It is the responsibility of the buyer, when utilizing Toshiba
products, to observe standards of safety, and to avoid situations in which the malfunction or failure of
a Toshiba product could cause loss of human life, bodily injury or damage to property.
When developing equipment, please ensure that Toshiba products are used within the specified
operating ranges set forth in the most recent product specifications. Also, please keep in mind the
precautions and conditions set forth in the Toshiba Semiconductor Reliability Handbook.


Similar Part No. - TOTX178A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOTX178 TOSHIBA-TOTX178 Datasheet
322Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE
TOTX178S TOSHIBA-TOTX178S Datasheet
111Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE
More results

Similar Description - TOTX178A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TOTX141 TOSHIBA-TOTX141 Datasheet
113Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE
logo
KODENSHI_AUK CORP.
KFO-TX08CA KODENSHI-KFO-TX08CA Datasheet
248Kb / 1P
   Fiber Optic Transmitting Module
KFO-TX08CB KODENSHI-KFO-TX08CB Datasheet
194Kb / 1P
   Fiber Optic Transmitting Module
logo
Toshiba Semiconductor
TOTX194 TOSHIBA-TOTX194 Datasheet
140Kb / 8P
   FIBER OPTIC TRANSMITTING MODULE
TOTX178S TOSHIBA-TOTX178S Datasheet
111Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE
TOTX179 TOSHIBA-TOTX179 Datasheet
114Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE
TOTX195 TOSHIBA-TOTX195 Datasheet
139Kb / 8P
   FIBER OPTIC TRANSMITTING MODULE
TOTX170A TOSHIBA-TOTX170A Datasheet
143Kb / 8P
   FIBER OPTIC TRANSMITTING MODULE
logo
KODENSHI_AUK CORP.
KFO-TX13SA KODENSHI-KFO-TX13SA Datasheet
188Kb / 1P
   Fiber Optic Transmitting Module
logo
Toshiba Semiconductor
TOTX176 TOSHIBA-TOTX176 Datasheet
121Kb / 5P
   FIBER OPTIC TRANSMITTING MODULE
TOTX140 TOSHIBA-TOTX140 Datasheet
116Kb / 6P
   FIBER OPTIC TRANSMITTING MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com