Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S1L53352 Datasheet(PDF) 8 Page - Epson Company

Part # S1L53352
Description  HIGH DENSITY GATE ARRAY
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

S1L53352 Datasheet(HTML) 8 Page - Epson Company

Back Button S1L53352 Datasheet HTML 4Page - Epson Company S1L53352 Datasheet HTML 5Page - Epson Company S1L53352 Datasheet HTML 6Page - Epson Company S1L53352 Datasheet HTML 7Page - Epson Company S1L53352 Datasheet HTML 8Page - Epson Company S1L53352 Datasheet HTML 9Page - Epson Company S1L53352 Datasheet HTML 10Page - Epson Company S1L53352 Datasheet HTML 11Page - Epson Company S1L53352 Datasheet HTML 12Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
EPSON ELECTRONICS AMERICA, INC.
i 150 River Oaks Pkwy i San Jose, CA 95134 i Tel: (408) 922-0200 i Fax: (408) 922-0238
ASIC
S1L50000
DATA SHEET
Electrical Characteristics of the S1L50000 Series:
(VDD = 2.0V
± 0.2V, V
SS = 0V, Ta = -40 to 85
°C)
Item
Symbol
Conditions
Min
Typ
Max
Unit
Quiescent Current
*
IDDS
Quiescent Conditions
--
--
150
µA
Input Leakage Current
ILI
--
-1
--
1
µA
Off State Leakage Current
IOZ
--
-1
--
1
µA
High Level Output Voltage
VOH
IOH = -0.05mA (Type S), -0.3mA
(Type M), -0.6mA (Type 1), -2mA
(Type 2), -4mA (Type 3, Type 4)
VDD = Min
VDD
-0.2
--
--
V
Low Level Output Voltage
VOL
IOL = 0.05mA (Type S), 0.3mA
(Type M), 0.6mA (Type 1), 2mA
(Type 2), 4mA (Type 3), 8mA
(Type 4)
VDD = Min
--
--
0.2
V
High Level Input Voltage
VIH1
CMOS Level, VDD = Max
1.6
--
--
V
Low Level Input Voltage
VIL1
CMOS Level, VDD = Min
--
--
0.3
V
High Level Input Voltage
VT1+
CMOS Schmitt
0.4
--
1.6
V
Low Level Input Voltage
VT1-
CMOS Schmitt
0.3
--
1.4
V
Hysteresis Voltage
VH1
CMOS Schmitt
0
--
--
V
Type 1
30
120
300
Pull-up Resistance
RPU
VI = 0V
Type 2
60
240
600
K
Type 1
30
120
300
Pull-down Resistance
RPD
VI = VDD
Type 2
60
240
600
K
High Level Maintenance
Current
IBHH
Bus Hold Response,
VIN = 1.6V, VDD = Min
--
--
-2
µA
Low Level Maintenance
Current
IBHL
Bus Hold Response,
VIN = 0.3V, VDD = Min
--
--
2
µA
High Level Reversal Current
IBHHO
Bus Hold Response,
VIN = 0.3V, VDD = Max
-100
--
--
µA
Low Level Reversal Current
IBHLO
Bus Hold Response,
VIN = 1.6V, VDD = Max
100
--
--
µA
Input Terminal Capacitance
CI
f = 1Mhz, VDD = 0V
--
--
10
pF
Output Terminal Capacitance
CO
f = 1Mhz, VDD = 0V
--
--
10
pF
Input/Output Terminal
Capacitance
CIO
f = 1Mhz, VDD = 0V
--
--
10
pF
*
The quiescent current is a typical value (Tj=85
°C) for each master.


Similar Part No. - S1L53352

ManufacturerPart #DatasheetDescription
logo
Epson Company
S1L30000 EPSON-S1L30000 Datasheet
2Mb / 131P
   GATE ARRAY
S1L35000 EPSON-S1L35000 Datasheet
1Mb / 106P
   GATE ARRAY
S1L60000 EPSON-S1L60000 Datasheet
3Mb / 230P
   GATE ARRAY
logo
Samsung semiconductor
S1L9223B01 SAMSUNG-S1L9223B01 Datasheet
971Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
S1L9223B01-Q0R0 SAMSUNG-S1L9223B01-Q0R0 Datasheet
971Kb / 36P
   RF AMP & SERVO SIGNAL PROCESSOR
More results

Similar Description - S1L53352

ManufacturerPart #DatasheetDescription
logo
Epson Company
SLA40000 EPSON-SLA40000 Datasheet
39Kb / 2P
   High Density Gate Array
logo
Cypress Semiconductor
CY7C346B-35NC CYPRESS-CY7C346B-35NC Datasheet
87Kb / 6P
   Multiple Array Matrix High-Density EPLDs
logo
Luminus, Inc
CHM-6-XH20 LUMINUS-CHM-6-XH20 Datasheet
1Mb / 10P
   LED High Density White COB Array
CHM-9-XH20 LUMINUS-CHM-9-XH20 Datasheet
1Mb / 10P
   LED High Density White COB Array
CHM-11-XH20 LUMINUS-CHM-11-XH20 Datasheet
1,006Kb / 10P
   LED High Density White COB Array
CHM-14-XH20 LUMINUS-CHM-14-XH20 Datasheet
1Mb / 10P
   LED High Density White COB Array
logo
Epson Company
S1L35000 EPSON-S1L35000 Datasheet
1Mb / 106P
   GATE ARRAY
S1L30000 EPSON-S1L30000 Datasheet
2Mb / 131P
   GATE ARRAY
logo
Honeywell Solid State E...
HC20000 HONEYWELL-HC20000 Datasheet
974Kb / 18P
   HIGH-PERFORMANCE CMOS GATE ARRAY
logo
List of Unclassifed Man...
SLA7000 ETC-SLA7000 Datasheet
188Kb / 4P
   CMOS HIGH SPEED GATE ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com