Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG6849 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SG6849
Description  Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SG6849 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SG6849 Datasheet HTML 6Page - List of Unclassifed Manufacturers SG6849 Datasheet HTML 7Page - List of Unclassifed Manufacturers SG6849 Datasheet HTML 8Page - List of Unclassifed Manufacturers SG6849 Datasheet HTML 9Page - List of Unclassifed Manufacturers SG6849 Datasheet HTML 10Page - List of Unclassifed Manufacturers SG6849 Datasheet HTML 11Page - List of Unclassifed Manufacturers SG6849 Datasheet HTML 12Page - List of Unclassifed Manufacturers SG6849 Datasheet HTML 13Page - List of Unclassifed Manufacturers SG6849 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Product Specification
Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
SG6849
© System General Corp.
- 10 -
www.sg.com.tw
Version 1.0(IRO33.0002.B3)
Dec.29, 2003
propagation delay TPD. This propagation delay will
introduce
an
additional
current
proportional
to
TPD*VIN/LP. The propagation delay is nearly constant
regardless of the input line voltage VIN. Higher input line
voltages will result in larger additional currents. Thus,
under high input-line voltages the output power limit will
be higher than under low input-line voltages.
Over a wide range of AC input voltages, the variation can
be significant. To compensate for this, the threshold
voltage is adjusted by adding a positive ramp. This ramp
signal can vary from 0.77V to 1.05V for SG6849-65 and
0.70 to 1.03V for SG6849-100, and it flattens out at 1.05V
and 1.03V respectively. A smaller threshold voltage
forces the output GATE drive to terminate earlier, thus
reducing total PWM turn-on time and making the output
power equal to that of the low line input. This proprietary
internal compensation feature ensures a constant output
power limit over a wide range of AC input voltages
(90VAC to 264VAC).
Under Voltage Lockout (UVLO)
The turn-on/turn-off thresholds of the SG6849 are fixed
internally at 17V/8V. To enable the SG6849 during
startup, the hold-up capacitor must first be charged to 17V
through the startup resistor.
The hold-up capacitor will continue to supply VDD before
energy can be delivered from the auxiliary winding of the
main transformer. VDD must not drop below 8V during
this startup process. This UVLO hysteresis window
ensures that the hold-up capacitor can adequately supply
VDD during startup.
Gate Output
The SG6849 BiCMOS output stage is a fast totem pole
gate driver. Cross-conduction has been avoided to
minimize heat dissipation, increase efficiency, and
enhance reliability. The output driver is clamped by an
internal 16.7V Zener diode in order to protect the power
MOSFET transistors against any harmful over-voltage
gate signals.
Slope Compensation
The sensed voltage across the current sense resistor is
used for current mode control and pulse-by-pulse current
limiting. The built-in slope compensation function
improves power supply stability. Furthermore, it prevents
sub-harmonic oscillations that normally would occur
because of peak current mode control. A positively sloped,
synchronized ramp is activated by the SG6849 with every
switching cycle. The slope of the ramp is
(max)
33
.
0
Duty
Duty
×
.
Noise Immunity
Noise from the current sense or the control signal may
cause significant pulse width jitter, particularly in
continuous-conduction mode. Slope compensation helps
alleviate this problem. Good placement and layout
practices should be followed. The designer should avoid
long PCB traces and component leads. Compensation and
filter components should be located near the SG6849.
Finally, increasing the power-MOS gate resistance is
advised.


Similar Part No. - SG6849

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG684965DY FAIRCHILD-SG684965DY Datasheet
391Kb / 16P
   Low-Power, Green-Mode PWM Flyback Power Controller without Secondary Feedback
SG684965DZ FAIRCHILD-SG684965DZ Datasheet
391Kb / 16P
   Low-Power, Green-Mode PWM Flyback Power Controller without Secondary Feedback
SG684965TZ FAIRCHILD-SG684965TZ Datasheet
391Kb / 16P
   Low-Power, Green-Mode PWM Flyback Power Controller without Secondary Feedback
More results

Similar Description - SG6849

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SG684965TZ FAIRCHILD-SG684965TZ Datasheet
391Kb / 16P
   Low-Power, Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400A FAIRCHILD-FAN400A Datasheet
567Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
SGP400 FAIRCHILD-SGP400 Datasheet
492Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller without Secondary Feedback
FAN400C FAIRCHILD-FAN400C Datasheet
544Kb / 14P
   Low-Power, Green-Mode, PWM Flyback Power Controller without Secondary Feedback (CC)
FAN400A FAIRCHILD-FAN400A_2 Datasheet
764Kb / 15P
   Low-Power Green-Mode PWM Flyback Power Controller
AN-400A FAIRCHILD-AN-400A Datasheet
305Kb / 8P
   Low-Power Green-Mode PWM Flyback Power Controller
FSEZ2016 FAIRCHILD-FSEZ2016 Datasheet
501Kb / 14P
   Low-Power Green-Mode EZSWITCHTM without Secondary Side Feedback Circuitry
FSEZ2016 FAIRCHILD-FSEZ2016_10 Datasheet
477Kb / 14P
   Low-Power Green-Mode EZSWITCH without Secondary Side Feedback Circuitry
logo
Excelliance MOS Corp.
EM8631 EXCELLIANCE-EM8631 Datasheet
286Kb / 11P
   Green mode PWM Flyback Controller
EM8632 EXCELLIANCE-EM8632 Datasheet
285Kb / 11P
   Green mode PWM Flyback Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com