Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC3H2AB Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC3H2AB
Description  Mini-flat Half Pitch Package, High CMR Photocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H2AB Datasheet(HTML) 5 Page - Sharp Corporation

  PC3H2AB Datasheet HTML 1Page - Sharp Corporation PC3H2AB Datasheet HTML 2Page - Sharp Corporation PC3H2AB Datasheet HTML 3Page - Sharp Corporation PC3H2AB Datasheet HTML 4Page - Sharp Corporation PC3H2AB Datasheet HTML 5Page - Sharp Corporation PC3H2AB Datasheet HTML 6Page - Sharp Corporation PC3H2AB Datasheet HTML 7Page - Sharp Corporation PC3H2AB Datasheet HTML 8Page - Sharp Corporation PC3H2AB Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Sheet No.: D2-A01101EN
Model Line-up
IC [mA]
(IF
=1mA, VCE=5V, Ta=25˚C)
with or without
A
B
C
D
A or B
B or C
C or D
A, B or C
B, C or D
A, B, C or D
0.2 to 4.0
0.35 to 0.7
0.5 to 1.0
0.8 to 1.6
1.2 to 2.4
0.35 to 1.0
0.5 to 1.6
0.8 to 2.4
0.35 to 1.6
0.5 to 2.4
0.35 to 2.4
Model No.
Package
Rank mark
PC3H2
PC3H2A
PC3H2B
PC3H2C
PC3H2D
PC3H2AB
PC3H2BC
PC3H2CD
PC3H2AC
PC3H2BD
PC3H2AD
Taping
3 000pcs/reel
5
Please contact a local SHARP sales representative to inquire about production status and Lead-Free options.
PC3H2 Series


Similar Part No. - PC3H2AB

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H2 SHARP-PC3H2 Datasheet
82Kb / 6P
   High Resistance to Noise, Half Pitch Photocoupler
More results

Similar Description - PC3H2AB

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC352NJ0000F SHARP-PC352NJ0000F Datasheet
238Kb / 14P
   Mini-flat Package, High CMR Photocoupler
PC3H710NIP0F SHARP-PC3H710NIP0F Datasheet
198Kb / 13P
   Mini-flat Half Pitch Package High CMR, Low Input Current Photocoupler
PC3H711NIP0F SHARP-PC3H711NIP0F Datasheet
198Kb / 13P
   Mini-flat Half Pitch Package High CMR, Low Input Current Photocoupler
PC3H411NIP SHARP-PC3H411NIP Datasheet
189Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H411NIP0F SHARP-PC3H411NIP0F Datasheet
396Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H410NIP0F SHARP-PC3H410NIP0F Datasheet
199Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H4KJ0000F SHARP-PC3H4KJ0000F Datasheet
200Kb / 13P
   Mini-flat Half Pitch Package, AC Input Photocoupler
PC3H4AJ0000F SHARP-PC3H4AJ0000F Datasheet
200Kb / 13P
   Mini-flat Half Pitch Package, AC Input Photocoupler
PC3H7J00000F SHARP-PC3H7J00000F Datasheet
194Kb / 13P
   Mini-flat Half Pitch Package, General Purpose Photocoupler
PC354M1J000F SHARP-PC354M1J000F Datasheet
194Kb / 13P
   Mini-flat Half Pitch Package, General Purpose Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com