Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC3H2C Datasheet(PDF) 11 Page - Sharp Corporation

Part # PC3H2C
Description  Mini-flat Half Pitch Package, High CMR Photocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC3H2C Datasheet(HTML) 11 Page - Sharp Corporation

Back Button PC3H2C Datasheet HTML 5Page - Sharp Corporation PC3H2C Datasheet HTML 6Page - Sharp Corporation PC3H2C Datasheet HTML 7Page - Sharp Corporation PC3H2C Datasheet HTML 8Page - Sharp Corporation PC3H2C Datasheet HTML 9Page - Sharp Corporation PC3H2C Datasheet HTML 10Page - Sharp Corporation PC3H2C Datasheet HTML 11Page - Sharp Corporation PC3H2C Datasheet HTML 12Page - Sharp Corporation PC3H2C Datasheet HTML 13Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Sheet No.: D2-A01101EN
Solvent cleaning:
Solvent temperature should be 45˚C or below Immersion time should be 3minutes or less
Ultrasonic cleaning:
The impact on the device varies depending on the size of the cleaning bath, ultrasonic output, cleaning time,
size of PCB and mounting method of the device.
Therefore, please make sure the device withstands the ultrasonic cleaning in actual conditions in advance of
mass production.
Recommended solvent materials:
Ethyl alcohol, Methyl alcohol and Isopropyl alcohol
In case the other type of solvent materials are intended to be used, please make sure they work fine in ac-
tual using conditions since some materials may erode the packaging resin.
● Cleaning instructions
This product shall not contain the following materials.
And they are not used in the production process for this device.
Regulation substances:CFCs, Halon, Carbon tetrachloride, 1.1.1-Trichloroethane (Methylchloroform)
Specific brominated flame retardants such as the PBBOs and PBBs are not used in this product at all.
● Presence of ODC
11
PC3H2 Series


Similar Part No. - PC3H2C

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC3H2 SHARP-PC3H2 Datasheet
82Kb / 6P
   High Resistance to Noise, Half Pitch Photocoupler
More results

Similar Description - PC3H2C

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC352NJ0000F SHARP-PC352NJ0000F Datasheet
238Kb / 14P
   Mini-flat Package, High CMR Photocoupler
PC3H710NIP0F SHARP-PC3H710NIP0F Datasheet
198Kb / 13P
   Mini-flat Half Pitch Package High CMR, Low Input Current Photocoupler
PC3H711NIP0F SHARP-PC3H711NIP0F Datasheet
198Kb / 13P
   Mini-flat Half Pitch Package High CMR, Low Input Current Photocoupler
PC3H411NIP SHARP-PC3H411NIP Datasheet
189Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H411NIP0F SHARP-PC3H411NIP0F Datasheet
396Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H410NIP0F SHARP-PC3H410NIP0F Datasheet
199Kb / 13P
   Mini-flat Half Pitch Package, High CMR, AC Input, Low Input Current Photocoupler
PC3H4KJ0000F SHARP-PC3H4KJ0000F Datasheet
200Kb / 13P
   Mini-flat Half Pitch Package, AC Input Photocoupler
PC3H4AJ0000F SHARP-PC3H4AJ0000F Datasheet
200Kb / 13P
   Mini-flat Half Pitch Package, AC Input Photocoupler
PC3H7J00000F SHARP-PC3H7J00000F Datasheet
194Kb / 13P
   Mini-flat Half Pitch Package, General Purpose Photocoupler
PC354M1J000F SHARP-PC354M1J000F Datasheet
194Kb / 13P
   Mini-flat Half Pitch Package, General Purpose Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com