Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317CT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # LM317CT
Description  3-Terminal Adjustable Output Positive Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LM317CT Datasheet(HTML) 3 Page - Vishay Siliconix

  LM317CT Datasheet HTML 1Page - Vishay Siliconix LM317CT Datasheet HTML 2Page - Vishay Siliconix LM317CT Datasheet HTML 3Page - Vishay Siliconix LM317CT Datasheet HTML 4Page - Vishay Siliconix LM317CT Datasheet HTML 5Page - Vishay Siliconix LM317CT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Part Number
Vishay Semiconductor
Document Number 74809
www.vishay.com
29-Nov-01
3
Vin
VI
Vout
Cin
0.1
µF
Co
1
µF
Adjust R1
R2
1%
240
1%
LM317
RL
(min.
Load)
VOH (min. Load)
VOL (max. Load)
Pulse Testing Required:
1% Duty Cycle is Suggested
Vin
Vout
Cin
0.1
µF
Co
1
µF
Adjust R1
R2
1%
240
1%
LM317
RL
VIH
VIL
VOH
VOL
Pulse Testing Required:
1% Duty Cycle is Suggested
Vin
Vout
Cin
0.1
µF
Co
1
µF
Adjust R1
R2
1%
240
1%
RL
Pulse Testing Required:
1% Duty Cycle is Suggested
To Calculate R2:
Vo = ISET R2 + 1.250V
Assume ISET = 5.25mA
Fig. 3 – Standard Test Circuit
LM317
Vin
Vout
Vo = 10V
Cin
0.1
µF
Co
1
µF
Adjust
R1
R2
1%
240
1%
RL
Fig. 4 – Ripple Rejection Test Circuit
LM317
CAdj
10
µF
*D1 Discharges CADJ if
Output is Shorted to Ground
*D1
1N4002
24V
14V
f = 120HZ
IADJ
VI
IADJ
ISET
Vref
IL
Vo
Vo
IL
IADJ
Fig. 2 – Load Regulation and
∆Iadj/Load Test Circuit
Fig. 1 – Line Regulation Test Circuit
Line Regulation (%/V) =
x100
VOH -- VOL
VOL
Load Regulator (mV) = Vo(min. Load) -- Vo(max. Load)
Load Regulator (%Vo) =
x100
Vo(min. Load) -- Vo(max. Load)
Vo(min. Load)


Similar Part No. - LM317CT

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
LM317 ARTSCHIP-LM317 Datasheet
963Kb / 7P
   Low Voltage Audio Power Amplifier
logo
National Semiconductor ...
LM317 NSC-LM317 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
LM317 ETC2-LM317 Datasheet
281Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM317 ONSEMI-LM317 Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
logo
Tiger Electronic Co.,Lt...
LM317 TGS-LM317 Datasheet
157Kb / 3P
   3-Terminal Positive Adjustable Regulator
More results

Similar Description - LM317CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LM317 VISHAY-LM317 Datasheet
118Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulators
30-Oct-02
logo
First Components Intern...
LM317 FCI-LM317 Datasheet
535Kb / 9P
   3-Terminal Adjustable Output positive voltage Regulators
LM317E FCI-LM317E Datasheet
538Kb / 9P
   LM317-3 Terminal Adjustable Output Positive Voltage Regulators
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317LA3 CYSTEKEC-LM317LA3 Datasheet
353Kb / 12P
   Three Terminal Adjustable Output Positive Voltage Regulators
PL317E3 CYSTEKEC-PL317E3 Datasheet
193Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
List of Unclassifed Man...
EP1017 ETC2-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Eorex Corporation
EP1017 EOREX-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com