Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317CM Datasheet(PDF) 4 Page - Vishay Siliconix

Part # LM317CM
Description  3-Terminal Adjustable Output Positive Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LM317CM Datasheet(HTML) 4 Page - Vishay Siliconix

  LM317CM Datasheet HTML 1Page - Vishay Siliconix LM317CM Datasheet HTML 2Page - Vishay Siliconix LM317CM Datasheet HTML 3Page - Vishay Siliconix LM317CM Datasheet HTML 4Page - Vishay Siliconix LM317CM Datasheet HTML 5Page - Vishay Siliconix LM317CM Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Part Number
Vishay Semiconductor
www.vishay.com
Document Number 74809
4
29-Nov-01
0
0.2
0.4
0.6
--75
--50 --25
0
25
50
75
100
125 150
175
Fig. 5 – Load Regulation
--1.0
--0.8
--0.6
--0.4
--0.2
0
1
2
3
010
20
30
40
Fig. 6 – Current Limit
4
--75
--50 --25
0
25
50
75
100
125 150
175
Fig. 7 – Adjustment Pin Current
35
40
45
50
55
60
65
70
75
--75
--50 --25
0
25
50
75
100
125 150
175
Fig. 9 – Temperature Stability
1.220
1.230
1.240
1.250
1.260
--75
--50 --25
0
25
50
75
100
125 150
175
Fig. 8 – Dropout Voltage
1.0
1.5
2.0
2.5
3.0
IL = 1.5A
IL = 1.0A
IL = 500mA
IL = 200mA
IL = 20mA
∆Vo = 100mV
0
0.2
0.4
0.6
--75
--50 --25
0
25
50
75
100
125 150
175
--1.0
--0.8
--0.6
--0.4
--0.2
VI = 15V
Vo = 10V
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
4.0
4.5
010
20
30
40
50
Fig. 10 – Minimum Operating Current
TJ = --55
°C
TJ = 25
°C
5.0
TJ = 150
°C
IL = 0.5A
IL = 1.5A
TJ = 25
°C
TJ = 150
°C
TJ = --55
°C
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)


Similar Part No. - LM317CM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317 NSC-LM317 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM317 ARTSCHIP-LM317 Datasheet
963Kb / 7P
   Low Voltage Audio Power Amplifier
logo
List of Unclassifed Man...
LM317 ETC2-LM317 Datasheet
281Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
ON Semiconductor
LM317 ONSEMI-LM317 Datasheet
208Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
April, 2013 ??Rev. 13
LM317 ONSEMI-LM317 Datasheet
132Kb / 12P
   1.5 A Adjustable Output, Positive Voltage Regulator
January, 2002 ??Rev. 3
More results

Similar Description - LM317CM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LM317 VISHAY-LM317 Datasheet
118Kb / 6P
   3-Terminal Adjustable Output Positive Voltage Regulators
30-Oct-02
logo
First Components Intern...
LM317 FCI-LM317 Datasheet
535Kb / 9P
   3-Terminal Adjustable Output positive voltage Regulators
LM317E FCI-LM317E Datasheet
538Kb / 9P
   LM317-3 Terminal Adjustable Output Positive Voltage Regulators
logo
Integral Corp.
IL317 INTEGRAL-IL317 Datasheet
105Kb / 2P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cypress Semiconductor
LM317L3 CYPRESS-LM317L3 Datasheet
213Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
KODENSHI_AUK CORP.
KK317 KODENSHI-KK317 Datasheet
195Kb / 4P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM317LA3 CYSTEKEC-LM317LA3 Datasheet
353Kb / 12P
   Three Terminal Adjustable Output Positive Voltage Regulators
PL317E3 CYSTEKEC-PL317E3 Datasheet
193Kb / 9P
   Three Terminal Adjustable Output Positive Voltage Regulators
logo
List of Unclassifed Man...
EP1017 ETC2-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
logo
Eorex Corporation
EP1017 EOREX-EP1017 Datasheet
376Kb / 8P
   THREE-TERMINAL ADJUSTABLE OUTPUT POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com