Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L3914AN Datasheet(PDF) 5 Page - STMicroelectronics

Part # L3914AN
Description  SPEECH AND 14 MEMORY DIALER WITH HOLD FUNCTION
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3914AN Datasheet(HTML) 5 Page - STMicroelectronics

  L3914AN Datasheet HTML 1Page - STMicroelectronics L3914AN Datasheet HTML 2Page - STMicroelectronics L3914AN Datasheet HTML 3Page - STMicroelectronics L3914AN Datasheet HTML 4Page - STMicroelectronics L3914AN Datasheet HTML 5Page - STMicroelectronics L3914AN Datasheet HTML 6Page - STMicroelectronics L3914AN Datasheet HTML 7Page - STMicroelectronics L3914AN Datasheet HTML 8Page - STMicroelectronics L3914AN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
To dial a number from repertory memory (HKS
must be low), enter the following:
MEM (Location 0-9) or E1-E3
To save the last number dialed, enter the follow-
ing:
PROG MEM (location 0-9) or E1-E3
HOOK FLASH
D1
FLASH
D2
...etc
Hook flash may be entered into the dialed se-
quence at any point by keying in the function key,
FLASH. Flash consists of a timed break of
585ms, 300ms or 100ms depending on the Mask
option. When a FLASH key is pressed, no further
key inputs will be accepted until the hookflash
function has been dialed. The key input following
a FLASH will be stored as the initial digit of the
new number, overwriting the number dialed be-
fore the FLASH, unless it is another FLASH.
FLASH key pressed immediately after hookswitch
or LND will not clear the LND buffer unless digits
are entered following the FLASH key.
Example:
FLASH
LND not cleared
LND
FLASH
LND not cleared
LND
FLASH
D1
D2
LND buffer will contain D1, D2
PAUSE/LAST NUMBER DIALED
If the PAUSE/LND key is pressed right after off
hook or FLASH key, it is considered as LND, if it
is pressed after a digit, it will be considered as
PAUSE.
LAST NUMBERED DIALED
OFF-HOOK PAUSE/LND or FLASH PAUSE/LND
Last number dialing is accomplished by entering
the PAUSE/LND key.
PAUSE
OFF-HOOK D1
PAUSE/LND
D2
...etc
A pause may be entered into the dialed sequence
at any point by keying in the special function key,
PAUSE/LND. Pause inserts a 3.1 second delay into
the dialing sequence. The total delay, including pre-
digit and post-digit pauses is shown in Table 3.
Table 3: Special Function Delays
Each delay shown below represents the time re-
quired after the special function key is depressed
until a new digit is dialed. The time is considered
”FIRST” key if all previous inputs have been com-
pletely dialed. The time is considered ”AUTO” if in
redial, or if previous dialling is still in progress.
Function
First/Auto
Delay (seconds)
Pulse
Tone
SOFTSWITC H
FIRST
AUTO
0.2
1.0
PAUSE
FIRST
AUTO
2.6
3.4
3.0
3.1
HOLD
When HOLD key is pressed during off hook, there
are two options. The first option is to mute the
phone (LED will blink) and the conversation can
be resumed by pressing the HOLD key again.
The second option is to mute the phone (LED will
blink), on-hook the phone (LED will still blink at
1Hz frequency) and automatic switch off the
phone when parallel phone is off-hook.
The HOLD function is disabled when the line cur-
rent drops below 20mA.
SOFTSWITCH FUNCTION USING TONE/PULSE
MODE SWITCH
When dialing in Pulse mode after off-hook, switch-
ing TONE/PULSE mode switch from Pulse to Tone
will cause the device to change the signaling mode
into tone signal and store the softswitch function in
the LND memory for redial. To redial the softswitch
function (mixed mode dialing) in the pulse mode af-
ter going on-hook and back to off-hook, you have
to switch the TONE/PULSE mode switch back to
pulse mode either before going on-hook or after off-
hook or during on-hook.
Subsequentmode change from Tone to Pulse will
change the signaling mode to pulse dialing se-
quence but this mode change will not be stored in
.the LND memory.
When dialing in Tone mode after off-hook, a switch-
ing of TONE/PULSE mode Switch from Tone to
Pulse will cause the device to change the signaling
mode into pulse mode but this mode change will
not be stored in the LND memory. When LND key
is pressed in Tone mode after going off-hook, the
device will output all tone signals.
A pacifier tone of 75ms is provided after 32ms
deboun ce time when switching from Pulse to
Tone mode.
Redial by the LND key will repeat the mixed dial-
ing sequence in Pulse mode.
FUNCTION PIN DESCRIPTION (continued)
L3914A - L3924A - L3934A
5/15


Similar Part No. - L3914AN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3916A STMICROELECTRONICS-L3916A Datasheet
124Kb / 14P
   SPEECH AND 14 MEMORY DIALER WITH LED DRIVER
L3916A STMICROELECTRONICS-L3916A Datasheet
211Kb / 15P
   SPEECH AND 14 MEMORY DIALER WITH LED DRIVER
L3916AD STMICROELECTRONICS-L3916AD Datasheet
124Kb / 14P
   SPEECH AND 14 MEMORY DIALER WITH LED DRIVER
L3916AD STMICROELECTRONICS-L3916AD Datasheet
211Kb / 15P
   SPEECH AND 14 MEMORY DIALER WITH LED DRIVER
L3916AN STMICROELECTRONICS-L3916AN Datasheet
211Kb / 15P
   SPEECH AND 14 MEMORY DIALER WITH LED DRIVER
More results

Similar Description - L3914AN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L3916A STMICROELECTRONICS-L3916A Datasheet
124Kb / 14P
   SPEECH AND 14 MEMORY DIALER WITH LED DRIVER
L3916A STMICROELECTRONICS-L3916A_1 Datasheet
211Kb / 15P
   SPEECH AND 14 MEMORY DIALER WITH LED DRIVER
logo
Integral Corp.
IL91350A INTEGRAL-IL91350A Datasheet
622Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91340N WINBOND-W91340N Datasheet
194Kb / 15P
   10-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
logo
KODENSHI_AUK CORP.
KK91350A KODENSHI-KK91350A Datasheet
636Kb / 12P
   13 Memory Tone/Pulse Dialer with Handfree and Hold Function
logo
Winbond
W91350N WINBOND-W91350N Datasheet
199Kb / 16P
   13-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91360N WINBOND-W91360N Datasheet
190Kb / 14P
   3-MEMORY TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91520N WINBOND-W91520N Datasheet
193Kb / 16P
   TONE/PULSE DIALER WITH HANDFREE AND HOLD FUNCTION
W91473 WINBOND-W91473 Datasheet
236Kb / 20P
   14-MEMORY TONE/PULSE SWITCHABLE DIALER WITH HANDFREE AND LOCK FUNCTION
W91320N WINBOND-W91320N Datasheet
217Kb / 19P
   TONE/PULSE DIALER WITH HANDFREE LOCK AND HOLD FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com