Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6155-AST25R Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GM6155-AST25R
Description  150mA LOW - NOISE LDO REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GM6155-AST25R Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GM6155-AST25R Datasheet HTML 1Page - List of Unclassifed Manufacturers GM6155-AST25R Datasheet HTML 2Page - List of Unclassifed Manufacturers GM6155-AST25R Datasheet HTML 3Page - List of Unclassifed Manufacturers GM6155-AST25R Datasheet HTML 4Page - List of Unclassifed Manufacturers GM6155-AST25R Datasheet HTML 5Page - List of Unclassifed Manufacturers GM6155-AST25R Datasheet HTML 6Page - List of Unclassifed Manufacturers GM6155-AST25R Datasheet HTML 7Page - List of Unclassifed Manufacturers GM6155-AST25R Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
GM6155
4
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
Output Voltage Accuracy
Output Voltage Temperature
Coefficient
VO
Variation from specified VOUT
(Note 4)
-1
-2
1
2
%
ppm/ °C
DV/ DT
O
100
Line Regulation
Load Regulation
Dropout Voltage (Note 6)
DV/
O VO
DV/
O VO
V-
IN
VO
V
= V
+ 1V to 16V
IN
OUT
I = 0.1mA to 150mA, (Note 5)
L
I = 100µA
L
I = 50mA
L
I = 100mA
L
I = 150mA
L
0.004
0.02
10
110
140
165
0.012/
0.05
0.2/ 0.5
50
70
150
230
250
300
275
350
%/ V
mV
Quiescent Current
Ground Pin Current (Note 7)
IGND
IGND
1
5
µA
V
0.4V (shutdown)
EN
V
0.18V (shutdown)
EN
0.01
Ripple Rejection
Current Limit
Thermal Regulation
PSRR
ILIMT
f = 100Hz, I = 0.1mA
L
V
= 0V
OUT
(Note 8)
75
320
0.05
dB
mA
%/ W
500
DV/ DP
OD
Output Noise
eNO
I = 50mA, C = 2.2µF,
LL
470pF from BYP to GND
260
ENABLE Input
Enable Input Logic-Low
Voltage
VIL
IIL
Regulator shutdown
V
0.4
0.18
-1
-2
Enable Input Logic-High
Voltage
Enable Input Current
VIH
IIH
Regulator enabled
V
2.0
2
V
0.4V
IL
V
0.18V
IL
V
2.0V
IH
0.01
5
20
25
µA
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3: The maximum allowable power dissipation at any T (ambient temperature) is P (max) = (T (max) -T )
. Exceeding the maximum
AD
J
A
JA
allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
Note 4: Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
Note 5: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation in the
load range from 0.1mA to 150mA. Changes in output voltage due to heating effects are covered by the thermal regulation specification.
Note 6: Dropout Voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at
1V differential.
Note 7: Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from the supply is the
sum of the load current plus the ground pin current.
Note 8: Thermal regulation is defined as the change in output voltage at a time "t" after a change in power dissipation is applied, excluding load
or line regulation effects. Specifications are for a 150mA load pulse at V
= 16V for t = 10ms.
IN
q
ELECTRICAL CHARACTERISTICS
(V
= V
+ 1V; I = 100µA; C = 1.0µF; V
2.0; T = 25°C, bold values indicate -40°C
T
+125°C;
IN
OUT
L
L
EN
J
J
unless otherwise noted)
%/V
nV/ Hz
µA
125
150
600
800
1000
1500
1900
2500
µA
80
350
600
1300
V
2.0V, I = 0.1mA
EN
L
I = 50mA
L
I = 100mA
L
I = 150mA
L


Similar Part No. - GM6155-AST25R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6155-AST25R GAMMA-GM6155-AST25R Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
More results

Similar Description - GM6155-AST25R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com