Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLT440L16-35J4 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # GLT440L16-35J4
Description  256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLT440L16-35J4 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  GLT440L16-35J4 Datasheet HTML 1Page - List of Unclassifed Manufacturers GLT440L16-35J4 Datasheet HTML 2Page - List of Unclassifed Manufacturers GLT440L16-35J4 Datasheet HTML 3Page - List of Unclassifed Manufacturers GLT440L16-35J4 Datasheet HTML 4Page - List of Unclassifed Manufacturers GLT440L16-35J4 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLT440L16-35J4 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLT440L16-35J4 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLT440L16-35J4 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLT440L16-35J4 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
G -LINK
GLT440L16
256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
Aug. 2000 (Rev.1.1)
G-Link Technology Corporation
2701Northwestern Parkway
Santa Clara, CA 95051, U.S.A.
G-Link Technology Corporation,Taiwan
6F, No. 24-2, Industry E, RD, IV, Science Based
Industrial Park, Hsin Chu, Taiwan.
- 5 -
DC and Operating Characteristics (1-2)
TA = 0
°C to 70°C, V
CC=3.3V
±10%, V
SS=0V, unless otherwise specified.
Sym.
Parameter
Test Conditions
Access
Time
Min.
Typ
Max.
Unit Notes
ILI
Input Leakage Current
(any input pin)
0V
≤ V
IN
≤ 5.5V
(All other pins not under
test=0V)
-10
+10
µA
ILO
Output Leakage Current
(for High-Z State)
0V
≤ V
out
≤ 5.5V
Output is disabled (Hiz)
-10
+10
µA
ICC1
Operating Current,
Random READ/WRITE
tRC = tRC (min.)
tRAC = 35ns
tRAC = 40ns
tRAC = 50ns
160
145
125
mA
1,2
ICC2
Standby Current,(TTL)
RAS , UCAS , LCAS at
VIH
other inputs
≥V
SS
4
mA
ICC3
Refresh Current,
RAS -Only
RAS cycling, UCAS ,
LCAS at VIH
tRC = tRC (min.)
tRAC = 35ns
tRAC = 40ns
tRAC = 50ns
160
145
125
mA
2
ICC4
Operating Current,
EDO Page Mode
RAS at VIL,
UCAS , LCAS address
cycling:tPC=tPC(min.)
tRAC = 35ns
tRAC = 40ns
tRAC = 50ns
160
145
125
mA
1,2
ICC5
Refresh Current,
CAS Before RAS
RAS , UCAS , LCAS
address cycling:
tRC=tRC (min.)
tRAC = 35ns
tRAC = 40ns
tRAC = 50ns
160
145
125
mA
1
ICC6
Standby Current, (CMOS)
RAS
≥V
CC-0.2V,
UCAS
≥V
CC-0.2V,
LCAS
≥V
CC-0.2V,
All other inputs VSS
1
mA
VCC
Supply Voltage
3.0
3.6
V
VIL
Input Low Voltage
-0.3
0.8
V
3
VIH
Input High Voltage
2.0V
VCC+0.3
V
3
VOL
Output Low Voltage
IOL = 2mA
0.4
V
VOH
Output High Voltage
IOH = -2mA
2.4
V
Notes:
1.ICC is dependent on output loading when the device output is selected. Specified ICC(max.) is measured with
the output open.
2.ICC is dependent upon the number of address transitions specified ICC(max.) is measured with a maximum of
one transition per address cycle in random Read/Write and EDO Fast Page Mode.
3.Specified VIL(min.) is steady state operation. During transitions VIL(min.) may undershoot to –0.3V for a period
not to exceed 20ns. All AC parameters are measured with VIL(min.)
≥V
SS and VIH(max.)
≤V
CC.
AC Characteristics


Similar Part No. - GLT440L16-35J4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT44016 ETC-GLT44016 Datasheet
748Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT44016-25J4 ETC-GLT44016-25J4 Datasheet
748Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT44016-25TC ETC-GLT44016-25TC Datasheet
748Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT44016-28J4 ETC-GLT44016-28J4 Datasheet
748Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT44016-28TC ETC-GLT44016-28TC Datasheet
748Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
More results

Similar Description - GLT440L16-35J4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLT44016 ETC-GLT44016 Datasheet
748Kb / 17P
   256K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
GLT41016 ETC-GLT41016 Datasheet
2Mb / 23P
   64K X 16 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
logo
Samsung semiconductor
KM416C254D SAMSUNG-KM416C254D Datasheet
840Kb / 36P
   256K x 16Bit CMOS Dynamic RAM with Extended Data Out
logo
List of Unclassifed Man...
GLT4160L04 ETC1-GLT4160L04 Datasheet
579Kb / 22P
   4M X 4 CMOS DYNAMIC RAM WITH EXTENDED DATA OUTPUT
logo
Samsung semiconductor
KM416V1004A SAMSUNG-KM416V1004A Datasheet
1Mb / 35P
   1M x 16 BIT CMOS DYNAMIC RAM WITH EXTENDED DATA OUT
K4E660412E SAMSUNG-K4E660412E Datasheet
192Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E661612C SAMSUNG-K4E661612C Datasheet
884Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
KM416V4004C SAMSUNG-KM416V4004C Datasheet
808Kb / 36P
   4M x 16bit CMOS Dynamic RAM with Extended Data Out
K4E660411D SAMSUNG-K4E660411D Datasheet
418Kb / 21P
   16M x 4bit CMOS Dynamic RAM with Extended Data Out
K4E170811D SAMSUNG-K4E170811D Datasheet
257Kb / 21P
   2M x 8Bit CMOS Dynamic RAM with Extended Data Out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com