Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELM9841BA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ELM9841BA
Description  VOLTAGE REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ELM9841BA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ELM9841BA Datasheet HTML 1Page - List of Unclassifed Manufacturers ELM9841BA Datasheet HTML 2Page - List of Unclassifed Manufacturers ELM9841BA Datasheet HTML 3Page - List of Unclassifed Manufacturers ELM9841BA Datasheet HTML 4Page - List of Unclassifed Manufacturers ELM9841BA Datasheet HTML 5Page - List of Unclassifed Manufacturers ELM9841BA Datasheet HTML 6Page - List of Unclassifed Manufacturers ELM9841BA Datasheet HTML 7Page - List of Unclassifed Manufacturers ELM9841BA Datasheet HTML 8Page - List of Unclassifed Manufacturers ELM9841BA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
208
VOLTAGE REGULATOR ELM98xxxA
VOLTAGE REGULATOR ELM98xxxA
VOLTAGE REGULATOR ELM98xxxA
VOLTAGE REGULATOR ELM98xxxA
VOLTAGE REGULATOR ELM98xxxA
Model
Output Voltage
Package
Model
Output Voltage
Package
ELM9827BA-S(N)
2.7V
SOT-23
ELM9827AA-S(N)
2.7V
SOT-89
ELM9830BA-S(N)
3.0V
SOT-23
ELM9830AA-S(N)
3.0V
SOT-89
ELM9833BA-S(N)
3.3V
SOT-23
ELM9833AA-S(N)
3.3V
SOT-89
ELM9850BA-S(N)
5.0V
SOT-23
ELM9850AA-S(N)
5.0V
SOT-89
S type : Standard, N type : Reverse
SERIES
* Available 1.2V~6.0V output voltage at 0.1V step as semi-custom-made IC
MARKING
SOT-89
①②
③④
: Represents the decimal digit of the Output Voltage
: Represents the integer digit of the Output Voltage
: Represents the assembly lot number
A ~ Z repeated (I,O,X excepted)
: Represents the assembly lot number
0 ~ 9 repeated
Symbol
Output Voltage
Symbol
Output Voltage
0
*.0V
5
*.5V
1
*.1V
6
*.6V
2
*.2V
7
*.7V
3
*.3V
8
*.8V
4
*.4V
9
*.9V
Symbol
Output Voltage
Symbol
Output Voltage
A
2.*V
D
5.*V
B
3.*V
E
6.*V
C
4.*V
F
1.*V
SELECTION GUIDE
Symbol
Ex
27 : VOUT = 2.7V
30 : VOUT = 3.0V
50 : VOUT = 5.0V
A :
SOT-89
B :
SOT-23
d
Product Version
A :
A Version
a, b
c
Output Voltage
Package
ELM98 x x x A
ELM98 x x x A
ELM98 x x x A
ELM98 x x x A
ELM98 x x x A
↑↑↑↑
↑↑↑↑
↑↑↑↑
↑↑↑↑
↑↑↑↑
a
aa
aa b
bb
bb c
cc
cc d
dd
dd


Similar Part No. - ELM9841BA

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM98 ELM-ELM98 Datasheet
1Mb / 12P
   CMOS Voltage regulator
logo
ELM Technology Corporat...
ELM98 ELM-TECH-ELM98 Datasheet
1Mb / 12P
   CMOS Voltage regulator
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
   CMOS Voltage regulator
ELM9827AB-N ELM-TECH-ELM9827AB-N Datasheet
124Kb / 12P
   CMOS Voltage regulator
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
   CMOS Voltage regulator
More results

Similar Description - ELM9841BA

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com