Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF5S21150HR3 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MRF5S21150HR3
Description  RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRF5S21150HR3 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MRF5S21150HR3 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRF5S21150HR3 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRF5S21150HR3 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRF5S21150HR3 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRF5S21150HR3 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRF5S21150HR3 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRF5S21150HR3 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRF5S21150HR3 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRF5S21150HR3 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
RF Device Data
Freescale Semiconductor
MRF5S21150HR3 MRF5S21150HSR3
Table 3. ESD Protection Characteristics
Test Conditions
Class
Human Body Model
1 (Minimum)
Machine Model
M3 (Minimum)
Charge Device Model
C7 (Minimum)
Table 4. Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS = 65 Vdc, VGS = 0 Vdc)
IDSS
10
μAdc
Zero Gate Voltage Drain Leakage Current
(VDS = 28 Vdc, VGS = 0 Vdc)
IDSS
1
μAdc
Gate-Source Leakage Current
(VGS = 5 Vdc, VDS = 0 Vdc)
IGSS
1
μAdc
On Characteristics
Gate Threshold Voltage
(VDS = 10 Vdc, ID = 360 μAdc)
VGS(th)
2.5
3.5
Vdc
Gate Quiescent Voltage
(VDS = 28 Vdc, ID = 1300 mAdc)
VGS(Q)
3.7
Vdc
Drain-Source On-Voltage
(VGS = 10 Vdc, ID = 3.6 Adc)
VDS(on)
0.26
0.3
Vdc
Forward Transconductance
(VDS = 10 Vdc, ID = 3.6 Adc)
gfs
9
S
Dynamic Characteristics (1)
Reverse Transfer Capacitance
(VDS = 28 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS = 0 Vdc)
Crss
3.2
pF
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDD = 28 Vdc, IDQ = 1300 mA, Pout = 33 W Avg., f1 = 2112.5 MHz,
f2 = 2122.5 MHz and f1 = 2157.5 MHz, f2 = 2167.5 MHz, 2-carrier W-CDMA, 3.84 MHz Channel Bandwidth Carriers. ACPR measured in
3.84 MHz Channel Bandwidth @ ±5 MHz Offset. IM3 measured in 3.84 MHz Bandwidth @ ±10 MHz Offset. PAR = 8.5 dB @ 0.01%
Probability on CCDF.
Power Gain
Gps
11
12.5
dB
Drain Efficiency
ηD
23
25
%
Intermodulation Distortion
IM3
-37
-35
dBc
Adjacent Channel Power Ratio
ACPR
-39
-37
dBc
Input Return Loss
IRL
-12
-9
dB
1. Part internally matched both on input and output.


Similar Part No. - MRF5S21150HR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF5S21150 MOTOROLA-MRF5S21150 Datasheet
400Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF5S21150R3 MOTOROLA-MRF5S21150R3 Datasheet
400Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF5S21150S MOTOROLA-MRF5S21150S Datasheet
400Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF5S21150SR3 MOTOROLA-MRF5S21150SR3 Datasheet
400Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
More results

Similar Description - MRF5S21150HR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF6S19140HR3 FREESCALE-MRF6S19140HR3_07 Datasheet
404Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S23140HR3 FREESCALE-MRF6S23140HR3 Datasheet
434Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V2300NR1 FREESCALE-MRF6V2300NR1 Datasheet
522Kb / 14P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V4300NBR5 FREESCALE-MRF6V4300NBR5 Datasheet
822Kb / 15P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRFE6S8046NR1 FREESCALE-MRFE6S8046NR1 Datasheet
445Kb / 17P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF7S15100HR3 FREESCALE-MRF7S15100HR3_09 Datasheet
240Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6S18100NR1 FREESCALE-MRF6S18100NR1_08 Datasheet
769Kb / 21P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF6V14300HR3 FREESCALE-MRF6V14300HR3_10 Datasheet
643Kb / 10P
   RF Power Field Effect Transistors N--Channel Enhancement--Mode Lateral MOSFETs
MRF1550NT1 FREESCALE-MRF1550NT1 Datasheet
288Kb / 13P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF1535NT1 FREESCALE-MRF1535NT1_08 Datasheet
662Kb / 19P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF9045LR1 FREESCALE-MRF9045LR1_08 Datasheet
397Kb / 11P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com