Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

33897C Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33897C
Description  Single Wire CAN Transceiver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33897C Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33897C Datasheet HTML 4Page - Freescale Semiconductor, Inc 33897C Datasheet HTML 5Page - Freescale Semiconductor, Inc 33897C Datasheet HTML 6Page - Freescale Semiconductor, Inc 33897C Datasheet HTML 7Page - Freescale Semiconductor, Inc 33897C Datasheet HTML 8Page - Freescale Semiconductor, Inc 33897C Datasheet HTML 9Page - Freescale Semiconductor, Inc 33897C Datasheet HTML 10Page - Freescale Semiconductor, Inc 33897C Datasheet HTML 11Page - Freescale Semiconductor, Inc 33897C Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33897/A/B/C/D/T
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
LOAD
LOAD Voltage Rise (8)
Normal Speed and Voltage Mode, Transmit High-
Voltage Mode, Transmit High-Speed Mode
IIN = 1.0 mA, 5.0 V ≤ VBATT ≤ 26.5 V
Sleep Mode
IIN = 7.0 mA
33897/T
IIN = 7.0 mA
(9)
33897A/B/C/D
Loss of Battery
IIN = 7.0 mA
VLDRISE
0.1
1.0
0.1
1.0
V
LOAD Leakage During Loss of Module Ground (10)
0.0 V
≤ V
BATT ≤ 18 V
33897/A/B/T
0.0 V
≤ V
BATT ≤ 18 V
33897C/D
ILDLEAK
0.0
-10
-90
10
µA
BUS
Passive Out BUS Leakage
Passive In
0.0 V
≤ V
BATT ≤ 26.5 V, -1.5 V ≤ VBUS < 0 V
Active In
0.0 V
≤ V
BATT ≤ 26.5 V, 0 V < VBUS ≤ 12.5 V
BUS Leakage During Loss of Module Ground (11)
0.0 V
≤ V
BATT ≤ 18 V
33897/A/B/T
0.0 V
≤ V
BATT ≤ 18 V
33897C/D
ILEAK
ILKAI
IBLKLOG
-5.0
-5.0
-10
0.0
5.0
5.0
10
-90
µA
High-Voltage Wake-up Mode Output High Voltage
12 V
≤ V
BATT ≤ 26.5 V, 200 Ω ≤ RL ≤ 3332 Ω
33897/T
33897A/B/C/D
5.0 V
≤ V
BATT < 12 V, 200 Ω ≤ RL ≤ 3332 Ω
VHVWUOHF
VHVWUOHO
9.7
9.9
Lesser of VBAT - 1.5 or 9.7
12.5
12.5
VBATT
V
High-Speed Mode Output High Voltage
8.0 V
≤ V
BATT ≤ 16 V, 75 Ω ≤ RL ≤ 135 Ω
VOHHS
4.2
5.1
V
Normal Mode Output High Voltage
6.0 V
≤ V
BATT ≤ 26.5 V, 200 Ω ≤ RL ≤ 3332 Ω
5.0 V
≤ V
BATT < 6.0 V, 200 Ω ≤ RL ≤ 3332 Ω
VNOHF
VNOHO
4.4
Lesser of VBATT - 1.6 or
4.4
5.1
Lesser of VBATT
or 5.1
V
BUS Low Voltage
5.0 V
≤ V
BATT ≤ 26.5 V, 200 Ω ≤ RL ≤ 3332 Ω
VOL
-0.2
0.2
V
Short Circuit BUS Output Current
Dominant State, 5.0 V
≤ V
BATT ≤ 26.5 V
IBSC
-350
-150
mA
Notes
8.
GMW3089V2.4 specifies the maximum load voltage rise to be 0.1 V whenever module battery is intact, including when in Sleep mode.
The maximum load voltage rise of 1.0 V in Sleep mode is a GM-approved exception to GMW3089V2.4.
9.
33897A/B/C/D remove diode drop during Sleep mode.
10.
LOAD terminal is at system ground voltage.
11.
BUS terminal is at system ground voltage
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions of -40
°C ≤ T
A ≤ 125°C, unless otherwise stated. Voltages are relative to GND unless
otherwise noted. All positive currents are into the terminal. All negative currents are out of the terminal.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - 33897C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3389 ETC-3389 Datasheet
111Kb / 1P
   Heyco짰 Double D Hole Plugs
logo
Heyco.
3389 HEYCO-3389 Datasheet
133Kb / 1P
   Double D Hole Plugs
logo
Sumida Corporation
3389-T171 SUMIDA-3389-T171 Datasheet
129Kb / 1P
   General Power Transformer < Pin Type: EI Series>
3389-T180 SUMIDA-3389-T180 Datasheet
129Kb / 1P
   General Power Transformer < Pin Type: EI Series>
logo
Freescale Semiconductor...
33892 FREESCALE-33892 Datasheet
847Kb / 28P
   Quad Intelligent High-Side Switch
More results

Similar Description - 33897C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_17 Datasheet
208Kb / 24P
   Single Wire CAN Transceiver
January, 2017 ??Rev. 13
logo
Melexis Microelectronic...
TH8055 MELEXIS-TH8055 Datasheet
819Kb / 20P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_15 Datasheet
205Kb / 24P
   Single Wire CAN Transceiver
December, 2015 ??Rev. 10
logo
Freescale Semiconductor...
MC33897 FREESCALE-MC33897_07 Datasheet
512Kb / 20P
   Single Wire CAN Transceiver
MC33897 FREESCALE-MC33897_11 Datasheet
510Kb / 19P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_10 Datasheet
280Kb / 24P
   Single Wire CAN Transceiver
January, 2010 ??Rev. 8
logo
Freescale Semiconductor...
MC33897CTEFR2 FREESCALE-MC33897CTEFR2 Datasheet
413Kb / 19P
   Single Wire CAN Transceiver
MCZ33897AEF FREESCALE-MCZ33897AEF Datasheet
522Kb / 20P
   Single Wire CAN Transceiver
logo
NXP Semiconductors
AU5790 PHILIPS-AU5790 Datasheet
120Kb / 20P
   Single wire CAN transceiver
2001 May 18
logo
Micro Electronics
TH8055 MICRO-ELECTRONICS-TH8055 Datasheet
266Kb / 15P
   Single Wire CAN Transceiver
logo
ON Semiconductor
NCV7356 ONSEMI-NCV7356_07 Datasheet
218Kb / 24P
   Single Wire CAN Transceiver
January, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com