Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33690DW Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC33690DW
Description  Standalone Tag Reader Circuit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33690DW Datasheet(HTML) 1 Page - Motorola, Inc

  MC33690DW Datasheet HTML 1Page - Motorola, Inc MC33690DW Datasheet HTML 2Page - Motorola, Inc MC33690DW Datasheet HTML 3Page - Motorola, Inc MC33690DW Datasheet HTML 4Page - Motorola, Inc MC33690DW Datasheet HTML 5Page - Motorola, Inc MC33690DW Datasheet HTML 6Page - Motorola, Inc MC33690DW Datasheet HTML 7Page - Motorola, Inc MC33690DW Datasheet HTML 8Page - Motorola, Inc MC33690DW Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Pin Connections
MC33690
Order this document
by MC33690/D
SEMICONDUCTOR TECHNICAL
MOTOROLA
REV 4.8
© Motorola, Inc., 2002.
This document contains information on a new product under development. Motorola
reserves the right to change or discontinue this product without notice.
Standalone Tag Reader Circuit
STARC
The Standalone Tag Reader Circuit (STARC) is an integrated
circuit dedicated to the automotive immobilizer applications. It
combines on the same chip all the circuitry to interface with a
transponder : antenna drivers and demodulator.
A low dropout voltage regulator and a physical interface fully
compatible with the ISO 9141 norm are also available.
The Standalone Tag Reader Circuit is fabricated with the
SMARTMOSTM3.5 technology. This process is a double layer
metal, 1.4µm, 45V technology, combining CMOS and bipolar
devices.
Contactless 125kHz tag reader module :
-
Self synchronous sample & hold demodulator
-
Amplitude or phase modulation detection
-
High sensitivity
-
Fast “read after write“ demodulator settling time
-
Low resistance and high current antenna drivers :
2
Ω @ 150mA (typ.)
-
Bidirectionnal data transmission
-
Multi tag, multi scheme operation.
Low dropout voltage regulator :
-
Wide input supply voltage range :
from 5.5V up to 40V
-
Output current capability up to 150mA DC with an
external power transistor
-
5V output voltage with a
± 5% accuracy
-
Low voltage reset function
-
Low current consumption in standby mode :
300µA (typ.).
ISO 9141 transmitter and receiver module :
-
Input voltage thresholds ratiometric to the supply
voltage
-
Current limitation
-
Ouput slew rate control
-
No external protection device required.
STANDALONE
TAG READER
CIRCUIT
SOURCE
TD1
VDD
TD2
XTAL2
XTAL1
AM
K
Rx
Tx
1
2
3
7
4
5
6
8
13
12
11
10
9
14
VSS
VSUP
GATE
15
16
17
20
19
18
MODE1
MODE2
RD
LVR
DOUT
AGND
CEXT
ORDERING INFORMATION
Device
Operating
Junction
Temperature
Range
Package
MC33690DW
TJ = -40°C to
125°C
SOIC 20
DW SUFFIX
Plastic Package
CASE 751D
SO - 20
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC33690DW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33690DW FREESCALE-MC33690DW Datasheet
427Kb / 24P
   Standalone Tag Reader Circuit
logo
NXP Semiconductors
MC33690DW NXP-MC33690DW Datasheet
471Kb / 26P
   MC33690 Standalone Tag Reader Circuit
Rev. 5, 02/2007
MC33690DW NXP-MC33690DW Datasheet
470Kb / 26P
   MC33690 Standalone Tag Reader Circuit
Rev. 5, 02/2007
MC33690DWE NXP-MC33690DWE Datasheet
471Kb / 26P
   MC33690 Standalone Tag Reader Circuit
Rev. 5, 02/2007
MC33690DWE NXP-MC33690DWE Datasheet
470Kb / 26P
   MC33690 Standalone Tag Reader Circuit
Rev. 5, 02/2007
More results

Similar Description - MC33690DW

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33690 FREESCALE-MC33690 Datasheet
427Kb / 24P
   Standalone Tag Reader Circuit
logo
NXP Semiconductors
SC33690DS NXP-SC33690DS Datasheet
471Kb / 26P
   MC33690 Standalone Tag Reader Circuit
Rev. 5, 02/2007
MC33690 NXP-MC33690 Datasheet
470Kb / 26P
   MC33690 Standalone Tag Reader Circuit
Rev. 5, 02/2007
logo
Freescale Semiconductor...
MC33690 FREESCALE-MC33690_07 Datasheet
379Kb / 26P
   MC33690 Standalone Tag
logo
SparkFun Electronics
SEN-14066 SPARKFUN-SEN-14066 Datasheet
1Mb / 26P
   Simultaneous RFID Tag Reader Hookup Guide
2/27/2017
logo
Schneider Electric
XGSZCNFAC SCHNEIDER-XGSZCNFAC Datasheet
95Kb / 1P
   SET OF BADGES FOR SETUP OF THE STANDALONE READER
logo
Microchip Technology
TC2030-MCP MICROCHIP-TC2030-MCP Datasheet
408Kb / 1P
   Tag-Connect In-Circuit Cable Legged Version
2010
logo
rfsolutions.ltd
RWD_QT RFSOLUTIONS-RWD_QT Datasheet
247Kb / 19P
   The MicroRWD ?쏲T??(Quad-Tag) version is a complete 125kHz reader solution for Hitag 1,
logo
Dallas Semiconductor
DS1201 DALLAS-DS1201 Datasheet
171Kb / 7P
   Electronic Tag
logo
Glenair, Inc.
MS27741-2 GLENAIR-MS27741-2 Datasheet
75Kb / 1P
   TAG Ring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com