Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SO-720-LPF-HAN Datasheet(PDF) 7 Page - Vectron International, Inc

Part # SO-720-LPF-HAN
Description  SAW Based Clock Oscillator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

SO-720-LPF-HAN Datasheet(HTML) 7 Page - Vectron International, Inc

  SO-720-LPF-HAN Datasheet HTML 1Page - Vectron International, Inc SO-720-LPF-HAN Datasheet HTML 2Page - Vectron International, Inc SO-720-LPF-HAN Datasheet HTML 3Page - Vectron International, Inc SO-720-LPF-HAN Datasheet HTML 4Page - Vectron International, Inc SO-720-LPF-HAN Datasheet HTML 5Page - Vectron International, Inc SO-720-LPF-HAN Datasheet HTML 6Page - Vectron International, Inc SO-720-LPF-HAN Datasheet HTML 7Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SO-720 SAW Clock Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 7 of 7
Rev: 21 Jun 2006
Standard Output Frequencies (MHz)
*155.5200
*156.2500
*160.0000
*175.0000
*187.5000
*194.8000
*200.0000
*240.0000
*250.0000
*268.8000
300.0000
311.0400
312.5000
320.0000
350.0000
375.0000
389.6000
400.0000
480.0000
500.0000
531.2500
532.0000
533.0000
537.6000
600.0000
622.0800
625.0000
640.0000
644.5313
657.4219
666.5143
669.3266
672.1627
690.5692
693.4830
704.3806
707.3527
720.0000
768.0000
796.8750
Frequencies not shown are available upon request. *VCC6 is preferred XO for frequencies < 300 MHz
Revision Control
A
6/21/06
Vectron Prod. Mgt.
Release of SO-720 Datasheet
Ordering Information
SO - 720 - L F F - G A A - xxx.xxx
Not All Combinations Possible
For Additional Information, Please Contact:
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice.
No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such product(s) or information.
USA: Vectron International, 267 Lowell Rd, Hudson, NH 03051 . . . . Tel: 1-88-VECTRON-1
Fax: 1-888-FAX-VECTRON
EUROPE: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tel: +49 (0) 3328-4784-17
Fax: +49 (0) 3328-4784-30
ASIA: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tel: +86-21-28909740
Fax: +86-21-28909240
Product Family
SO = SO Based XO
Package
720 = 5.0 x 7.5 x 2.0 mm
6 Pad Ceramic SMD
Input
L = 3.3 Vdc ± 10%
Output
F = LVPECL (45/55% Symmetry)
P = LVDS (45/55% Symmetry)
Operating Temperature
C = 0°C to 70
°C
D = -20ºC to 70ºC
F = -40°C to 85
°C
Frequency
150 - 800 MHz
Enable/Disable Pin & Input Logic
A = Pin 2: Enable Low (or Gnd) / Disable High
B = Pin 2: Enable High (or Vcc) / Disable Low
C = Pin 1: Enable Low (or Gnd) / Disable High
D = Pin 1: Enable High (or Vcc) / Disable Low
Overall Stability Condition
A = Includes 10 years of aging at 40ºC
N = Excludes aging
Stability
G = ± 50 ppm maximum
H = ± 100 ppm maximum


Similar Part No. - SO-720-LPF-HAN

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
SO-720 VECTRON-SO-720 Datasheet
136Kb / 7P
   SAW Based Clock Oscillator
SO-720 VECTRON-SO-720_07 Datasheet
136Kb / 7P
   SAW Based Clock Oscillator
More results

Similar Description - SO-720-LPF-HAN

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
SO502 VECTRON-SO502 Datasheet
149Kb / 8P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914X-1000 CRYSTEKCRYSTAL-CCSO-914X-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
SO-720 VECTRON-SO-720_07 Datasheet
136Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCSO-914X CRYSTEKCRYSTAL-CCSO-914X_15 Datasheet
338Kb / 4P
   SAW Based Clock Oscillator
CCSO-914X3-1000 CRYSTEKCRYSTAL-CCSO-914X3-1000_15 Datasheet
264Kb / 3P
   SAW Based Clock Oscillator
CCSO-914X-245 CRYSTEKCRYSTAL-CCSO-914X-245 Datasheet
385Kb / 3P
   SAW Based Clock Oscillator
CCSO-914Y12-1090 CRYSTEKCRYSTAL-CCSO-914Y12-1090 Datasheet
171Kb / 3P
   SAW Based Clock Oscillator
logo
Vectron International, ...
PS-702 VECTRON-PS-702 Datasheet
760Kb / 7P
   SAW Based Clock Oscillator
PS-702-ECT-KAA VECTRON-PS-702-ECT-KAA Datasheet
340Kb / 7P
   SAW Based Clock Oscillator
logo
Crystek Corporation
CCS575S CRYSTEKCRYSTAL-CCS575S Datasheet
139Kb / 2P
   SAW Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com