Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4558 Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # LM4558
Description  DUAL OPERATIONAL AMPLIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM4558 Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM4558 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM4558 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM4558 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DUAL OPERATIONAL AMPLIFIERS
LM4558
TYPICAL PERFORMANCE CHARACTERISTICS
HTC
151
FREQUENCY(㎐)
0
40
140
120
100
80
60
20
FREQUENCY(Hz)
10
OUTPUT CHARACTERISITICS
CURRENT SINKING
0
SOURCE RESISTANCE(Ω)
0
100
1.0k
10M
10
1000
100
10k
10
100k
Figure 1. Burst Noise vs Source Resistance
Figure 2. RMS Noise vs Source Resistance
SOURCE RESISTANCE(Ω)
0
100
1.0k
1M
1.0
100
10
10k
10
100k
Figure 3. Output Noise vs Source Resistance
SOURCE RESISTANCE(Ω)
0
100
1.0k
1M
0.1
10
1.0
10k
10
100k
10
100
1.0K
10k
100k
Figure 4. Spectral Noise Density
Gv =10, Rs=100㏀
FREQUENCY(㎐)
-20
1.0
10
100
1.0k
10K 100K 1M
10M
0
20
40
60
80
100
120
140
Figure 5. Open Loop Frequency Response
FREQUENCY(㎐)
1.0
10
100
1.0k
10K 100K 1M
10M
Figure 6. Phase Margin vs Frequency
20
40
60
80
100
120
140
160
180
UNITY
G
LOAD RESISTANCE (Ω)
1.
7.
5.
3.
9.
1
10
1
1
50 1.0 2.0
10 20
50
100
Figure 7. Positive Output Voltage Swing vs Load Resistance
±15 supplies
±9
±6
±3
±12
LOAD RESISTANCE (Ω)
1.0
7.0
5.0
3.0
9.0
11
100
13
15
500 1.0K2.0K
10k 20k
50k
100k
Figure 7. Negative Output Voltage Swing vs Load Resistance
±15 supplies
±9
±6
±3
±12
100
1.0k 10k
100k 1000k 1M
4
8
12
16
24
20
Figure 9. Power Bandwidth
GV=1000
GV=100
GV=10
GV=1


Similar Part No. - LM4558

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
LM4558 THINKISEMI-LM4558 Datasheet
273Kb / 3P
   SOP8,DIP8 DUAL OPERATIONAL AMPLIFIERS INTEGRATED CIRCUIT
logo
HTC Korea TAEJIN Techno...
LM4558D HTC-LM4558D Datasheet
104Kb / 3P
   DUAL OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
LM4558D TGS-LM4558D Datasheet
917Kb / 4P
   DUAL OPERATIONER AMPLIFIER
logo
HTC Korea TAEJIN Techno...
LM4558N HTC-LM4558N Datasheet
104Kb / 3P
   DUAL OPERATIONAL AMPLIFIERS
logo
Tiger Electronic Co.,Lt...
LM4558N TGS-LM4558N Datasheet
917Kb / 4P
   DUAL OPERATIONER AMPLIFIER
More results

Similar Description - LM4558

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
   Dual Operational Amplifiers
logo
Texas Instruments
LM258A-EP TI1-LM258A-EP_14 Datasheet
514Kb / 12P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
   DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
   Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
   Dual Operational Amplifiers
logo
uPI Group Inc.
US5501 UPI-US5501 Datasheet
154Kb / 10P
   Dual Operational Amplifiers
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
   Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com