Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU2508DW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BU2508DW
Description  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2508DW Datasheet(HTML) 2 Page - NXP Semiconductors

  BU2508DW Datasheet HTML 1Page - NXP Semiconductors BU2508DW Datasheet HTML 2Page - NXP Semiconductors BU2508DW Datasheet HTML 3Page - NXP Semiconductors BU2508DW Datasheet HTML 4Page - NXP Semiconductors BU2508DW Datasheet HTML 5Page - NXP Semiconductors BU2508DW Datasheet HTML 6Page - NXP Semiconductors BU2508DW Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2508DW
STATIC CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
CES
Collector cut-off current
2
V
BE = 0 V; VCE = VCESMmax
-
-
1.0
mA
I
CES
V
BE = 0 V; VCE = VCESMmax;
-
-
2.0
mA
T
j = 125 ˚C
I
EBO
Emitter cut-off current
V
EB = 7.5 V; IC = 0 A
140
-
390
mA
BV
EBO
Emitter-base breakdown voltage
I
B = 600 mA
7.5
13.5
-
V
R
be
Base-emitter resistance
V
EB = 7.5 V
-
33
-
V
CEOsust
Collector-emitter sustaining voltage
I
B = 0 A; IC = 100 mA;
700
-
-
V
L = 25 mH
V
CEsat
Collector-emitter saturation voltage
I
C = 4.5 A; IB = 1.12 A
-
-
1.0
V
V
BEsat
Base-emitter saturation voltage
I
C = 4.5 A; IB = 1.7 A
-
-
1.1
V
h
FE
DC current gain
I
C = 1 A; VCE = 5 V
-
13
-
h
FE
I
C = 4.5 A; VCE = 1 V
4
5.5
7.0
V
F
Diode forward voltage
I
F = 4.5 A
-
1.6
2.0
V
DYNAMIC CHARACTERISTICS
T
mb = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
C
c
Collector capacitance
I
E = 0 A; VCB = 10 V; f = 1 MHz
80
-
pF
Switching times (16 kHz line
I
Csat = 4.5 A; IB(end) = 1.1 A; LB = 6 µH;
deflection circuit)
-V
BB = 4 V; (-dIB/dt = 0.6 A/µs)
t
s
Turn-off storage time
5.0
6.0
µs
t
f
Turn-off fall time
0.4
0.6
µs
Switching times (38 kHz line
I
Csat = 4.0 A; IB(end) = 0.9 A; LB = 6 µH;
deflection circuit)
-V
BB = 4 V; (-dIB/dt = 0.6 A/µs)
t
s
Turn-off storage time
4.7
5.7
µs
t
f
Turn-off fall time
0.25
0.35
µs
Fig.1. Switching times waveforms.
Fig.2. Switching times definitions.
IC
IB
VCE
ICsat
IBend
64us
26us
20us
t
t
t
TRANSISTOR
DIODE
ICsat
90 %
10 %
tf
ts
IBend
IC
IB
t
t
- IBM
2 Measured with half sine-wave voltage (curve tracer).
September 1997
2
Rev 1.100


Similar Part No. - BU2508DW

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BU2508DW ISC-BU2508DW Datasheet
108Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - BU2508DW

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com