Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8560PXALDB Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC8560PXALDB
Description  Integrated Processor Hardware Specifications
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8560PXALDB Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC8560PXALDB Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8560PXALDB Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8560PXALDB Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8560PXALDB Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8560PXALDB Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8560PXALDB Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8560PXALDB Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8560PXALDB Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8560PXALDB Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 108 page
background image
MPC8560 Integrated Processor Hardware Specifications, Rev. 3.1
Freescale Semiconductor
3
Overview
— Interfaces with the embedded e500 core processor through a 32-Kbyte dual-port RAM and virtual DMA
channels for each peripheral controller
— Handles serial protocols and virtual DMA.
— Three full-duplex fast serial communications controllers (FCCs) that support the following protocols:
– ATM protocol through UTOPIA interface (FCC1 and FCC2 only)
– IEEE802.3/Fast Ethernet
– HDLC
– Totally transparent operation
— Two multi-channel controllers (MCCs) that together can handle up to 256 HDLC/transparent channels
at 64 Kbps each, multiplexed on up to 8 TDM interfaces
— Four full-duplex serial communications controllers (SCCs) that support the following protocols:
– High level/synchronous data link control (HDLC/SDLC)
– LocalTalk (HDLC-based local area network protocol)
– Universal asynchronous receiver transmitter (UART)
– Synchronous UART (1x clock mode)
– Binary synchronous communication (BISYNC)
– Totally transparent operation
— Serial peripheral interface (SPI) support for master or slave
—I2C bus controller
— Time-slot assigner supports multiplexing of data from any of the SCCs and FCCs onto eight
time-division multiplexed (TDM) interfaces. The time-slot assigner supports the following TDM
formats:
– T1/CEPT lines
–T3/E3
– Pulse code modulation (PCM) highway interface
– ISDN primary rate
– Freescale interchip digital link (IDL)
– General circuit interface (GCI)
— User-defined interfaces
— Eight independent baud rate generators (BRGs)
— Four general-purpose 16-bit timers or two 32-bit timers
— General-purpose parallel ports—16 parallel I/O lines with interrupt capability
— Supports inverse muxing of ATM cells (IMA)
256 Kbyte L2 cache/SRAM
— Can be configured as follows
– Full cache mode (256-Kbyte cache).
– Full memory-mapped SRAM mode (256-Kbyte SRAM mapped as a single 256-Kbyte block or two
128-Kbyte blocks)
– Half SRAM and half cache mode (128-Kbyte cache and 128-Kbyte memory-mapped SRAM)
— Full ECC support on 64-bit boundary in both cache and SRAM modes


Similar Part No. - MPC8560PXALDB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MPC8560 NXP-MPC8560 Datasheet
1Mb / 108P
   Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
MPC8560CPX667JB NXP-MPC8560CPX667JB Datasheet
1Mb / 108P
   Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
MPC8560CPX667JC NXP-MPC8560CPX667JC Datasheet
1Mb / 108P
   Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
MPC8560CPX667LB NXP-MPC8560CPX667LB Datasheet
1Mb / 108P
   Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
MPC8560CPX667LC NXP-MPC8560CPX667LC Datasheet
1Mb / 108P
   Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
More results

Similar Description - MPC8560PXALDB

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8533E FREESCALE-MPC8533E_10 Datasheet
1Mb / 112P
   Integrated Processor Hardware Specifications
MPC8245 FREESCALE-MPC8245_07 Datasheet
465Kb / 68P
   Integrated Processor Hardware Specifications
MPC8548CVTAUJD FREESCALE-MPC8548CVTAUJD Datasheet
849Kb / 151P
   Integrated Processor Hardware Specifications
MPC8540 FREESCALE-MPC8540_06 Datasheet
1Mb / 104P
   Integrated Processor Hardware Specifications
MPC8536E FREESCALE-MPC8536E_10 Datasheet
1Mb / 127P
   Integrated Processor Hardware Specifications
MPC8535E FREESCALE-MPC8535E_10 Datasheet
2Mb / 126P
   Integrated Processor Hardware Specifications
logo
NXP Semiconductors
MPC8560EC NXP-MPC8560EC Datasheet
1Mb / 108P
   Integrated Processor Hardware Specifications
Rev. 4.2, 1/2008
logo
Freescale Semiconductor...
MPC8544E FREESCALE-MPC8544E_10 Datasheet
1Mb / 117P
   Integrated Processor Hardware Specifications
MPC8548ECPXATGB FREESCALE-MPC8548ECPXATGB Datasheet
849Kb / 151P
   Integrated Processor Hardware Specifications
logo
Motorola, Inc
MPC8240EC MOTOROLA-MPC8240EC Datasheet
1Mb / 52P
   Integrated Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com