Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1533 Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # LH1533
Description  1 Form C
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LH1533 Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  LH1533 Datasheet HTML 1Page - Siemens Semiconductor Group LH1533 Datasheet HTML 2Page - Siemens Semiconductor Group LH1533 Datasheet HTML 3Page - Siemens Semiconductor Group LH1533 Datasheet HTML 4Page - Siemens Semiconductor Group LH1533 Datasheet HTML 5Page - Siemens Semiconductor Group LH1533 Datasheet HTML 6Page - Siemens Semiconductor Group LH1533 Datasheet HTML 7Page - Siemens Semiconductor Group LH1533 Datasheet HTML 8Page - Siemens Semiconductor Group LH1533 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
A. Insertion Loss vs. Frequency
C. Leakage Current vs. Applied Voltage (NO)
E. Leakage Current vs. Applied Voltage (NC)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
10
2
10
3
10
4
10
5
FREQUENCY (Hz)
A
B
A – LH1527
B – LH1537
RL = 600
W
APPLIED VOLTAGE (V)
600
500
400
0
300
200
100
0
50
100
150
200
250
400
IF = 0 mA
TA = 25
°C
300
350
APPLIED VOLTAGE (V)
50
40
0
30
20
10
0
50
100
150
200
250
400
TA = 25
°C
300
350
IF = 10 mA
IF = 5 mA
B. Output Isolation
D. Leakage Current vs. Applied Voltage at Elevated
Temperatures (NO)
F. Leakage Current vs. Applied Voltage at Elevated
Temperatures (NC)
FREQUENCY (Hz)
100
80
60
40
20
0
IF = 10 mA
VP = 10 V
RL = 50
W
102
103
104
105
106
107
B – NC
A – NO
APPLIED VOLTAGE (V)
50
40
0
30
20
10
0
50
100
150
200
250
400
300
350
85
°C
70
°C
50
°C


Similar Part No. - LH1533

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LH1533AACTR VISHAY-LH1533AACTR Datasheet
123Kb / 5P
   Dual 1 Form A Solid-State Relay
Rev. 1.8, 03-Aug-11
More results

Similar Description - LH1533

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCC110 IXYS-LCC110 Datasheet
148Kb / 9P
   1-Form-C OptoMOS Relay
LCC120 IXYS-LCC120 Datasheet
133Kb / 8P
   1-Form-C OptoMOS Relay
logo
TE Connectivity Ltd
SNR TEC-SNR_15 Datasheet
258Kb / 3P
   1 pole 6A, 1 form C (CO), 1 form A (NO)
logo
Solid State Optronic
AD6C223 SSOUSA-AD6C223_15 Datasheet
392Kb / 9P
   True 1 Form C Device
logo
Panasonic Semiconductor
ALQ112 PANASONIC-ALQ112 Datasheet
92Kb / 6P
   1 Form A/1 Form C 10A Small power relays
logo
TE Connectivity Ltd
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
logo
Solid State Optronic
AD6C223 SSOUSA-AD6C223 Datasheet
223Kb / 6P
   1 Form C Solid State Relay
logo
Adam Technologies, Inc.
RSY-1C-12V ADAM-TECH-RSY-1C-12V Datasheet
84Kb / 1P
   RELAY 1 FORM C SEALED TYPE
RSC-A-1C-X-S ADAM-TECH-RSC-A-1C-X-S Datasheet
91Kb / 1P
   RELAY 1 FORM C SEALED TYPE
logo
Nais(Matsushita Electri...
CQ1-12V NAIS-CQ1-12V Datasheet
51Kb / 3P
   1 FORM C AUTOMOTIVE QUIET RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com