Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1521 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # LH1521
Description  Dual 1 Form B
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LH1521 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button LH1521 Datasheet HTML 5Page - Siemens Semiconductor Group LH1521 Datasheet HTML 6Page - Siemens Semiconductor Group LH1521 Datasheet HTML 7Page - Siemens Semiconductor Group LH1521 Datasheet HTML 8Page - Siemens Semiconductor Group LH1521 Datasheet HTML 9Page - Siemens Semiconductor Group LH1521 Datasheet HTML 10Page - Siemens Semiconductor Group LH1521 Datasheet HTML 11Page - Siemens Semiconductor Group LH1521 Datasheet HTML 12Page - Siemens Semiconductor Group LH1521 Datasheet HTML 13Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
6G–50
A. Switch Capacitance vs. Applied Voltage
C. NO Output Isolation
E. NO Leakage Current vs. Applied Voltage
B. Insertion Loss vs. Frequency
D. NC Output Isolation
F. NO Leakage Current vs Applied Voltage @ Elevated
Temperatures
0
80
60
50
0
40
30
20
10
70
20
40
APPLIED VOLTAGE (V)
60
100
80
A
B
IF = 0 mA
TA = 25
°C
f = 1 MHz
LH1502
LH1512
A –
B –
FREQUENCY (Hz)
100
80
60
40
20
0
VP = 10 V
RL = 50
102
103
104
105
106
107
90
0
50
100
150
200
250
300
LOAD VOLTAGE (V)
100
70
80
60
40
30
50
20
10
0
350 400
IF = 0 mA
TA = 25
°C
FREQUENCY (Hz)
0.30
0
0.25
0.20
0.10
0.05
10 2
103
10 4
10 5
0.15
A –
B –
LH1502
LH1512
A
RL = 600
B
FREQUENCY (Hz)
100
80
60
40
20
0
IF = 10 mA
VP = 10 V
RL = 50
102
103
104
105
106
107
LOAD VOLTAGE (V)
3.0
2.5
2.0
1.0
0.5
1.5
0
0
50
100
150
200
250
300
350
400
85
°C
70
°C
50
°C
LH1502, LH1512
6G41.53SSR hiVolt copy Page 50 Monday, June 2, 1997 11:25 AM


Similar Part No. - LH1521

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LH1521 ETC-LH1521 Datasheet
164Kb / 2P
   HIGH VOLATAGE, PHOTO MOS RELAY
LH1521A ETC-LH1521A Datasheet
164Kb / 2P
   HIGH VOLATAGE, PHOTO MOS RELAY
logo
Vishay Siliconix
LH1521BAC VISHAY-LH1521BAC Datasheet
239Kb / 6P
   Dual 1 Form B Solid State Relay
Rev. 1.2, 01-Dec-05
LH1521BACTR VISHAY-LH1521BACTR Datasheet
239Kb / 6P
   Dual 1 Form B Solid State Relay
Rev. 1.2, 01-Dec-05
LH1521BACTR VISHAY-LH1521BACTR Datasheet
107Kb / 4P
   Dual 1 Form B Solid-State Relay
Rev. 1.6, 03-Aug-11
More results

Similar Description - LH1521

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LH1501 SIEMENS-LH1501 Datasheet
69Kb / 5P
   1 Form B
logo
Vishay Siliconix
LH1521BAC VISHAY-LH1521BAC Datasheet
239Kb / 6P
   Dual 1 Form B Solid State Relay
Rev. 1.2, 01-Dec-05
logo
Solid State Optronic
AD4C250 SSOUSA-AD4C250 Datasheet
166Kb / 4P
   Dual 1 Form B Solid State Relay
logo
Vishay Siliconix
LH1523BB VISHAY-LH1523BB_11 Datasheet
125Kb / 4P
   Dual 1 Form B Solid State Relay
Rev. 1.6, 07-Jul-11
logo
Solid State Optronic
AD4C212 SSOUSA-AD4C212 Datasheet
208Kb / 5P
   Dual 1 Form B Solid State Relay
AD4C332 SSOUSA-AD4C332 Datasheet
208Kb / 5P
   Dual 1 Form B Solid State Relay
logo
Vishay Siliconix
LH1521BACTR VISHAY-LH1521BACTR_11 Datasheet
107Kb / 4P
   Dual 1 Form B Solid-State Relay
Rev. 1.6, 03-Aug-11
LH1523BB VISHAY-LH1523BB Datasheet
235Kb / 6P
   Dual 1 Form B Solid State Relay
Rev. 1.3, 01-Dec-05
logo
Solid State Optronic
AD4C112 SSOUSA-AD4C112 Datasheet
207Kb / 5P
   Dual 1 Form B Solid State Relay
AD4C213 SSOUSA-AD4C213_15 Datasheet
358Kb / 9P
   1 Form A / 1 Form B Integrated in 1 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com