Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH1521 Datasheet(PDF) 9 Page - Siemens Semiconductor Group

Part # LH1521
Description  Dual 1 Form B
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

LH1521 Datasheet(HTML) 9 Page - Siemens Semiconductor Group

Back Button LH1521 Datasheet HTML 5Page - Siemens Semiconductor Group LH1521 Datasheet HTML 6Page - Siemens Semiconductor Group LH1521 Datasheet HTML 7Page - Siemens Semiconductor Group LH1521 Datasheet HTML 8Page - Siemens Semiconductor Group LH1521 Datasheet HTML 9Page - Siemens Semiconductor Group LH1521 Datasheet HTML 10Page - Siemens Semiconductor Group LH1521 Datasheet HTML 11Page - Siemens Semiconductor Group LH1521 Datasheet HTML 12Page - Siemens Semiconductor Group LH1521 Datasheet HTML 13Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
6G–49
A. LED Voltage vs. Temperature
C. LED Current for Switch Turn-Off vs. Temperature
E. ON-Resistance vs. Temperature
B. LED Dropout Voltage vs. Temperature
D. Current Limit vs. Temperature
F. Variation in ON-Resistance vs. LED Current
AMBIENT TEMPERATURE (
°C)
–40
–20
0
1.6
1.5
1.4
1.0
20
1.3
60
40
1.2
1.1
80
IF = 1 mA
IF = 2 mA
IF = 10 mA
IF = 20 mA
IF = 50 mA
IF = 5 mA
AMBIENT TEMPERATURE (
°C)
100
–60
80
60
40
–40
–40
20
–20
0
–20
0
20
40
60
80
IL = 100 mA
LH1502, LH1512
–40
50
10
30
20
40
–20
–30
–10
–40
0
–20
0
20
40
60
80
AMBIENT TEMPERATURE (
°C)
A
A
B
IL = 50 mA
B
A – LH1502
B – LH1512
–40
0
20
AMBIENT TEMPERATURE (
°C)
1.20
1.15
1.10
0.95
1.00
40
1.05
80
60
–20
MIN.
IL = 100 mA
TYP.
–40
40
10
30
20
0
–20
–10
–40
–30
–20
0
20
40
60
AMBIENT TEMPERATURE (
°C)
80
IF = 5 mA
t = 5 ms
VL = SEE ELEC. CHAR.
LH1502, LH1512
0
1.5
0.5
–0.5
1.0
0
4
8
12
LED FORWARD CURRENT (mA)
16
20
IL = 50 mA
LH1502, LH1512
LH1502
LH1512
LH1502, LH1512
6G41.53SSR hiVolt copy Page 49 Monday, June 2, 1997 11:25 AM


Similar Part No. - LH1521

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LH1521 ETC-LH1521 Datasheet
164Kb / 2P
   HIGH VOLATAGE, PHOTO MOS RELAY
LH1521A ETC-LH1521A Datasheet
164Kb / 2P
   HIGH VOLATAGE, PHOTO MOS RELAY
logo
Vishay Siliconix
LH1521BAC VISHAY-LH1521BAC Datasheet
239Kb / 6P
   Dual 1 Form B Solid State Relay
Rev. 1.2, 01-Dec-05
LH1521BACTR VISHAY-LH1521BACTR Datasheet
239Kb / 6P
   Dual 1 Form B Solid State Relay
Rev. 1.2, 01-Dec-05
LH1521BACTR VISHAY-LH1521BACTR Datasheet
107Kb / 4P
   Dual 1 Form B Solid-State Relay
Rev. 1.6, 03-Aug-11
More results

Similar Description - LH1521

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LH1501 SIEMENS-LH1501 Datasheet
69Kb / 5P
   1 Form B
logo
Vishay Siliconix
LH1521BAC VISHAY-LH1521BAC Datasheet
239Kb / 6P
   Dual 1 Form B Solid State Relay
Rev. 1.2, 01-Dec-05
logo
Solid State Optronic
AD4C250 SSOUSA-AD4C250 Datasheet
166Kb / 4P
   Dual 1 Form B Solid State Relay
logo
Vishay Siliconix
LH1523BB VISHAY-LH1523BB_11 Datasheet
125Kb / 4P
   Dual 1 Form B Solid State Relay
Rev. 1.6, 07-Jul-11
logo
Solid State Optronic
AD4C212 SSOUSA-AD4C212 Datasheet
208Kb / 5P
   Dual 1 Form B Solid State Relay
AD4C332 SSOUSA-AD4C332 Datasheet
208Kb / 5P
   Dual 1 Form B Solid State Relay
logo
Vishay Siliconix
LH1521BACTR VISHAY-LH1521BACTR_11 Datasheet
107Kb / 4P
   Dual 1 Form B Solid-State Relay
Rev. 1.6, 03-Aug-11
LH1523BB VISHAY-LH1523BB Datasheet
235Kb / 6P
   Dual 1 Form B Solid State Relay
Rev. 1.3, 01-Dec-05
logo
Solid State Optronic
AD4C112 SSOUSA-AD4C112 Datasheet
207Kb / 5P
   Dual 1 Form B Solid State Relay
AD4C213 SSOUSA-AD4C213_15 Datasheet
358Kb / 9P
   1 Form A / 1 Form B Integrated in 1 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com