Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS8856-50PE Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FS8856-50PE
Description  550mA LDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FS8856-50PE Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FS8856-50PE Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8856-50PE Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8856-50PE Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8856-50PE Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8856-50PE Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8856-50PE Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8856-50PE Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8856-50PE Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8856-50PE Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
FS8856
550mA LDO Linear Regulator
Fortune Semiconductor Co.
TEL : +886-2-2809-4742
2/13
TD-0405008
Rev. 1.3
http://www.fsc.com.tw
FAX: +886-2-2809-4874
P
Piin
n C
Coon
nffiiggu
urraattiioon
nss
(BOTTOM VIEW)
P
Paacck
kaaggee M
Maarrk
kiin
ngg IIn
nffoorrm
maattiioon
n
EX:FS8856-33CL
xxxx:Date Code
EX:FS8856-33PL
xxxx:Date Code
FS8856
xxxxxxxx
FS8856
xxxxxxxx
1
2
3
1
2
3
SOT-223
SOT-89
Part No. Pin 1 Pin 2 Pin 3
FS8856
-xxxG
IN
GND OUT
FS8856
-xxxH
GND
IN
OUT
FS8856
-xxxJ
GND OUT
IN
FS8856
-xxxX
OUT GND
IN
Part No. Pin 1 Pin 2 Pin 3
FS8856
-xxxK
IN
GND OUT
FS8856
-xxxL
GND
IN
OUT
FS8856
-xxxI
OUT GND
IN
FS8856
-xxxY
GND OUT
IN
Part No. Pin 1 Pin 2 Pin 3
FS8856
-xxxD
IN
GND OUT
FS8856
-xxxE
GND
IN
OUT
FS8856
-xxxF
OUT GND
IN
FS8856
-xxxW
GND OUT
IN
TO-92
1
2
3
FS8856
33CLxxxx
FS8856
33PLxxxx


Similar Part No. - FS8856-50PE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
logo
List of Unclassifed Man...
FS8853-13CA ETC-FS8853-13CA Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
FS8853-13CB ETC-FS8853-13CB Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
FS8853-13CC ETC-FS8853-13CC Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
More results

Similar Description - FS8856-50PE

ManufacturerPart #DatasheetDescription
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
   LDO Linear Regulator
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
   LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3200 AAT-AAT3200 Datasheet
178Kb / 16P
   OmniPower??LDO Linear Regulator
logo
SHENZHEN FUMAN ELECTRON...
FM6219 FUMAN-FM6219 Datasheet
1Mb / 4P
   200mA LDO Linear Regulator
logo
DATEL, Inc.
LVR-7815LE DATEL-LVR-7815LE Datasheet
149Kb / 1P
   LDO Linear Voltage Regulator
logo
Texas Instruments
UC282-1 TI1-UC282-1_16 Datasheet
869Kb / 16P
[Old version datasheet]   Fast LDO LINEAR REGULATOR
logo
List of Unclassifed Man...
FS8855 ETC1-FS8855 Datasheet
624Kb / 13P
   500mA LDO Linear Regulator
FS8854 ETC1-FS8854 Datasheet
597Kb / 13P
   350mA LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com