Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC2602 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2602
Description  Synchronous Voltage Mode Controller for Distributed Power Supply Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2602 Datasheet(HTML) 1 Page - Semtech Corporation

  SC2602 Datasheet HTML 1Page - Semtech Corporation SC2602 Datasheet HTML 2Page - Semtech Corporation SC2602 Datasheet HTML 3Page - Semtech Corporation SC2602 Datasheet HTML 4Page - Semtech Corporation SC2602 Datasheet HTML 5Page - Semtech Corporation SC2602 Datasheet HTML 6Page - Semtech Corporation SC2602 Datasheet HTML 7Page - Semtech Corporation SC2602 Datasheet HTML 8Page - Semtech Corporation SC2602 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC2602/SC2602A
Synchronous Voltage Mode Controller
for Distributed Power Supply Applications
Features
Applications
Revision: October 13, 2004
Typical Application Circuit
Description
Synchronous operation for high efficiency (95%)
R
DS(ON) current sensing
On-chip power good and OVP functions
Small size with minimum external components
Soft Start
Enable function
Microprocessor core supply
Low cost synchronous applications
Voltage Regulator Modules (VRM)
DDR termination supplies
Networking power supplies
Sequenced power supplies
The SC2602 and SC2602A are low-cost, full featured,
synchronous voltage-mode controllers designed for use
in single ended power supply applications where efficiency
is of primary concern. Synchronous operation allows for
the elimination of heat sinks in many applications. The
SC2602s are ideal for implementing DC/DC converters
needed to power advanced microprocessors in low cost
systems, or in distributed power applications where effi-
ciency is important. Internal level-shift, high-side drive
circuitry, and preset shoot-thru control, allows the use of
inexpensive N-channel power switches.
SC2602s features include temperature compensated
voltage reference, triangle wave oscillator and current
sense comparator circuitry. Power good signaling, shut-
down, and over voltage protection are also provided.
The SC2602 operates at a fixed 200kHz and the
SC2602A at 500kHz, providing a choice for optimum
compromise between efficiency, external component size,
and cost.
Two SC2602s can be used together to sequence power up
of telecom systems. The power good of the first SC2602
connected to the enable of the second SC2602 makes
this possible.
Typical Distributed Power Supply
Figure 1.
VCC
1
PWRGD
2
OVP
3
OCSET
4
PHASE
5
DRVH
6
PGND
7
DRVL
8
BSTL
9
BSTH
10
SENSE
11
SS/SHDN
13
GND
14
U1
SC2602
Q1
STP40NE
Q2
STP40NE
R5
3.9
L1
2uH
C9
180/4V
C10
180/4V
C11
180/4V
C12
180/4V
C7
680/6.3V
C6
680/6.3V
R1
1k
R3
1k
C2
0.1
C3
0.1
C1
0.1
R2
PWRGD
OVP
SHDN
+
_
+
_
Vin
5V
Vout=2.5V
*
R7
127
R8
124*
NOTE:
*) Vout = 1.265 x (1+R8/R7)
+5V
D1
MBR0520
R6
2.2
C4
1.0
C5
10.0
C8
680/6.3V
R4
10
+12V
C13
180/4V
0.1
COMP
12
4.99K
820pF


Similar Part No. - SC2602

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2602 SEMTECH-SC2602 Datasheet
310Kb / 16P
   Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC2602A SEMTECH-SC2602A Datasheet
310Kb / 16P
   Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC2602ASTRT SEMTECH-SC2602ASTRT Datasheet
310Kb / 16P
   Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC2602EVB SEMTECH-SC2602EVB Datasheet
310Kb / 16P
   Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC2602L SEMTECH-SC2602L Datasheet
462Kb / 14P
   Synchronous Voltage Mode Controller for Distributed Power Supply
More results

Similar Description - SC2602

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1102 SEMTECH-SC1102_06 Datasheet
258Kb / 12P
   Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC2602_0411 SEMTECH-SC2602_0411 Datasheet
310Kb / 16P
   Synchronous Voltage Mode Controller for Distributed Power Supply Applications
SC2602L SEMTECH-SC2602L Datasheet
462Kb / 14P
   Synchronous Voltage Mode Controller for Distributed Power Supply
SC1102 SEMTECH-SC1102 Datasheet
146Kb / 10P
   SYNCHRONOUS DC/DC CONTROLLER FOR DISTRIBUTED POWER SUPPLY APPLICATIONS
logo
International Rectifier
IRU3038 IRF-IRU3038 Datasheet
139Kb / 18P
   SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
IRU3138 IRF-IRU3138 Datasheet
281Kb / 18P
   SYNCHRONOUS PWM CONTROLLER FOR TERMINATION POWER SUPPLY APPLICATIONS
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
   Digital Controller for Isolated Power Supply Applications
Rev. PrA
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
   Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
   Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Semtech Corporation
SC470 SEMTECH-SC470 Datasheet
559Kb / 31P
   Synchronous Buck Controller for Dynamic Load-Voltage Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com