Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC3924 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC3924
Description  HIGH-VOLTAGE HOT-SWAP POWER MANAGER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC3924 Datasheet(HTML) 2 Page - Texas Instruments

  UCC3924 Datasheet HTML 1Page - Texas Instruments UCC3924 Datasheet HTML 2Page - Texas Instruments UCC3924 Datasheet HTML 3Page - Texas Instruments UCC3924 Datasheet HTML 4Page - Texas Instruments UCC3924 Datasheet HTML 5Page - Texas Instruments UCC3924 Datasheet HTML 6Page - Texas Instruments UCC3924 Datasheet HTML 7Page - Texas Instruments UCC3924 Datasheet HTML 8Page - Texas Instruments UCC3924 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UCC3923, UCC3924, UCC3925, UCC3926, UCC3927, UCC3928
HIGHVOLTAGE HOT SWAP POWER MANAGER
SLUS471 – NOVEMBER 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
UDG–00151
+
+
R
SQ
Q
R
+
+
8
9
13
6
4
20
1
99 R
+
+
3
2
19
+
+
+
+
+
3 V
2 V
1 V
0 V
12
11
14
15
16
17
18
10
5
ON
INSA
UVLO
REF
OVLO
–VIN
IRAMP
FLTTIME
SEQTIME
FAULT
ISENS
GATE
PG1
PG2
PG3
PG4
PG5
DRAINSENS
GND
INSB
+
5 V
1.25 V
1.4 V
4V
1.5 V
TIMER
LOAD
7
4 V
‡ 20-pin package shown. Pin numbers are for counting purposes only, Actual pin locations are dependent upon customer requirements and
precedence of other products.
DETAILED OPTION MATRIX
PIN NAME
DESCRIPTION
UCC3923
UCC3924
UCC3925
UCC3926
UCC3927
UCC3928
UVLO
Undervoltage input
X
X
X
X
OVLO
Overvoltage input
X
X
PGx
PG output(s)
1
5
1
5
REF
Reference output
X
X
X
X
INSA, INSB
Insert detect
X
X
X
X
DRAINSENS
Power good detection input
X
X
X
X
SEQTIME
Programming for downstream load sequencing
X
X
8–Pin TSSOP
X
X
Packages
14–Pin TSSOP
X
X
ac ages
20–Pin TSSOP
X
X


Similar Part No. - UCC3924

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3920 TI1-UCC3920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC3920DP TI1-UCC3920DP Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC3920N TI1-UCC3920N Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC3921 TI-UCC3921 Datasheet
497Kb / 11P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC3921D TI1-UCC3921D Datasheet
1Mb / 16P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
More results

Similar Description - UCC3924

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
[Old version datasheet]   Negative Voltage Hot Swap Power Manager
UCC2913 TI1-UCC2913_15 Datasheet
914Kb / 21P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
UCC3917D TI1-UCC3917D Datasheet
1Mb / 25P
[Old version datasheet]   Positive Floating Hot-Swap Power Manager
TPS2306 TI-TPS2306 Datasheet
407Kb / 28P
[Old version datasheet]   DUAL SEQUENCING HOT SWAP POWER MANAGER
UCC39151 TI-UCC39151 Datasheet
203Kb / 6P
[Old version datasheet]   15V Programmable Hot Swap Power Manager
UCC1917 TI-UCC1917 Datasheet
228Kb / 9P
[Old version datasheet]   Positive Floating Hot Swap Power Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com