Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP1591 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MP1591
Description  2A, 32V, 330KHz Step-Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MP1591 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MP1591 Datasheet HTML 2Page - List of Unclassifed Manufacturers MP1591 Datasheet HTML 3Page - List of Unclassifed Manufacturers MP1591 Datasheet HTML 4Page - List of Unclassifed Manufacturers MP1591 Datasheet HTML 5Page - List of Unclassifed Manufacturers MP1591 Datasheet HTML 6Page - List of Unclassifed Manufacturers MP1591 Datasheet HTML 7Page - List of Unclassifed Manufacturers MP1591 Datasheet HTML 8Page - List of Unclassifed Manufacturers MP1591 Datasheet HTML 9Page - List of Unclassifed Manufacturers MP1591 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MP1591 – 2A, 32V, 330KHz STEP-DOWN CONVERTER
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP1591 Rev. 1.8
www.MonolithicPower.com
10
7/22/2005
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2005 MPS. All Rights Reserved.
TM
PACKAGE INFORMATION
SOIC8 OR SOIC8N (WITH EXPOSED PAD)
NOTE:
1) Control dimension is in inches. Dimension in bracket is millimeters.
2) Heat Slug Option Only (N Package)
0.016(0.410)
0.050(1.270)
0o-8o
DETAIL "A"
0.011(0.280)
0.020(0.508)
x 45o
SEE DETAIL "A"
0.0075(0.191)
0.0098(0.249)
0.229(5.820)
0.244(6.200)
SEATING PLANE
0.001(0.030)
0.004(0.101)
0.189(4.800)
0.197(5.004)
0.053(1.350)
0.068(1.730)
0.049(1.250)
0.060(1.524)
0.150(3.810)
0.157(4.000)
PIN 1 IDENT.
0.050(1.270)BSC
0.013(0.330)
0.020(0.508)
NOTE 2
0.110(2.794)
0.150(3.810)


Similar Part No. - MP1591

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1591 MPS-MP1591 Datasheet
229Kb / 10P
   2A, 32V, 330KHz Step-Down Converter
MP1591 MPS-MP1591 Datasheet
254Kb / 11P
   2A, 32V, 330KHz Step-Down Converter
MP1591DN MPS-MP1591DN Datasheet
203Kb / 4P
   2A, 32V, 330KHz Step-Down Converter
MP1591DN MPS-MP1591DN Datasheet
229Kb / 10P
   2A, 32V, 330KHz Step-Down Converter
MP1591DN MPS-MP1591DN Datasheet
254Kb / 11P
   2A, 32V, 330KHz Step-Down Converter
More results

Similar Description - MP1591

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1591 MPS-MP1591_06 Datasheet
254Kb / 11P
   2A, 32V, 330KHz Step-Down Converter
MP1591 MPS-MP1591 Datasheet
229Kb / 10P
   2A, 32V, 330KHz Step-Down Converter
EV0020 MPS-EV0020 Datasheet
203Kb / 4P
   2A, 32V, 330KHz Step-Down Converter
MP2374 MPS-MP2374 Datasheet
312Kb / 11P
   6.5V-32V Input, 1A, 330kHz Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1519 TECHCODE-TD1519 Datasheet
939Kb / 14P
   2A 32V Synchronous Rectified Step-Down Converter
TD1519A TECHCODE-TD1519A Datasheet
946Kb / 14P
   2A 32V Synchronous Rectified Step-Down Converter
logo
Skyworks Solutions Inc.
AAT1153 SKYWORKS-AAT1153 Datasheet
1Mb / 19P
   2A Step-Down Converter
logo
Advanced Analogic Techn...
AAT1153 ANALOGICTECH-AAT1153_08 Datasheet
685Kb / 19P
   2A Step-Down Converter
AAT1153 ANALOGICTECH-AAT1153 Datasheet
692Kb / 20P
   2A Step-Down Converter
logo
Microsemi Corporation
LX3005 MICROSEMI-LX3005 Datasheet
104Kb / 3P
   2A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com