Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM51W17400LS-5 Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HM51W17400LS-5
Description  4,194,304-word x 4-bit Dynamic RAM
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM51W17400LS-5 Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HM51W17400LS-5 Datasheet HTML 3Page - Hitachi Semiconductor HM51W17400LS-5 Datasheet HTML 4Page - Hitachi Semiconductor HM51W17400LS-5 Datasheet HTML 5Page - Hitachi Semiconductor HM51W17400LS-5 Datasheet HTML 6Page - Hitachi Semiconductor HM51W17400LS-5 Datasheet HTML 7Page - Hitachi Semiconductor HM51W17400LS-5 Datasheet HTML 8Page - Hitachi Semiconductor HM51W17400LS-5 Datasheet HTML 9Page - Hitachi Semiconductor HM51W17400LS-5 Datasheet HTML 10Page - Hitachi Semiconductor HM51W17400LS-5 Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
HM51W16400 Series, HM51W17400 Series
7
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Voltage on any pin relative to V
SS
V
T
–0.5 to V
CC + 0.5 (≤ +4.6 V (max))
V
Supply voltage relative to V
SS
V
CC
–0.5 to +4.6
V
Short circuit output current
Iout
50
mA
Power dissipation
P
T
1.0
W
Operating temperature
Topr
0 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Recommended DC Operating Conditions (Ta = 0 to +70˚C)
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Supply voltage
V
CC
3.0
3.3
3.6
V
1, 2
Input high voltage
V
IH
2.0
V
CC + 0.3
V
1
Input low voltage
V
IL
–0.3
0.8
V
1
Note:
1. All voltage referred to V
SS.


Similar Part No. - HM51W17400LS-5

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM51W17405 ELPIDA-HM51W17405 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM51W17405LS-5 ELPIDA-HM51W17405LS-5 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM51W17405LS-6 ELPIDA-HM51W17405LS-6 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM51W17405LS-7 ELPIDA-HM51W17405LS-7 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM51W17405LTS-5 ELPIDA-HM51W17405LTS-5 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
More results

Similar Description - HM51W17400LS-5

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5116400 HITACHI-HM5116400 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5116400BSJ TOSHIBA-TC5116400BSJ Datasheet
442Kb / 8P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5116400J TOSHIBA-TC5116400J Datasheet
1Mb / 25P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5117400BSJ TOSHIBA-TC5117400BSJ Datasheet
1Mb / 21P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC514100AP TOSHIBA-TC514100AP Datasheet
635Kb / 21P
   4,194,304 WORD x BIT DYNAMIC RAM
TC514100APL TOSHIBA-TC514100APL Datasheet
632Kb / 21P
   4,194,304 WORD x BIT DYNAMIC RAM
TC514101AP TOSHIBA-TC514101AP Datasheet
721Kb / 23P
   4,194,304 WORD x 1 BIT DYNAMIC RAM
logo
List of Unclassifed Man...
TC514100J-10 ETC-TC514100J-10 Datasheet
647Kb / 24P
   4,194,304 WORD X 1 BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5141001 TOSHIBA-TC5141001 Datasheet
647Kb / 24P
   4,194,304 WORD x 1 BIT DYNAMIC RAM
logo
OKI electronic componet...
MD56V62400 OKI-MD56V62400 Datasheet
303Kb / 28P
   4-Bank x 4,194,304-Word x 4-Bit SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com