Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5752 Datasheet(PDF) 8 Page - NEC

Part # 2SC5752
Description  NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5752 Datasheet(HTML) 8 Page - NEC

Back Button 2SC5752 Datasheet HTML 4Page - NEC 2SC5752 Datasheet HTML 5Page - NEC 2SC5752 Datasheet HTML 6Page - NEC 2SC5752 Datasheet HTML 7Page - NEC 2SC5752 Datasheet HTML 8Page - NEC 2SC5752 Datasheet HTML 9Page - NEC 2SC5752 Datasheet HTML 10Page - NEC 2SC5752 Datasheet HTML 11Page - NEC 2SC5752 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Data Sheet P15658EJ1V0DS
8
2SC5752
VCE = 3 V, IC = 3 mA, ZO = 50
Frequency
S11
S21
S12
S22
K
MAG/MSG
(GHz)
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
MAG.
ANG.
(dB)
(deg.)
(deg.)
(deg.)
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
0.911
0.873
0.823
0.782
0.743
0.717
0.694
0.679
0.669
0.662
0.660
0.655
0.660
0.658
0.664
0.663
0.670
0.675
0.678
0.684
0.693
0.698
0.703
0.707
0.714
0.720
0.728
0.736
0.744
0.743
−23.1
−45.3
−66.2
−83.2
−98.1
−111.0
−122.6
−131.9
−140.9
−148.8
−156.0
−162.4
−168.6
−174.0
−179.3
176.2
171.9
167.8
163.7
159.9
156.7
153.5
150.4
147.6
144.9
142.1
139.4
137.0
135.2
132.5
9.644
8.888
8.119
7.237
6.474
5.762
5.184
4.679
4.287
3.926
3.621
3.351
3.125
2.913
2.726
2.557
2.411
2.268
2.142
2.019
1.927
1.825
1.745
1.658
1.587
1.509
1.440
1.374
1.320
1.271
165.0
149.5
135.8
124.8
115.2
107.4
99.9
93.8
87.9
82.4
77.4
72.9
68.1
63.7
59.6
55.4
51.5
47.7
43.9
40.0
36.4
32.8
29.3
25.9
22.5
19.4
16.3
13.3
10.5
7.6
0.027
0.050
0.068
0.081
0.089
0.095
0.099
0.100
0.101
0.101
0.101
0.100
0.099
0.098
0.096
0.095
0.093
0.091
0.090
0.089
0.088
0.087
0.086
0.086
0.086
0.087
0.088
0.089
0.091
0.092
74.7
63.9
52.5
44.2
36.5
30.6
26.1
22.2
18.8
16.3
13.9
12.2
10.5
9.4
8.4
7.9
7.5
7.4
7.6
8.4
9.4
11.0
12.3
14.0
15.5
17.2
18.7
19.8
20.9
22.5
0.982
0.918
0.853
0.773
0.706
0.642
0.598
0.553
0.524
0.495
0.480
0.460
0.451
0.439
0.435
0.425
0.426
0.418
0.424
0.420
0.430
0.432
0.444
0.447
0.459
0.463
0.472
0.476
0.488
0.491
−12.0
−23.6
−33.1
−41.4
−47.6
−53.3
−57.8
−62.2
−66.0
−70.0
−73.5
−77.6
−81.1
−85.0
−88.7
−92.8
−96.7
−101.0
−105.3
−109.6
−114.2
−118.3
−122.7
−126.6
−130.8
−134.8
−138.8
−142.2
−145.3
−149.4
0.066
0.094
0.145
0.185
0.241
0.288
0.336
0.393
0.436
0.491
0.530
0.591
0.628
0.691
0.731
0.802
0.848
0.914
0.963
1.030
1.040
1.099
1.122
1.182
1.192
1.217
1.221
1.228
1.211
1.259
25.56
22.50
20.74
19.50
18.60
17.83
17.21
16.71
16.26
15.89
15.54
15.24
14.99
14.74
14.52
14.30
14.14
13.96
13.78
12.52
12.19
11.32
10.94
10.29
10.02
9.58
9.30
8.99
8.86
8.34


Similar Part No. - 2SC5752

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
2SC5752 CEL-2SC5752 Datasheet
3Mb / 17P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
logo
Renesas Technology Corp
2SC5752 RENESAS-2SC5752 Datasheet
224Kb / 22P
   NPN SILICON RF TRANSISTOR
2001
2SC5752-T1 RENESAS-2SC5752-T1 Datasheet
224Kb / 22P
   NPN SILICON RF TRANSISTOR
2001
2SC5752 RENESAS-2SC5752_15 Datasheet
225Kb / 22P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
More results

Similar Description - 2SC5752

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5752 RENESAS-2SC5752_15 Datasheet
225Kb / 22P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
2SC5750 RENESAS-2SC5750_15 Datasheet
216Kb / 18P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) 4-PIN SUPER MINIMOLD
2SC5753 RENESAS-2SC5753_15 Datasheet
224Kb / 22P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
2SC5751 RENESAS-2SC5751_15 Datasheet
217Kb / 18P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD
logo
NEC
2SC5754 NEC-2SC5754 Datasheet
89Kb / 13P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
logo
Renesas Technology Corp
2SC5754 RENESAS-2SC5754_15 Datasheet
222Kb / 15P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W) FLAT-LEAD 4-PIN THIN-TYPE SUPER MINIMOLD (M04)
NESG2101M05 RENESAS-NESG2101M05 Datasheet
172Kb / 15P
   NPN SiGe RF Transistor for Medium Output Power Amplification 125 mW
logo
NEC
NESG2101M16 NEC-NESG2101M16_1 Datasheet
135Kb / 13P
   NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (125 mW) 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
Renesas Technology Corp
2SC5750 RENESAS-2SC5750 Datasheet
216Kb / 18P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
July 2001
logo
California Eastern Labs
2SC5752 CEL-2SC5752 Datasheet
3Mb / 17P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com